Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TSL257T Datasheet(PDF) 3 Page - ams AG

Part # TSL257T
Description  HIGH-SENSITIVITY LIGHT-TO-VOLTAGE CONVERTER
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMSCO [ams AG]
Direct Link  http://www.ams.com
Logo AMSCO - ams AG

TSL257T Datasheet(HTML) 3 Page - ams AG

  TSL257T Datasheet HTML 1Page - ams AG TSL257T Datasheet HTML 2Page - ams AG TSL257T Datasheet HTML 3Page - ams AG TSL257T Datasheet HTML 4Page - ams AG TSL257T Datasheet HTML 5Page - ams AG TSL257T Datasheet HTML 6Page - ams AG TSL257T Datasheet HTML 7Page - ams AG TSL257T Datasheet HTML 8Page - ams AG TSL257T Datasheet HTML 9Page - ams AG Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 11 page
background image
TSL257T
HIGH-SENSITIVITY
LIGHT-TO-VOLTAGE CONVERTER
TAOS065B − APRIL 2007
2
r
r
Copyright E 2007, TAOS Inc.
The LUMENOLOGY r Company
www.taosinc.com
Absolute Maximum Ratings over operating free-air temperature range (unless otherwise noted)
Supply voltage, VDD (see Note 1)
6 V
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
Output current, IO
±10 mA
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
Duration of short-circuit current at (or below) 25°C
5 s
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
Operating free-air temperature range, TA
−25°C to 85°C
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
Storage temperature range, Tstg
−25°C to 85°C
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
Solder conditions in accordance with JEDEC−J−SRD−020A, maximum temperature
260°C
. . . . . . . . . . . . . .
Stresses beyond those listed under “absolute maximum ratings” may cause permanent damage to the device. These are stress ratings only, and
functional operation of the device at these or any other conditions beyond those indicated under “recommended operating conditions” is not
implied. Exposure to absolute-maximum-rated conditions for extended periods may affect device reliability.
NOTE 1: All voltages are with respect to GND.
Recommended Operating Conditions
MIN
MAX
UNIT
Supply voltage, VDD
2.7
5.5
V
Operating free-air temperature, TA
0
70
°C
Electrical Characteristics at VDD = 5 V, TA = 25°C, λp = 640 nm, RL = 10 kΩ (unless otherwise noted)
(see Notes 2, 3, and 4)
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
VD
Dark voltage
Ee = 0
0
15
mV
V
Maximum output voltage swing
VDD = 4.5 V,
No Load
4.49
V
VOM
Maximum output voltage swing
VDD = 4.5 V,
RL = 10 kΩ
4
4.2
V
VO
Output voltage
Ee = 2.93 μW/cm2
1.5
2
2.5
V
αVD
Temperature coefficient of dark voltage (VD)
TA = 0°C to 70°C
−15
μV/°C
Re
Irradiance responsivity
See Note 5
680
mV/(μW/cm2)
PSRR Power supply rejection ratio
fac = 100 Hz, see Note 6
55
dB
pp y j
fac = 1 kHz, see Note 6
35
dB
IDD
Supply current
Ee = 2.93 μW/cm2
2
3.8
mA
NOTES: 2. Measured with RL = 10 kΩ between output and ground.
3. Optical measurements are made using small-angle incident radiation from a light-emitting diode (LED) optical source.
4. The input irradiance Ee is supplied by an AlInGaP LED with peak wavelength λp = 640 nm.
5. Irradiance responsivity is characterized over the range VO = 0.1 V to 4.5 V. The best-fit straight line of Output Voltage VO versus
Irradiance Ee over this range will typically have a positive extrapolated VO value for Ee = 0.
6. Power supply rejection ratio PSRR is defined as 20 log (ΔVDD(f)/ΔVO(f)) with VDD(f = 0) = 5 V and VO(f = 0) = 2 V.
Switching Characteristics at VDD = 5 V, TA = 25°C, λp = 640 nm, RL = 10 kΩ (unless otherwise noted)
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
tr
Output pulse rise time, 10% to 90% of final value
See Note 10 and Figure 1
160
250
μs
tf
Output pulse fall time, 10% to 90% of final value
See Note 10 and Figure 1
150
250
μs
ts
Output settling time to 1% of final value
See Note 10 and Figure 1
330
μs
Integrated noise voltage
f = dc to 1 kHz
Ee = 0
200
μVrms
f = 10 Hz
Ee = 0
6
Vn
Output noise voltage, rms
f = 100 Hz
Ee = 0
6
μV/√Hz rms
n
pg ,
f = 1 kHz
Ee = 0
7
μ /
NOTE 7: Switching characteristics apply over the range VO = 0.1 V to 4.5 V.


Similar Part No. - TSL257T

ManufacturerPart #DatasheetDescription
logo
TEXAS ADVANCED OPTOELEC...
TSL257T TAOS-TSL257T Datasheet
176Kb / 10P
   HIGH-SENSITIVITY LIGHT-TO-VOLTAGE CONVERTER
More results

Similar Description - TSL257T

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
TSL257 ETC-TSL257 Datasheet
79Kb / 6P
   HIGHSENSITIVITY LIGHTTOVOLTAGE CONVERTER
logo
TEXAS ADVANCED OPTOELEC...
TSL257T TAOS-TSL257T Datasheet
176Kb / 10P
   HIGH-SENSITIVITY LIGHT-TO-VOLTAGE CONVERTER
logo
ams AG
TSL257 AMSCO-TSL257_V01 Datasheet
194Kb / 19P
   High-Sensitivity Light-to-Voltage Converter
2016-Jul-25
TSL257 AMSCO-TSL257 Datasheet
585Kb / 9P
   HIGH-SENSITIVITY LIGHT-TO-VOLTAGE CONVERTER
logo
TEXAS ADVANCED OPTOELEC...
TSL257 TAOS-TSL257 Datasheet
145Kb / 8P
   HIGH-SENSITIVITY LIGHT-TO-VOLTAGE CONVERTER
logo
ams AG
TSL257S AMSCO-TSL257S Datasheet
585Kb / 9P
   HIGH-SENSITIVITY LIGHT-TO-VOLTAGE CONVERTER
logo
TEXAS ADVANCED OPTOELEC...
TSL267 TAOS-TSL267 Datasheet
143Kb / 8P
   HIGH-SENSITIVITY IR LIGHT-TO-VOLTAGE CONVERTER
logo
ams AG
TSL267 AMSCO-TSL267 Datasheet
703Kb / 9P
   HIGH-SENSITIVITY IR LIGHT-TO-VOLTAGE CONVERTER
logo
List of Unclassifed Man...
TSL267 ETC-TSL267 Datasheet
73Kb / 6P
   HIGHSENSITIVITY IR LIGHTTOVOLTAGE CONVERTER
logo
ams AG
TSL237T AMSCO-TSL237T Datasheet
627Kb / 13P
   HIGH-SENSITIVITY LIGHT-TO-FREQUENCY CONVERTER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com