Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TSL257 Datasheet(PDF) 2 Page - ams AG

Part # TSL257
Description  HIGH-SENSITIVITY LIGHT-TO-VOLTAGE CONVERTER
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMSCO [ams AG]
Direct Link  http://www.ams.com
Logo AMSCO - ams AG

TSL257 Datasheet(HTML) 2 Page - ams AG

  TSL257 Datasheet HTML 1Page - ams AG TSL257 Datasheet HTML 2Page - ams AG TSL257 Datasheet HTML 3Page - ams AG TSL257 Datasheet HTML 4Page - ams AG TSL257 Datasheet HTML 5Page - ams AG TSL257 Datasheet HTML 6Page - ams AG TSL257 Datasheet HTML 7Page - ams AG TSL257 Datasheet HTML 8Page - ams AG TSL257 Datasheet HTML 9Page - ams AG  
Zoom Inzoom in Zoom Outzoom out
 2 / 9 page
background image
TSL257
HIGH-SENSITIVITY
LIGHT-TO-VOLTAGE CONVERTER
TAOS023E − SEPTEMBER 2007
1
The LUMENOLOGY r Company
r
r
Copyright E 2007, TAOS Inc.
www.taosinc.com
D Converts Light Intensity to Output Voltage
D Monolithic Silicon IC Containing
Photodiode, Operational Amplifier, and
Feedback Components
D High Sensitivity
D Single Voltage Supply Operation (2.7 V to
5.5 V)
D Low Noise (200 μVrms Typ to 1 kHz)
D Rail-to-Rail Output
D High Power-Supply Rejection (35 dB at
1 kHz)
D Compact 3-Leaded Plastic Package
D RoHS Compliant (−LF Package Only)
Description
The TSL257 is a high-sensitivity low-noise light-to-voltage optical converter that combines a photodiode and
a transimpedance amplifier on a single monolithic CMOS integrated circuit. Output voltage is directly
proportional to light intensity (irradiance) on the photodiode. The TSL257 has a transimpedance gain of 320 MΩ.
The device has improved offset voltage stability and low power consumption and is supplied in a 3-lead clear
plastic sidelooker package with an integral lens. When supplied in the lead (Pb) free package, the device is
RoHS compliant.
Functional Block Diagram
Voltage
Output
+
Available Options
DEVICE
TA
PACKAGE − LEADS
PACKAGE DESIGNATOR ORDERING NUMBER
TSL257
0°C to 70°C
3-lead Sidelooker
S
TSL257
TSL257
0°C to 70°C
3-lead Sidelooker — Lead (Pb) Free
S
TSL257−LF
TSL257
0°C to 70°C
3-lead Surface-Mount Sidelooker — Lead (Pb) Free
SM
TSL257SM−LF
Terminal Functions
TERMINAL
DESCRIPTION
NAME
NO.
DESCRIPTION
GND
1
Ground (substrate). All voltages are referenced to GND.
OUT
3
Output voltage
VDD
2
Supply voltage
r
r
Texas Advanced Optoelectronic Solutions Inc.
1001 Klein Road S Suite 300 S Plano, TX 75074 S (972) 673-0759
PACKAGE S
SIDELOOKER
(FRONT VIEW)
1
GND
2
VDD
3
OUT
PACKAGE SM
SURFACE MOUNT
SIDELOOKER
(FRONT VIEW)
1
GND
2
VDD
3
OUT


Similar Part No. - TSL257

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
TSL257 ETC-TSL257 Datasheet
79Kb / 6P
   HIGHSENSITIVITY LIGHTTOVOLTAGE CONVERTER
logo
TEXAS ADVANCED OPTOELEC...
TSL257 TAOS-TSL257 Datasheet
145Kb / 8P
   HIGH-SENSITIVITY LIGHT-TO-VOLTAGE CONVERTER
logo
ams AG
TSL257 AMSCO-TSL257 Datasheet
194Kb / 19P
   High-Sensitivity Light-to-Voltage Converter
2016-Jul-25
logo
TEXAS ADVANCED OPTOELEC...
TSL257-LF TAOS-TSL257-LF Datasheet
145Kb / 8P
   HIGH-SENSITIVITY LIGHT-TO-VOLTAGE CONVERTER
TSL2571 TAOS-TSL2571 Datasheet
221Kb / 24P
   LIGHT-TO-DIGITAL CONVERTER
More results

Similar Description - TSL257

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
TSL257 ETC-TSL257 Datasheet
79Kb / 6P
   HIGHSENSITIVITY LIGHTTOVOLTAGE CONVERTER
logo
TEXAS ADVANCED OPTOELEC...
TSL257T TAOS-TSL257T Datasheet
176Kb / 10P
   HIGH-SENSITIVITY LIGHT-TO-VOLTAGE CONVERTER
logo
ams AG
TSL257 AMSCO-TSL257_V01 Datasheet
194Kb / 19P
   High-Sensitivity Light-to-Voltage Converter
2016-Jul-25
logo
TEXAS ADVANCED OPTOELEC...
TSL257 TAOS-TSL257 Datasheet
145Kb / 8P
   HIGH-SENSITIVITY LIGHT-TO-VOLTAGE CONVERTER
logo
ams AG
TSL257S AMSCO-TSL257S Datasheet
585Kb / 9P
   HIGH-SENSITIVITY LIGHT-TO-VOLTAGE CONVERTER
TSL257T AMSCO-TSL257T Datasheet
615Kb / 11P
   HIGH-SENSITIVITY LIGHT-TO-VOLTAGE CONVERTER
logo
TEXAS ADVANCED OPTOELEC...
TSL267 TAOS-TSL267 Datasheet
143Kb / 8P
   HIGH-SENSITIVITY IR LIGHT-TO-VOLTAGE CONVERTER
logo
ams AG
TSL267 AMSCO-TSL267 Datasheet
703Kb / 9P
   HIGH-SENSITIVITY IR LIGHT-TO-VOLTAGE CONVERTER
logo
List of Unclassifed Man...
TSL267 ETC-TSL267 Datasheet
73Kb / 6P
   HIGHSENSITIVITY IR LIGHTTOVOLTAGE CONVERTER
logo
ams AG
TSL237T AMSCO-TSL237T Datasheet
627Kb / 13P
   HIGH-SENSITIVITY LIGHT-TO-FREQUENCY CONVERTER
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com