Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TSL254R Datasheet(PDF) 2 Page - ams AG

Part # TSL254R
Description  LIGHT-TO-VOLTAGE OPTICAL SENSOR
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMSCO [ams AG]
Direct Link  http://www.ams.com
Logo AMSCO - ams AG

TSL254R Datasheet(HTML) 2 Page - ams AG

  TSL254R Datasheet HTML 1Page - ams AG TSL254R Datasheet HTML 2Page - ams AG TSL254R Datasheet HTML 3Page - ams AG TSL254R Datasheet HTML 4Page - ams AG TSL254R Datasheet HTML 5Page - ams AG TSL254R Datasheet HTML 6Page - ams AG TSL254R Datasheet HTML 7Page - ams AG TSL254R Datasheet HTML 8Page - ams AG TSL254R Datasheet HTML 9Page - ams AG Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 11 page
background image
TSL254R
LIGHT-TO-VOLTAGE OPTICAL SENSOR
TAOS071C − SEPTEMBER 2007
1
The LUMENOLOGY r Company
r
r
Copyright E 2007, TAOS Inc.
www.taosinc.com
D Monolithic Silicon IC Containing
Photodiode, Operational Amplifier, and
Feedback Components
D Converts Light Intensity to a Voltage
D Irradiance Responsivity, Typically
9 mV/(mW/cm2) at lp = 635 nm
D Compact 3-Lead Clear Plastic Package
D Single Voltage Supply Operation
D Low Dark (Offset) Voltage....10 mV Max
D Low Supply Current......1.1 mA Typical
D Wide Supply-Voltage Range.... 2.7 V to 5.5 V
D Replacement for TSL254
D RoHS Compliant (−LF Package Only)
Description
The TSL254R is a light-to-voltage optical sensor combining a photodiode and a transimpedance amplifier
(feedback resistor = 1 MΩ) on a single monolithic IC. Output voltage is directly proportional to the light intensity
(irradiance) on the photodiode. The device has improved amplifier offset-voltage stability and low power
consumption and is supplied in a 3-lead clear plastic sidelooker package with an integral lens. When supplied
in the lead (Pb) free package, the device is RoHS compliant.
Functional Block Diagram
Voltage
Output
+
Available Options
DEVICE
TA
PACKAGE − LEADS
PACKAGE DESIGNATOR ORDERING NUMBER
TSL254R
0°C to 70°C
3-lead Sidelooker
S
TSL254R
TSL254R
0°C to 70°C
3-lead Sidelooker — Lead (Pb) Free
S
TSL254R−LF
TSL254R
0°C to 70°C
3-lead Surface-Mount Sidelooker — Lead (Pb) Free
SM
TSL254RSM−LF
Terminal Functions
TERMINAL
DESCRIPTION
NAME
NO.
DESCRIPTION
GND
1
Ground (substrate). All voltages are referenced to GND.
OUT
3
Output voltage
VDD
2
Supply voltage
r
r
Texas Advanced Optoelectronic Solutions Inc.
1001 Klein Road S Suite 300 S Plano, TX 75074 S (972) 673-0759
PACKAGE S
SIDELOOKER
(FRONT VIEW)
1
GND
2
VDD
3
OUT
PACKAGE SM
SURFACE MOUNT
SIDELOOKER
(FRONT VIEW)
1
GND
2
VDD
3
OUT


Similar Part No. - TSL254R

ManufacturerPart #DatasheetDescription
logo
TEXAS ADVANCED OPTOELEC...
TSL254R TAOS-TSL254R Datasheet
157Kb / 10P
   LIGHT-TO-VOLTAGE OPTICAL SENSOR
TSL254R-LF TAOS-TSL254R-LF Datasheet
157Kb / 10P
   LIGHT-TO-VOLTAGE OPTICAL SENSOR
TSL254RSM-LF TAOS-TSL254RSM-LF Datasheet
157Kb / 10P
   LIGHT-TO-VOLTAGE OPTICAL SENSOR
More results

Similar Description - TSL254R

ManufacturerPart #DatasheetDescription
logo
TEXAS ADVANCED OPTOELEC...
TSL254R TAOS-TSL254R Datasheet
157Kb / 10P
   LIGHT-TO-VOLTAGE OPTICAL SENSOR
logo
ams AG
TSL253R AMSCO-TSL253R Datasheet
596Kb / 11P
   LIGHT-TO-VOLTAGE OPTICAL SENSOR
TSL253 AMSCO-TSL253 Datasheet
596Kb / 11P
   LIGHT-TO-VOLTAGE OPTICAL SENSOR
logo
TEXAS ADVANCED OPTOELEC...
TSL253R TAOS-TSL253R Datasheet
157Kb / 10P
   LIGHT-TO-VOLTAGE OPTICAL SENSOR
logo
ams AG
TSL254 AMSCO-TSL254 Datasheet
596Kb / 11P
   LIGHT-TO-VOLTAGE OPTICAL SENSOR
TSL250RD AMSCO-TSL250RD Datasheet
627Kb / 13P
   LIGHT-TO-VOLTAGE OPTICAL SENSORS
TSL250R AMSCO-TSL250R Datasheet
601Kb / 11P
   LIGHT-TO-VOLTAGE OPTICAL SENSORS
TSL250R AMSCO-TSL250R_V01 Datasheet
232Kb / 20P
   Light-to-Voltage Optical Sensors
2016-May-30
logo
TEXAS ADVANCED OPTOELEC...
TSL250RD TAOS-TSL250RD Datasheet
189Kb / 12P
   LIGHT-TO-VOLTAGE OPTICAL SENSORS
logo
Texas Instruments
TSL250 TI-TSL250 Datasheet
91Kb / 6P
[Old version datasheet]   LIGHT-TO-VOLTAGE OPTICAL SENSORS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com