Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

DS92LV3242TVSX Datasheet(PDF) 8 Page - Texas Instruments

Part # DS92LV3242TVSX
Description  DS92LV3241/DS92LV3242 20-85 MHz 32-Bit Channel Link II Serializer / Deserializer
Download  31 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

DS92LV3242TVSX Datasheet(HTML) 8 Page - Texas Instruments

Back Button DS92LV3242TVSX Datasheet HTML 4Page - Texas Instruments DS92LV3242TVSX Datasheet HTML 5Page - Texas Instruments DS92LV3242TVSX Datasheet HTML 6Page - Texas Instruments DS92LV3242TVSX Datasheet HTML 7Page - Texas Instruments DS92LV3242TVSX Datasheet HTML 8Page - Texas Instruments DS92LV3242TVSX Datasheet HTML 9Page - Texas Instruments DS92LV3242TVSX Datasheet HTML 10Page - Texas Instruments DS92LV3242TVSX Datasheet HTML 11Page - Texas Instruments DS92LV3242TVSX Datasheet HTML 12Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 31 page
background image
DS92LV3241, DS92LV3242
SNLS314D – SEPTEMBER 2009 – REVISED APRIL 2013
www.ti.com
Electrical Characteristics
(1) (2)
Over recommended operating supply and temperature ranges unless otherwise specified.
Symbol
Parameter
Conditions
Min
Typ
Max
Units
LVCMOS DC SPECIFICATIONS
VIH
High Level Input Voltage
Tx: IOVDD = 1.71V to 1.89V
0.65 x
IOVDD +
IOVDD
0.3
V
Tx: IOVDD = 3.135V to 3.465V
2.0
VDD
Rx
VIL
Low Level Input Voltage
Tx: IOVDD = 1.71V to 1.89V
0.35 x
GND
IOVDD
V
Tx: IOVDD = 3.135V to 3.465V
GND
0.8
Rx
VCL
Input Clamp Voltage
ICL = −18 mA
−0.8
−1.5
V
IIN
Input Current
Tx: VIN = 0V or 3.465V(1.89V)
−10
+10
IOVDD = 3.465V(1.89V)
µA
Rx: VIN = 0V or 3.465V
−10
+10
VOH
High Level Output Voltage
IOH = −2mA (Dual)
2.4
3.0
VDD
V
IOH = −2mA (Quad)
VOL
Low Level Output Voltage
IOH = −2mA (Dual)
GND
0.33
0.5
V
IOH = −2mA (Quad)
IOS
Output Short Circuit Current
VOUT = 0V (Dual)
−22
−40
mA
VOUT = 0V (Quad)
−33
−70
mA
IOZ
TRI-STATE Output Current
PDB = 0V,
−10
+10
μA
VOUT = 0V or VDD
SERIALIZER LVDS DC SPECIFICATIONS
VOD
Output Differential Voltage
No pre-emphasis, VSEL = L
350
440
525
mVP-P
(VSEL = H)
(629)
(850)
(1000)
ΔVOD
Output Differential Voltage Unbalance
VSEL = L, No pre-emphasis
1
50
mVP-P
VOS
Offset Voltage
VSEL = L, No pre-emphasis
1.00
1.25
1.50
V
ΔVOS
Offset Voltage Unbalance
VSEL = L, No pre-emphasis
4
50
mV
IOS
Output Short Circuit Current
TxOUT[3:0] = 0V, PDB = VDD,
−2
−5
VSEL = L, No pre-emphasis
mA
TxOUT[3:0] = 0V, PDB = VDD,
−6
−10
VSEL = H, No pre-emphasis
IOZ
TRI-STATE Output Current
PDB = 0V,
−15
±1
+15
µA
TxOUT[3:0] = 0V OR VDD
PDB = VDD,
−15
±1
+15
µA
TxOUT[3:0] = 0V OR VDD
RT
Output Termination
Internal differential output termination
90
100
130
between differential pairs
SERIALIZER SUPPLY CURRENT (DVDD, PVDD AND AVDD PINS)(3)
IDDTQ
Serializer (Tx) Total Supply Current
f = 85 MHz, CHECKER BOARD pattern
150
200
Quad Mode
MODE = H, VSEL = H, PRE = OFF
(includes load current)
f = 85 MHz, CHECKER BOARD pattern
150
200
MODE = H, VSEL = H, RPRE = 12 k
mA
f = 85 MHz, RANDOM pattern
140
195
MODE = H, VSEL = H, PRE = OFF
f = 85 MHz, RANDOM pattern
140
195
MODE = H, VSEL = H, RPRE = 12 k
(1)
Typical values represent most likely parametric norms at VDD = 3.3V, TA = +25°C, and at the Recommended Operating Conditions at
the time of product characterization and are not verified.
(2)
Current into a the device is defined as positive. Current out of a device pin is defined as negative. Voltages are referenced to ground
except VOD, ΔVOD, VTH, VTL which are differential voltages.
(3)
DIGITAL, PLL, AND ANALOG VDDS
8
Submit Documentation Feedback
Copyright © 2009–2013, Texas Instruments Incorporated
Product Folder Links: DS92LV3241 DS92LV3242


Similar Part No. - DS92LV3242TVSX

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
DS92LV3242TVSX NSC-DS92LV3242TVSX Datasheet
1Mb / 30P
   20-85 MHz 32-Bit Channel Link II Serializer/Deserializer
logo
Texas Instruments
DS92LV3242TVSX TI-DS92LV3242TVSX Datasheet
1Mb / 31P
[Old version datasheet]   DS92LV3241/DS92LV3242 20-85 MHz 32-Bit Channel Link II Serializer / Deserializer
DS92LV3242TVSX/NOPB TI1-DS92LV3242TVSX/NOPB Datasheet
1Mb / 31P
[Old version datasheet]   20-85 MHz 32-Bit Channel Link II Serializer / Deserializer
More results

Similar Description - DS92LV3242TVSX

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
DS92LV3241TVSX TI-DS92LV3241TVSX Datasheet
1Mb / 31P
[Old version datasheet]   DS92LV3241/DS92LV3242 20-85 MHz 32-Bit Channel Link II Serializer / Deserializer
logo
National Semiconductor ...
DS92LV3241 NSC-DS92LV3241 Datasheet
1Mb / 30P
   20-85 MHz 32-Bit Channel Link II Serializer/Deserializer
logo
Texas Instruments
DS92LV3241 TI1-DS92LV3241_14 Datasheet
1Mb / 32P
[Old version datasheet]   20-85 MHz 32-Bit Channel Link II Serializer / Deserializer
DS92LV3241 TI1-DS92LV3241_15 Datasheet
1Mb / 31P
[Old version datasheet]   20-85 MHz 32-Bit Channel Link II Serializer / Deserializer
logo
National Semiconductor ...
DS92LV3221 NSC-DS92LV3221 Datasheet
1Mb / 24P
   20-50 MHz 32-Bit Channel Link II Serializer / Deserializer
logo
Texas Instruments
DS92LV3221 TI1-DS92LV3221_14 Datasheet
1Mb / 30P
[Old version datasheet]   20-50 MHz 32-Bit Channel Link II Serializer / Deserializer
DS92LV2421 TI1-DS92LV2421_16 Datasheet
1Mb / 59P
[Old version datasheet]   10-MHz to 75-MHz, 24-Bit Channel Link II Serializer And Deserializer
DS92LV2411 TI1-DS92LV2411_15 Datasheet
1Mb / 54P
[Old version datasheet]   5 to 50 MHz 24-Bit Channel Link II Serializer And Deserializer
logo
National Semiconductor ...
DS92LV2421 NSC-DS92LV2421 Datasheet
1Mb / 40P
   10 to 75 MHz, 24-bit Channel Link II Serializer and Deserializer
DS92LV2421 NSC-DS92LV2421_11 Datasheet
1Mb / 40P
   10 to 75 MHz, 24-bit Channel Link II Serializer and Deserializer
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com