Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

DS92LV3241TVSX Datasheet(PDF) 6 Page - Texas Instruments

Part # DS92LV3241TVSX
Description  DS92LV3241/DS92LV3242 20-85 MHz 32-Bit Channel Link II Serializer / Deserializer
Download  31 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

DS92LV3241TVSX Datasheet(HTML) 6 Page - Texas Instruments

Back Button DS92LV3241TVSX Datasheet HTML 2Page - Texas Instruments DS92LV3241TVSX Datasheet HTML 3Page - Texas Instruments DS92LV3241TVSX Datasheet HTML 4Page - Texas Instruments DS92LV3241TVSX Datasheet HTML 5Page - Texas Instruments DS92LV3241TVSX Datasheet HTML 6Page - Texas Instruments DS92LV3241TVSX Datasheet HTML 7Page - Texas Instruments DS92LV3241TVSX Datasheet HTML 8Page - Texas Instruments DS92LV3241TVSX Datasheet HTML 9Page - Texas Instruments DS92LV3241TVSX Datasheet HTML 10Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 31 page
background image
DS92LV3241, DS92LV3242
SNLS314D – SEPTEMBER 2009 – REVISED APRIL 2013
www.ti.com
DS92LV3242 Deserializer PIN DESCRIPTIONS
Pin #
Pin Name
I/O, Type
Description
LVCMOS PARALLEL INTERFACE PINS
5–7,
RxOUT[31:29],
O, LVCMOS
Deserializer Parallel Interface Data Output Pins.
10–14,
RxOUT[28:24],
19–25,
RxOUT[23:17],
28–32,
RxOUT[16:12],
33–39,
RxOUT[11:5],
42–46
RxOUT[4:0]
4
RxCLKOUT
O, LVCMOS
Deserializer Recovered Clock Output. Parallel data rate clock recovered from the embedded
clock.
3
LOCK
O, LVCMOS
LOCK indicates the status of the receiver PLL LOCK = L; deserializer CDR/PLL is not locked,
RxOUT[31:0] and RCLK are TRI-STATED
LOCK = H; deserializer CDR/PLL is locked
CONTROL AND CONFIGURATION PINS
48
R_FB
I, LVCMOS
Rising/Falling Bar Clock Edge Select
R_FB = H; RxOUT clocked on rising edge
R_FB = L; RxOUT clocked on falling edge
50
REN
I, LVCMOS
Deserializer Enable, DES Output Enable Control Input (ACTIVE HIGH)
REN = L; disabled, RxOUT[31:0] and RxCLKOUT TRI-STATED, PLL still operational
REN = H; Enabled (ACTIVE HIGH)
49
PDB
I, LVCMOS
Power Down Bar, Control Input Signal (ACTIVE LOW)
PDB = L; disabled, RxOUT[31:0], RCLK, and LOCK are TRI-STATED in stand-by mode, PLL
is shutdown
PDB = H; Enabled
47
RSVD
I, LVCMOS
Reserved — MUST BE TIED LOW
LVDS SERIAL INTERFACE PINS
51, 53,
RxIN[0:3]+
I, LVDS
Deserializer LVDS Non-Inverted Inputs(+)
57, 59
52, 54,
RxIN[0:3]-
I, LVDS
Deserializer LVDS Inverted Inputs(-)
58, 60
POWER / GROUND PINS
9, 16,
VDD
VDD
Digital Voltage supply, 3.3V
17, 26,
61
8, 15,
VSS
GND
Digital Ground
18, 27,
62
55
VDDA
VDD
Analog LVDS Voltage supply, POWER, 3.3V
56
VSSA
GND
Analog LVDS GROUND
1, 40,
VDDPLL
VDD
Analog Voltage supply PLL VCO POWER, 3.3V
64
2, 41,
VSSPLL
GND
Analog ground, PLL VCO GROUND
63
These devices have limited built-in ESD protection. The leads should be shorted together or the device placed in conductive foam
during storage or handling to prevent electrostatic damage to the MOS gates.
6
Submit Documentation Feedback
Copyright © 2009–2013, Texas Instruments Incorporated
Product Folder Links: DS92LV3241 DS92LV3242


Similar Part No. - DS92LV3241TVSX

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
DS92LV3241TVSX NSC-DS92LV3241TVSX Datasheet
1Mb / 30P
   20-85 MHz 32-Bit Channel Link II Serializer/Deserializer
logo
Texas Instruments
DS92LV3241TVSX TI-DS92LV3241TVSX Datasheet
1Mb / 31P
[Old version datasheet]   DS92LV3241/DS92LV3242 20-85 MHz 32-Bit Channel Link II Serializer / Deserializer
DS92LV3241TVSX/NOPB TI1-DS92LV3241TVSX/NOPB Datasheet
1Mb / 31P
[Old version datasheet]   20-85 MHz 32-Bit Channel Link II Serializer / Deserializer
More results

Similar Description - DS92LV3241TVSX

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
DS92LV3242TVSX TI-DS92LV3242TVSX Datasheet
1Mb / 31P
[Old version datasheet]   DS92LV3241/DS92LV3242 20-85 MHz 32-Bit Channel Link II Serializer / Deserializer
logo
National Semiconductor ...
DS92LV3241 NSC-DS92LV3241 Datasheet
1Mb / 30P
   20-85 MHz 32-Bit Channel Link II Serializer/Deserializer
logo
Texas Instruments
DS92LV3241 TI1-DS92LV3241_14 Datasheet
1Mb / 32P
[Old version datasheet]   20-85 MHz 32-Bit Channel Link II Serializer / Deserializer
DS92LV3241 TI1-DS92LV3241_15 Datasheet
1Mb / 31P
[Old version datasheet]   20-85 MHz 32-Bit Channel Link II Serializer / Deserializer
logo
National Semiconductor ...
DS92LV3221 NSC-DS92LV3221 Datasheet
1Mb / 24P
   20-50 MHz 32-Bit Channel Link II Serializer / Deserializer
logo
Texas Instruments
DS92LV3221 TI1-DS92LV3221_14 Datasheet
1Mb / 30P
[Old version datasheet]   20-50 MHz 32-Bit Channel Link II Serializer / Deserializer
DS92LV2421 TI1-DS92LV2421_16 Datasheet
1Mb / 59P
[Old version datasheet]   10-MHz to 75-MHz, 24-Bit Channel Link II Serializer And Deserializer
DS92LV2411 TI1-DS92LV2411_15 Datasheet
1Mb / 54P
[Old version datasheet]   5 to 50 MHz 24-Bit Channel Link II Serializer And Deserializer
logo
National Semiconductor ...
DS92LV2421 NSC-DS92LV2421 Datasheet
1Mb / 40P
   10 to 75 MHz, 24-bit Channel Link II Serializer and Deserializer
DS92LV2421 NSC-DS92LV2421_11 Datasheet
1Mb / 40P
   10 to 75 MHz, 24-bit Channel Link II Serializer and Deserializer
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com