Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

DS90LV019TMTCX/NOPB Datasheet(PDF) 5 Page - Texas Instruments

Click here to check the latest version.
Part # DS90LV019TMTCX/NOPB
Description  DS90LV019 3.3V or 5V LVDS Driver/Receiver
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

DS90LV019TMTCX/NOPB Datasheet(HTML) 5 Page - Texas Instruments

  DS90LV019TMTCX/NOPB Datasheet HTML 1Page - Texas Instruments DS90LV019TMTCX/NOPB Datasheet HTML 2Page - Texas Instruments DS90LV019TMTCX/NOPB Datasheet HTML 3Page - Texas Instruments DS90LV019TMTCX/NOPB Datasheet HTML 4Page - Texas Instruments DS90LV019TMTCX/NOPB Datasheet HTML 5Page - Texas Instruments DS90LV019TMTCX/NOPB Datasheet HTML 6Page - Texas Instruments DS90LV019TMTCX/NOPB Datasheet HTML 7Page - Texas Instruments DS90LV019TMTCX/NOPB Datasheet HTML 8Page - Texas Instruments DS90LV019TMTCX/NOPB Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 12 page
background image
AC Electrical Characteristics (Continued)
T
A = −40˚C to +85˚C, VCC = 3.3V ± 0.3V. (Note 6)
Symbol
Parameter
Conditions
Min
Typ
Max
Units
DRIVER TIMING REQUIREMENTS
t
PHZ
Disable Time High to Z
R
L = 100Ω,
C
L =10pF
(
Figure 4 and Figure 5)
1.5
4.0
8.0
ns
t
PLZ
Disable Time Low to Z
2.5
5.3
9.0
ns
t
PZH
Enable Time Z to High
4.0
6.0
8.0
ns
t
PZL
Enable Time Z to Low
3.5
6.0
8.0
ns
RECEIVER TIMING REQUIREMENTS
t
PHLD
Differential Propagation Delay High to Low
C
L =10pF,
VID = 200 mV
(
Figure 6 and Figure 7)
3.0
5.8
7.0
ns
t
PLHD
Differential Propagation Delay Low to High
3.0
5.6
9.0
ns
t
SKD
Differential Skew |t
PHLD −tPLHD|
0.55
1.5
ns
t
r
Rise Time
0.15
2.0
3.0
ns
t
f
Fall Time
0.15
0.9
3.0
ns
t
PHZ
Disable Time High to Z
R
L = 500Ω,
C
L =10pF
(
Figure 8 and Figure 9)
3.0
4.0
6.0
ns
t
PLZ
Disable Time Low to Z
3.0
4.5
6.0
ns
t
PZH
Enable Time Z to High
3.0
6.0
8.0
ns
t
PZL
Enable Time Z to Low
3.0
6.0
8.0
ns
AC Electrical Characteristics
T
A = −40˚C to +85˚C, VCC = 5.0V ± 0.5V. (Note 6)
Symbol
Parameter
Conditions
Min
Typ
Max
Units
DRIVER TIMING REQUIREMENTS
t
PHLD
Differential Propagation Delay High to Low
R
L = 100Ω,
C
L =10pF
(
Figure 2 and Figure 3)
2.0
3.3
6.0
ns
t
PLHD
Differential Propagation Delay Low to High
1.0
3.3
5.0
ns
t
SKD
Differential Skew |t
PHLD −tPLHD|
0.6
1.0
ns
t
TLH
Transition Time Low to High
0.15
0.9
3.0
ns
t
THL
Transition Time High to Low
0.15
1.2
3.0
ns
t
PHZ
Disable Time High to Z
R
L = 100Ω,
C
L =10pF
(
Figure 4 and Figure 5)
1.5
3.5
7.0
ns
t
PLZ
Disable Time Low to Z
3.0
5.2
9.0
ns
t
PZH
Enable Time Z to High
2.0
4.5
7.0
ns
t
PZL
Enable Time Z to Low
2.0
4.5
7.0
ns
RECEIVER TIMING REQUIREMENTS
t
PHLD
Differential Propagation Delay High to Low
C
L =10pF,
VID = 200 mV
(
Figure 6 and Figure 7)
3.0
6.0
8.0
ns
t
PLHD
Differential Propagation Delay Low to High
3.0
5.6
8.0
ns
t
SKD
Differential Skew |t
PHLD −tPLHD|
0.7
1.6
ns
t
r
Rise Time
0.15
0.8
3.0
ns
t
f
Fall Time
0.15
0.8
3.0
ns
t
PHZ
Disable Time High to Z
R
L = 500Ω,
C
L =10pF
(
Figure 8 and Figure 9)
3.0
3.5
4.5
ns
t
PLZ
Disable Time Low to Z
3.5
3.6
7.0
ns
t
PZH
Enable Time Z to High
3.0
5.0
7.0
ns
t
PZL
Enable Time Z to Low
3.0
5.0
7.0
ns
www.national.com
4


Similar Part No. - DS90LV019TMTCX/NOPB

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
DS90LV019TMTCX/NOPB TI-DS90LV019TMTCX/NOPB Datasheet
177Kb / 12P
[Old version datasheet]   DS90LV019 3.3V or 5V LVDS Driver/Receiver
More results

Similar Description - DS90LV019TMTCX/NOPB

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
DS90LV019TMX TI-DS90LV019TMX Datasheet
177Kb / 12P
[Old version datasheet]   DS90LV019 3.3V or 5V LVDS Driver/Receiver
logo
National Semiconductor ...
DS90LV019 NSC-DS90LV019 Datasheet
166Kb / 10P
   3.3V or 5V LVDS Driver/Receiver
logo
Maxim Integrated Produc...
MAX9164 MAXIM-MAX9164 Datasheet
236Kb / 10P
   3.3V Single LVDS Driver/Receiver
19-2738; Rev 0; 1/03
logo
ON Semiconductor
MC10EP16 ONSEMI-MC10EP16_06 Datasheet
165Kb / 11P
   3.3V / 5V ECL Differential Receiver/Driver
December, 2006 ??Rev. 5
logo
Fairchild Semiconductor
FIN1019 FAIRCHILD-FIN1019 Datasheet
1Mb / 14P
   3.3V LVDS High Speed Differential Driver/Receiver
logo
ON Semiconductor
FIN1019 ONSEMI-FIN1019 Datasheet
1Mb / 16P
   3.3V LVDS High Speed Differential Driver/Receiver
Revised September 2001
MC10EP17 ONSEMI-MC10EP17_06 Datasheet
179Kb / 11P
   3.3V / 5V ECL Quad Differential Driver/Receiver
December, 2006 ??Rev. 7
MC10EP17 ONSEMI-MC10EP17 Datasheet
83Kb / 8P
   3.3V / 5V ECL Quad Differential Driver/Receiver
September, 2002 ??Rev. 4
logo
Micrel Semiconductor
SY100EP16V MICREL-SY100EP16V Datasheet
514Kb / 12P
   3.3V/5V Precision ECL Differential Receiver/Driver
logo
Semtech Corporation
SK1303 SEMTECH-SK1303 Datasheet
105Kb / 6P
   LVDS Receiver/Driver
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com