Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

DS90C383BMT Datasheet(PDF) 1 Page - Texas Instruments

Part # DS90C383BMT
Description  Programmable LVDS Transmitter 24-Bit Flat Panel Display (FPD) Link-65 MHz
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

DS90C383BMT Datasheet(HTML) 1 Page - Texas Instruments

  DS90C383BMT Datasheet HTML 1Page - Texas Instruments DS90C383BMT Datasheet HTML 2Page - Texas Instruments DS90C383BMT Datasheet HTML 3Page - Texas Instruments DS90C383BMT Datasheet HTML 4Page - Texas Instruments DS90C383BMT Datasheet HTML 5Page - Texas Instruments DS90C383BMT Datasheet HTML 6Page - Texas Instruments DS90C383BMT Datasheet HTML 7Page - Texas Instruments DS90C383BMT Datasheet HTML 8Page - Texas Instruments DS90C383BMT Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 15 page
background image
DS90C383B
www.ti.com
SNLS177G – APRIL 2004 – REVISED APRIL 2013
Programmable LVDS Transmitter 24-Bit Flat Panel Display (FPD) Link-65 MHz
Check for Samples: DS90C383B
1
FEATURES
PLL requires no external components
Compatible with TIA/EIA-644 LVDS standard
23
No special start-up sequence required
between clock/data and /PD pins. Input signal
Low profile 56-lead TSSOP package
(clock and data) can be applied either before
Improved replacement for:
or after the device is powered
SN75LVDS83, DS90C383A
Support Spread Spectrum Clocking up to
100kHz frequency modulation and deviations
DESCRIPTION
of ±2.5% center spread or -5% down spread
The DS90C383B transmitter converts 28 bits of
"Input Clock Detection" feature will pull all
CMOS/TTL data into four LVDS (Low Voltage
LVDS pairs to logic low when input clock is
Differential Signaling) data streams. A phase-locked
transmit clock is transmitted in parallel with the data
missing and when /PD pin is logic high
streams over a fifth LVDS link. Every cycle of the
18 to 68 MHz shift clock support
transmit clock 28 bits of input data are sampled and
Best-in-Class Setup and Hold Times on
transmitted. At a transmit clock frequency of 65 MHz,
TxINPUTs
24 bits of RGB data and 3 bits of LCD timing and
control
data
(FPLINE,
FPFRAME,
DRDY)
are
Tx power consumption < 130 mW (typ) at
transmitted at a rate of 455 Mbps per LVDS data
65MHz Grayscale
channel. Using a 65 MHz clock, the data throughput
40% Less Power Dissipation than BiCMOS
is 227 Mbytes/sec. The DS90C383B transmitter can
Alternatives
be programmed for Rising edge strobe or Falling
Tx Power-down mode < 60
μW (typ)
edge strobe through a dedicated pin. A Rising edge
or Falling edge strobe transmitter will interoperate
Supports VGA, SVGA, XGA and Dual Pixel
with a Falling edge strobe Receiver (DS90CF386)
SXGA.
without any translation logic.
Narrow bus reduces cable size and cost
This chipset is an ideal means to solve EMI and
Up to 1.8 Gbps throughput
cable size problems associated with wide, high speed
Up to 227 Megabytes/sec bandwidth
TTL interfaces.
345 mV (typ) swing LVDS devices for low EMI
Block Diagram
Figure 1. DS90C383B
1
Please be aware that an important notice concerning availability, standard warranty, and use in critical applications of
Texas Instruments semiconductor products and disclaimers thereto appears at the end of this data sheet.
2
TRI-STATE is a registered trademark of Texas Instruments.
3
All other trademarks are the property of their respective owners.
PRODUCTION DATA information is current as of publication date.
Copyright © 2004–2013, Texas Instruments Incorporated
Products conform to specifications per the terms of the Texas
Instruments standard warranty. Production processing does not
necessarily include testing of all parameters.


Similar Part No. - DS90C383BMT

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
DS90C383BMT NSC-DS90C383BMT Datasheet
267Kb / 11P
   3.3V Programmable LVDS Transmitter 24-Bit Flat Panel Display (FPD) Link-65 MHz
logo
Texas Instruments
DS90C383BMT-NOPB TI1-DS90C383BMT-NOPB Datasheet
975Kb / 15P
[Old version datasheet]   Programmable LVDS Transmitter 24-Bit Flat Panel Display (FPD) Link-65 MHz
DS90C383BMT/NOPB TI1-DS90C383BMT/NOPB Datasheet
1Mb / 17P
[Old version datasheet]   Programmable LVDS Transmitter 24-Bit Flat Panel Display (FPD) Link-65 MHz
DS90C383BMTX-NOPB TI1-DS90C383BMTX-NOPB Datasheet
975Kb / 15P
[Old version datasheet]   Programmable LVDS Transmitter 24-Bit Flat Panel Display (FPD) Link-65 MHz
DS90C383BMTX/NOPB TI1-DS90C383BMTX/NOPB Datasheet
1Mb / 17P
[Old version datasheet]   Programmable LVDS Transmitter 24-Bit Flat Panel Display (FPD) Link-65 MHz
More results

Similar Description - DS90C383BMT

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
DS90C383A NSC-DS90C383A_03 Datasheet
304Kb / 11P
   3.3V Programmable LVDS Transmitter 24-Bit Flat Panel Display (FPD) Link-65 MHz 3.3V LVDS Transmitter 24-Bit Flat Panel Display (FPD) Link-65 MHz
DS90C383A NSC-DS90C383A Datasheet
258Kb / 11P
   3.3V Programmable LVDS Transmitter 24-Bit Flat Panel Display (FPD) Link-65 MHz, 3.3V LVDS Transmitter 24-Bit Flat Panel Display (FPD) Link-65 MHz
logo
Texas Instruments
DS90C383B TI1-DS90C383B_15 Datasheet
1Mb / 17P
[Old version datasheet]   Programmable LVDS Transmitter 24-Bit Flat Panel Display (FPD) Link-65 MHz
DS90C383BMTX-NOPB TI1-DS90C383BMTX-NOPB Datasheet
975Kb / 15P
[Old version datasheet]   Programmable LVDS Transmitter 24-Bit Flat Panel Display (FPD) Link-65 MHz
logo
National Semiconductor ...
DS90C383 NSC-DS90C383 Datasheet
344Kb / 20P
   3.3V Programmable LVDS Transmitter 24-Bit Flat Panel Display (FPD) Link-65 MHz, 3.3V LVDS Receiver 24-Bit Flat Panel Display (FPD) Link-65 MHz
DS90C383B NSC-DS90C383B_06 Datasheet
639Kb / 11P
   3.3V Programmable LVDS Transmitter 24-Bit Flat Panel Display (FPD) Link-65 MHz
logo
Texas Instruments
DS90C383 TI1-DS90C383_11 Datasheet
410Kb / 22P
[Old version datasheet]   3.3V Programmable LVDS Transmitter 24-Bit Flat Panel Display (FPD) Link-65 MHz
DS90CF383B TI1-DS90CF383B_15 Datasheet
1Mb / 18P
[Old version datasheet]   3.3V Programmable LVDS Transmitter 24-Bit Flat Panel Display (FPD) Link-65 MHz
logo
National Semiconductor ...
DS90C383B NSC-DS90C383B Datasheet
267Kb / 11P
   3.3V Programmable LVDS Transmitter 24-Bit Flat Panel Display (FPD) Link-65 MHz
DS90CF383B NSC-DS90CF383B Datasheet
640Kb / 11P
   3.3V Programmable LVDS Transmitter 24-Bit Flat Panel Display (FPD) Link-65 MHz
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com