Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

DAC8531IDRBRG4 Datasheet(PDF) 8 Page - Texas Instruments

Part # DAC8531IDRBRG4
Description  Low-Power, Rail-to-Rail Output, 16-Bit Serial Input
Download  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

DAC8531IDRBRG4 Datasheet(HTML) 8 Page - Texas Instruments

Back Button DAC8531IDRBRG4 Datasheet HTML 4Page - Texas Instruments DAC8531IDRBRG4 Datasheet HTML 5Page - Texas Instruments DAC8531IDRBRG4 Datasheet HTML 6Page - Texas Instruments DAC8531IDRBRG4 Datasheet HTML 7Page - Texas Instruments DAC8531IDRBRG4 Datasheet HTML 8Page - Texas Instruments DAC8531IDRBRG4 Datasheet HTML 9Page - Texas Instruments DAC8531IDRBRG4 Datasheet HTML 10Page - Texas Instruments DAC8531IDRBRG4 Datasheet HTML 11Page - Texas Instruments DAC8531IDRBRG4 Datasheet HTML 12Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 27 page
background image
DAC8531
8
SBAS192B
www.ti.com
TYPICAL CHARACTERISTICS: VDD = 5V (Cont.)
At TA = +25°C, VDD = 5V, unless otherwise noted.
CODE CHANGE GLITCH
Time (2
µs/div)
Glitch Waveform (50mV/div)
TYPICAL CHARACTERISTICS: VDD = 2.7V
At TA = +25°C, VDD = 2.7V, unless otherwise noted.
64
48
32
16
0
–16
–32
–48
–64
LINEARITY ERROR AND
DIFFERENTIAL LINEARITY ERROR vs CODE
(–40
°C)
0000
H
2000
H
4000
H
6000
H
8000
H
Digital Input Code
A000
H C000H
E000
H FFFFH
2.0
1.5
1.0
0.5
0.0
–0.5
–1.0
–1.5
–2.0
64
48
32
16
0
–16
–32
–48
–64
LINEARITY ERROR AND
DIFFERENTIAL LINEARITY ERROR vs CODE
(+25
°C)
0000
H
2000
H
4000
H
6000
H
8000
H
Digital Input Code
A000
H C000H
E000
H FFFFH
2.0
1.5
1.0
0.5
0.0
–0.5
–1.0
–1.5
–2.0
64
48
32
16
0
–16
–32
–48
–64
LINEARITY ERROR AND
DIFFERENTIAL LINEARITY ERROR vs CODE
(+105
°C)
0000
H
2000
H
4000
H
6000
H
8000
H
Digital Input Code
A000
H C000H
E000
H FFFFH
2.0
1.5
1.0
0.5
0.0
–0.5
–1.0
–1.5
–2.0
ZERO-SCALE ERROR vs TEMPERATURE
–40
Temperature (
°C)
0
40
80
120
20
15
10
5
0
–5
–10
–15
–20


Similar Part No. - DAC8531IDRBRG4

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
DAC8531IDRBR TI-DAC8531IDRBR Datasheet
362Kb / 19P
[Old version datasheet]   Low-Power, Rail-to-Rail Output, 16-Bit Serial Input DIGITAL-TO-ANALOG CONVERTER
DAC8531IDRBR TI1-DAC8531IDRBR Datasheet
1Mb / 27P
[Old version datasheet]   Low-Power, Rail-to-Rail Output, 16-Bit Serial Input DIGITAL-TO-ANALOG CONVERTER
More results

Similar Description - DAC8531IDRBRG4

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
DAC7512 TI1-DAC7512_15 Datasheet
1Mb / 25P
[Old version datasheet]   Low-Power, Rail-to-Rail Output, 12-Bit Serial Input
DAC8501 TI1-DAC8501_13 Datasheet
729Kb / 22P
[Old version datasheet]   Low-Power, Rail-to-Rail Output, 16-Bit Serial Input DIGITAL-TO-ANALOG CONVERTER
logo
Burr-Brown (TI)
DAC8501 BURR-BROWN-DAC8501 Datasheet
321Kb / 16P
   Low-Power, Rail-to-Rail Output, 16-Bit Serial Input DIGITAL-TO-ANALOG CONVERTER
logo
Texas Instruments
DAC8531 TI-DAC8531 Datasheet
362Kb / 19P
[Old version datasheet]   Low-Power, Rail-to-Rail Output, 16-Bit Serial Input DIGITAL-TO-ANALOG CONVERTER
DAC8531 TI1-DAC8531_14 Datasheet
1Mb / 27P
[Old version datasheet]   Low-Power, Rail-to-Rail Output, 16-Bit Serial Input DIGITAL-TO-ANALOG CONVERTER
logo
Burr-Brown (TI)
DAC7512 BURR-BROWN-DAC7512 Datasheet
907Kb / 20P
   Low-Power, Rail-to-Rail Output, 12-Bit Serial Input DIGITAL-TO-ANALOG CONVERTER
logo
Texas Instruments
DAC7513 TI1-DAC7513_13 Datasheet
1Mb / 27P
[Old version datasheet]   Low-Power, Rail-to-Rail Output, 12-Bit Serial Input DIGITAL-TO-ANALOG CONVERTER
DAC7513 TI-DAC7513 Datasheet
455Kb / 18P
[Old version datasheet]   Low-Power, Rail-to-Rail Output, 12-Bit Serial Input DIGITAL-TO-ANALOG CONVERTER
logo
Linear Technology
LTC6362 LINER-LTC6362 Datasheet
364Kb / 22P
   Precision, Low Power Rail-to-Rail Input/Output
logo
STMicroelectronics
TS951 STMICROELECTRONICS-TS951_07 Datasheet
440Kb / 17P
   Input/output rail-to-rail low power operational amplifier
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com