Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CAT811ZTBI-T3 Datasheet(PDF) 5 Page - ON Semiconductor

Part # CAT811ZTBI-T3
Description  4-Pin Microprocessor Power Supply Supervisors with Manual Reset
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

CAT811ZTBI-T3 Datasheet(HTML) 5 Page - ON Semiconductor

  CAT811ZTBI-T3 Datasheet HTML 1Page - ON Semiconductor CAT811ZTBI-T3 Datasheet HTML 2Page - ON Semiconductor CAT811ZTBI-T3 Datasheet HTML 3Page - ON Semiconductor CAT811ZTBI-T3 Datasheet HTML 4Page - ON Semiconductor CAT811ZTBI-T3 Datasheet HTML 5Page - ON Semiconductor CAT811ZTBI-T3 Datasheet HTML 6Page - ON Semiconductor CAT811ZTBI-T3 Datasheet HTML 7Page - ON Semiconductor CAT811ZTBI-T3 Datasheet HTML 8Page - ON Semiconductor CAT811ZTBI-T3 Datasheet HTML 9Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 5 / 9 page
background image
CAT811, CAT812
http://onsemi.com
5
TYPICAL OPERATING CHARACTERISTICS
(VCC = Full range, TA = −40°C to +85°C unless otherwise noted. Typical values at TA = +25°C and VCC = 5 V for the L/M/J versions,
VCC = 3.3 V for the T/S versions, VCC = 3 V for the R version and VCC = 2.5 V for the Z version.)
Figure 2. Power−Up Reset Timeout vs.
Temperature
Figure 3. Supply Current vs. Temperature
(No Load, CAT8xxR/S/T/Z)
TEMPERATURE (°C)
TEMPERATURE (°C)
150
100
50
0
−50
160
180
200
220
240
260
150
100
50
0
−50
0
2
4
6
8
10
12
Figure 4. Power−Down Reset Delay vs.
Temperature (CAT8xxR/S/T/Z)
Figure 5. Normalized Reset Threshold vs.
Temperature
TEMPERATURE (°C)
TEMPERATURE (°C)
150
100
50
0
−50
0
2
4
6
8
10
12
14
120
100
80
60
40
20
0
0.9988
0.9990
0.9992
0.9994
0.9996
0.9998
1.0000
1.0002
VCC = 5 V
VCC = 2.5 V
VCC = 5.5 V
VCC = 3.6 V


Similar Part No. - CAT811ZTBI-T3

ManufacturerPart #DatasheetDescription
logo
Catalyst Semiconductor
CAT811ZTBI-T3 CATALYST-CAT811ZTBI-T3 Datasheet
228Kb / 11P
   4-Pin Microprocessor Power Supply Supervisors with Manual Reset
logo
ON Semiconductor
CAT811ZTBI-T3 ONSEMI-CAT811ZTBI-T3 Datasheet
235Kb / 11P
   4-Pin Microprocessor Power Supply Supervisors with Manual Reset
Doc. No. MD-3005 Rev. U
CAT811ZTBI-T3 ONSEMI-CAT811ZTBI-T3 Datasheet
118Kb / 9P
   4-Pin Microprocessor Power Supply Supervisors with Manual Reset
October, 2012 ??Rev. 2
More results

Similar Description - CAT811ZTBI-T3

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
CAT811 ONSEMI-CAT811 Datasheet
235Kb / 11P
   4-Pin Microprocessor Power Supply Supervisors with Manual Reset
Doc. No. MD-3005 Rev. U
logo
Catalyst Semiconductor
CAT811 CATALYST-CAT811_05 Datasheet
92Kb / 9P
   4-Pin Microprocessor Power Supply Supervisors with Manual Reset
logo
ON Semiconductor
CAT811LTBI ONSEMI-CAT811LTBI Datasheet
118Kb / 9P
   4-Pin Microprocessor Power Supply Supervisors with Manual Reset
October, 2012 ??Rev. 2
logo
Catalyst Semiconductor
CAT811 CATALYST-CAT811_08 Datasheet
228Kb / 11P
   4-Pin Microprocessor Power Supply Supervisors with Manual Reset
logo
Diodes Incorporated
APX811 DIODES-APX811 Datasheet
223Kb / 2P
   Tiny microprocessor supervisors with manual reset
logo
Catalyst Semiconductor
CAT811 CATALYST-CAT811 Datasheet
59Kb / 11P
   4-Pin Microprocessor Power Supply Supervisors
logo
Diodes Incorporated
APX811 DIODES-APX811_09 Datasheet
175Kb / 10P
   4-Pin Microprocessor Supervisor With Manual Reset
APX811/812 Rev. 2
logo
ON Semiconductor
CAT853MTBI-GT3 ONSEMI-CAT853MTBI-GT3 Datasheet
117Kb / 9P
   3-Pin Microprocessor Power Supply Supervisors
May, 2012 ??Rev. 10
CAT810STBI-T10 ONSEMI-CAT810STBI-T10 Datasheet
127Kb / 11P
   3-Pin Microprocessor Power Supply Supervisors
October, 2012 ??Rev. 33
CAT810JTBI ONSEMI-CAT810JTBI Datasheet
127Kb / 11P
   3-Pin Microprocessor Power Supply Supervisors
October, 2012 ??Rev. 33
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com