Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

DAC102S085CIMM Datasheet(PDF) 3 Page - Texas Instruments

Part # DAC102S085CIMM
Description  DAC102S085 10-Bit Micro Power DUAL Digital-to-Analog Converter with Rail-to-Rail
Download  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

DAC102S085CIMM Datasheet(HTML) 3 Page - Texas Instruments

  DAC102S085CIMM Datasheet HTML 1Page - Texas Instruments DAC102S085CIMM Datasheet HTML 2Page - Texas Instruments DAC102S085CIMM Datasheet HTML 3Page - Texas Instruments DAC102S085CIMM Datasheet HTML 4Page - Texas Instruments DAC102S085CIMM Datasheet HTML 5Page - Texas Instruments DAC102S085CIMM Datasheet HTML 6Page - Texas Instruments DAC102S085CIMM Datasheet HTML 7Page - Texas Instruments DAC102S085CIMM Datasheet HTML 8Page - Texas Instruments DAC102S085CIMM Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 28 page
background image
I/O
GND
TO INTERNAL
CIRCUITRY
DAC102S085
www.ti.com
SNAS364E – MAY 2006 – REVISED MARCH 2013
Absolute Maximum Ratings
(1) (2) (3)
Supply Voltage, VA
6.5V
Voltage on any Input Pin
−0.3V to 6.5V
Input Current at Any Pin(4)
10 mA
Package Input Current(4)
20 mA
Power Consumption at TA = 25°C
See(5)
Human Body Model
2500V
ESD Susceptibility(6)
Machine Model
250V
Junction Temperature
+150°C
Storage Temperature
−65°C to +150°C
(1)
Absolute Maximum Ratings indicate limits beyond which damage to the device may occur. Operating Ratings indicate conditions for
which the device is functional, but do not ensure specific performance limits. For ensured specifications and test conditions, see the
Electrical Characteristics. The ensured specifications apply only for the test conditions listed. Some performance characteristics may
degrade when the device is not operated under the listed test conditions. Operation of the device beyond the maximum Operating
Ratings is not recommended.
(2)
All voltages are measured with respect to GND = 0V, unless otherwise specified.
(3)
If Military/Aerospace specified devices are required, please contact the Texas Instruments Sales Office/Distributors for availability and
specifications.
(4)
When the input voltage at any pin exceeds 5.5V or is less than GND, the current at that pin should be limited to 10 mA. The 20 mA
maximum package input current rating limits the number of pins that can safely exceed the power supplies with an input current of 10
mA to two.
(5)
The absolute maximum junction temperature (TJmax) for this device is 150°C. The maximum allowable power dissipation is dictated by
TJmax, the junction-to-ambient thermal resistance (θJA), and the ambient temperature (TA), and can be calculated using the formula
PDMAX = (TJmax − TA) / θJA. The values for maximum power dissipation will be reached only when the device is operated in a severe
fault condition (e.g., when input or output pins are driven beyond the operating ratings, or the power supply polarity is reversed).
(6)
Human body model is 100 pF capacitor discharged through a 1.5 k
Ω resistor. Machine model is 220 pF discharged through ZERO
Ohms.
Operating Ratings
(1) (2)
Operating Temperature Range
−40°C ≤ TA ≤ +105°C
Supply Voltage, VA
+2.7V to 5.5V
Reference Voltage, VREFIN
+1.0V to VA
Digital Input Voltage(3)
0.0V to 5.5V
Output Load
0 to 1500 pF
SCLK Frequency
Up to 40 MHz
(1)
Absolute Maximum Ratings indicate limits beyond which damage to the device may occur. Operating Ratings indicate conditions for
which the device is functional, but do not ensure specific performance limits. For ensured specifications and test conditions, see the
Electrical Characteristics. The ensured specifications apply only for the test conditions listed. Some performance characteristics may
degrade when the device is not operated under the listed test conditions. Operation of the device beyond the maximum Operating
Ratings is not recommended.
(2)
All voltages are measured with respect to GND = 0V, unless otherwise specified.
(3)
The inputs are protected as shown below. Input voltage magnitudes up to 5.5V, regardless of VA, will not cause errors in the conversion
result. For example, if VA is 3V, the digital input pins can be driven with a 5V logic device.
Package Thermal Resistances
(1) (2)
Package
θJA
10-Lead VSSOP
240°C/W
10-Lead SON
250°C/W
(1)
Soldering process must comply with Texas Instruments' Reflow Temperature Profile specifications. Refer to www.ti.com/packaging.
(2)
Reflow temperature profiles are different for lead-free packages.
Copyright © 2006–2013, Texas Instruments Incorporated
Submit Documentation Feedback
3
Product Folder Links: DAC102S085


Similar Part No. - DAC102S085CIMM

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
DAC102S085CIMM NSC-DAC102S085CIMM Datasheet
821Kb / 18P
   10-Bit Micro Power DUAL Digital-to-Analog Converter with Rail-to-Rail Output
logo
Texas Instruments
DAC102S085CIMM/NOPB TI1-DAC102S085CIMM/NOPB Datasheet
1Mb / 32P
[Old version datasheet]   DAC102S085 10-Bit Micro Power DUAL Digital-to-Analog Converter With Rail-to-Rail Output
logo
National Semiconductor ...
DAC102S085CIMMX NSC-DAC102S085CIMMX Datasheet
821Kb / 18P
   10-Bit Micro Power DUAL Digital-to-Analog Converter with Rail-to-Rail Output
logo
Texas Instruments
DAC102S085CIMMX/NOPB TI1-DAC102S085CIMMX/NOPB Datasheet
1Mb / 32P
[Old version datasheet]   DAC102S085 10-Bit Micro Power DUAL Digital-to-Analog Converter With Rail-to-Rail Output
More results

Similar Description - DAC102S085CIMM

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
DAC102S085 TI1-DAC102S085_16 Datasheet
1Mb / 32P
[Old version datasheet]   DAC102S085 10-Bit Micro Power DUAL Digital-to-Analog Converter With Rail-to-Rail Output
logo
National Semiconductor ...
DAC102S085 NSC-DAC102S085 Datasheet
821Kb / 18P
   10-Bit Micro Power DUAL Digital-to-Analog Converter with Rail-to-Rail Output
DAC101S101 NSC-DAC101S101 Datasheet
905Kb / 19P
   10-Bit Micro Power Digital-to-Analog Converter with Rail-to-Rail Output
DAC104S085 NSC-DAC104S085 Datasheet
832Kb / 18P
   10-Bit Micro Power QUAD Digital-to-Analog Converter with Rail-to-Rail Output
DAC108S085 NSC-DAC108S085 Datasheet
521Kb / 24P
   10-Bit Micro Power OCTAL Digital-to-Analog Converter with Rail-to-Rail Outputs
logo
Texas Instruments
DAC104S085 TI-DAC104S085 Datasheet
1Mb / 29P
[Old version datasheet]   10-Bit Micro Power QUAD Digital-to-Analog Converter with Rail-to-Rail Output
logo
National Semiconductor ...
DAC122S085 NSC-DAC122S085 Datasheet
821Kb / 18P
   12-Bit Micro Power DUAL Digital-to-Analog Converter with Rail-to-Rail Output
DAC082S085 NSC-DAC082S085 Datasheet
870Kb / 19P
   8-Bit Micro Power DUAL Digital-to-Analog Converter with Rail-to-Rail Output
logo
Texas Instruments
DAC108S085 TI1-DAC108S085_15 Datasheet
1Mb / 36P
[Old version datasheet]   DAC108S085 10-Bit Micro Power OCTAL Digital-to-Analog Converter with Rail-to-Rail Outputs
11696 TI-11696 Datasheet
913Kb / 19P
[Old version datasheet]   12-Bit Micro Power Digital-to-Analog Converter with Rail-to-Rail Output
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com