Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CAT811JTBI-GT3 Datasheet(PDF) 1 Page - ON Semiconductor

Part # CAT811JTBI-GT3
Description  4-Pin Microprocessor Power Supply Supervisors with Manual Reset
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

CAT811JTBI-GT3 Datasheet(HTML) 1 Page - ON Semiconductor

  CAT811JTBI-GT3 Datasheet HTML 1Page - ON Semiconductor CAT811JTBI-GT3 Datasheet HTML 2Page - ON Semiconductor CAT811JTBI-GT3 Datasheet HTML 3Page - ON Semiconductor CAT811JTBI-GT3 Datasheet HTML 4Page - ON Semiconductor CAT811JTBI-GT3 Datasheet HTML 5Page - ON Semiconductor CAT811JTBI-GT3 Datasheet HTML 6Page - ON Semiconductor CAT811JTBI-GT3 Datasheet HTML 7Page - ON Semiconductor CAT811JTBI-GT3 Datasheet HTML 8Page - ON Semiconductor CAT811JTBI-GT3 Datasheet HTML 9Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 1 / 9 page
background image
© Semiconductor Components Industries, LLC, 2012
October, 2012 − Rev. 2
1
Publication Order Number:
CAT811/D
CAT811, CAT812
4-Pin Microprocessor
Power Supply Supervisors
with Manual Reset
Description
The CAT811 and CAT812 are microprocessor supervisory circuits
that monitor power supplies. The CAT811 and CAT812 are direct
replacements for the MAX811 and MAX812 in applications operating
over the industrial temperature range; both have a manual reset input.
These devices generate a reset signal, which is asserted while the
power supply voltage is below a preset threshold level and for at least
140 ms after the power supply level has risen above that level. The
underlying floating gate technology, Analog EEPROM used by
ON Semiconductor, makes it possible to offer any custom reset
threshold value. Seven industry standard threshold levels are offered
to support +5.0 V, +3.3 V, +3.0 V and +2.5 V systems.
The CAT811 features a RESET push−pull output (active LOW) and
the CAT812 features a RESET push−pull output (active HIGH).
Fast transients on the power supply are ignored and the output is
guaranteed to be in the correct state at Vcc levels as low as 1.0 V.
The CAT811/812 are fully specified over the industrial temperature
range (−40
°C to 85°C) and are available in a compact 4−pin SOT−143
package.
Features
Precision Monitoring of
+5.0 V (
± 5%, ± 10%, ± 20%),
+3.3 V (
± 5%, ± 10%),
+3.0 V (
± 10%) and
+2.5 V (
± 5%) Power Supplies
Manual Reset Input
Offered in Two Output Configurations: CAT811: Active LOW Reset
CAT812: Active HIGH Reset
Direct Replacements for the MAX811 and MAX812 in Applications
Operating over the Industrial Temperature Range
Reset Valid down to VCC = 1.0 V
6 mA Power Supply Current
Power Supply Transient Immunity
Available in SOT−143 Packages with Sn or NiPdAu Green Lead
Finishes
Industrial Temperature Range: −40°C to +85°C
These Devices are Pb−Free, Halogen Free/BFR Free and are RoHS
Compliant
Applications
Computers, Servers, Laptops and Cable Modems
Wireless Communications
Embedded Control Systems
White Goods, Power Meters
Intelligent Instruments
PDAs and Handheld Equipment
http://onsemi.com
PIN CONFIGURATION
See detailed ordering and shipping information in the package
dimensions section on page 9 of this data sheet.
ORDERING INFORMATION
SOT−143
BI SUFFIX
CASE 527AF
(Top View)
RESET
GND
VCC
MR
1
2
4
3
1
MARKING DIAGRAM
XXX
= Specific Device Code
M
= Month Code
G
= Pb−Free Package
(*Note: Microdot may be in either location)
XXXMG
G


Similar Part No. - CAT811JTBI-GT3

ManufacturerPart #DatasheetDescription
logo
Catalyst Semiconductor
CAT811JTBI-GT3 CATALYST-CAT811JTBI-GT3 Datasheet
228Kb / 11P
   4-Pin Microprocessor Power Supply Supervisors with Manual Reset
logo
ON Semiconductor
CAT811JTBI-GT3 ONSEMI-CAT811JTBI-GT3 Datasheet
235Kb / 11P
   4-Pin Microprocessor Power Supply Supervisors with Manual Reset
Doc. No. MD-3005 Rev. U
CAT811JTBI-GT3 ONSEMI-CAT811JTBI-GT3 Datasheet
118Kb / 9P
   4-Pin Microprocessor Power Supply Supervisors with Manual Reset
October, 2012 ??Rev. 2
CAT811JTBI-GT3 ONSEMI-CAT811JTBI-GT3 Datasheet
78Kb / 9P
   4-Pin Microprocessor Power Supply Supervisor
July, 2015 ??Rev. 3
More results

Similar Description - CAT811JTBI-GT3

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
CAT811 ONSEMI-CAT811 Datasheet
235Kb / 11P
   4-Pin Microprocessor Power Supply Supervisors with Manual Reset
Doc. No. MD-3005 Rev. U
logo
Catalyst Semiconductor
CAT811 CATALYST-CAT811_05 Datasheet
92Kb / 9P
   4-Pin Microprocessor Power Supply Supervisors with Manual Reset
logo
ON Semiconductor
CAT811LTBI ONSEMI-CAT811LTBI Datasheet
118Kb / 9P
   4-Pin Microprocessor Power Supply Supervisors with Manual Reset
October, 2012 ??Rev. 2
logo
Catalyst Semiconductor
CAT811 CATALYST-CAT811_08 Datasheet
228Kb / 11P
   4-Pin Microprocessor Power Supply Supervisors with Manual Reset
logo
Diodes Incorporated
APX811 DIODES-APX811 Datasheet
223Kb / 2P
   Tiny microprocessor supervisors with manual reset
logo
Catalyst Semiconductor
CAT811 CATALYST-CAT811 Datasheet
59Kb / 11P
   4-Pin Microprocessor Power Supply Supervisors
logo
Diodes Incorporated
APX811 DIODES-APX811_09 Datasheet
175Kb / 10P
   4-Pin Microprocessor Supervisor With Manual Reset
APX811/812 Rev. 2
logo
ON Semiconductor
CAT853MTBI-GT3 ONSEMI-CAT853MTBI-GT3 Datasheet
117Kb / 9P
   3-Pin Microprocessor Power Supply Supervisors
May, 2012 ??Rev. 10
CAT810STBI-T10 ONSEMI-CAT810STBI-T10 Datasheet
127Kb / 11P
   3-Pin Microprocessor Power Supply Supervisors
October, 2012 ??Rev. 33
CAT810JTBI ONSEMI-CAT810JTBI Datasheet
127Kb / 11P
   3-Pin Microprocessor Power Supply Supervisors
October, 2012 ??Rev. 33
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com