Electronic Components Datasheet Search |
|
SPP2305D Datasheet(PDF) 2 Page - SYNC POWER Crop. |
|
SPP2305D Datasheet(HTML) 2 Page - SYNC POWER Crop. |
2 / 8 page 2011/01/03 Ver.1 Page 2 SPP2305D P-Channel Enhancement Mode MOSFET PIN DESCRIPTION Pin Symbol Description 1 G Gate 2 S Source 3 D Drain ORDERING INFORMATION Part Number Package Part Marking SPP2305DS23RG SOT-23 S05YW ※ Week Code : A ~ Z( 1 ~ 26 ) ; a ~ z( 27 ~ 52 ) ※ SPP2305DS23RG : Tape Reel ; Pb – Free ABSOULTE MAXIMUM RATINGS (TA=25 Unless otherwise ℃ noted) Parameter Symbol Typical Unit Drain-Source Voltage VDSS -15 V Gate –Source Voltage VGSS ±12 V TA=25℃ -3.5 Continuous Drain Current(TJ=150 ) ℃ TA=70℃ ID -2.8 A Pulsed Drain Current IDM -10 A Continuous Source Current(Diode Conduction) IS -1.6 A TA=25℃ 1.25 Power Dissipation TA=70℃ PD 0.8 W Operating Junction Temperature TJ 150 ℃ Storage Temperature Range TSTG -55/150 ℃ Thermal Resistance-Junction to Ambient RθJA 120 /W ℃ |
Similar Part No. - SPP2305D |
|
Similar Description - SPP2305D |