Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

AT16646F Datasheet(PDF) 1 Page - ATMEL Corporation

Part # AT16646F
Description  AT16646 Fast Logic 16-Bit Tri-State Register
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

AT16646F Datasheet(HTML) 1 Page - ATMEL Corporation

  AT16646F Datasheet HTML 1Page - ATMEL Corporation AT16646F Datasheet HTML 2Page - ATMEL Corporation AT16646F Datasheet HTML 3Page - ATMEL Corporation AT16646F Datasheet HTML 4Page - ATMEL Corporation AT16646F Datasheet HTML 5Page - ATMEL Corporation AT16646F Datasheet HTML 6Page - ATMEL Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
AT16646
Fast Logic
16-Bit
Tri-State
Register
AT16646F
AT16646G
Features
FastestPropagationSpeedsinthe IndustryT
PD (F grade) = 2.5 ns, TPD (G grade) = 2.0 ns
Maximum derating for capacitive loads 1.5ns/100 pF (F grade) and 1.1ns/100 pF
(G grade)
Verylow ground bounce < 0.6 V @ V
CC=5.00 V, Ta=25°C
Typical output skew ≤0.25ns
Bus Hold circuitry to retain last active state during Tri-State™™
Available in SSOP and TSSOP packages
Description
Atmel’s AT16646 devices are 16-bit high speed, low power Tri-statable D type
registers, ideal for use in systems requiring both transparent and registered mode
functions. They are organized as two separate 8-bit bus transceivers. Data flow is
bi-directional, and can be controlled for multiplexed transmission between A bus and
B bus either directly or from the D registers by use of the direction control pin (xDir),
output enable (xOE), and select lines (xSAB and xSBA). Storage of data on the A bus
and B bus is controlled by the output pins. They have very low ground bounce and
excellent input noise rejection, giving the user stable signals in a high speed
environment. The Bus Hold feature eliminates the need for pull-up or pull-down
resistors and retains the last active state during a Tri-State event.
Functional Block Diagram
Pin Names
Descriptions
xDir, xOE
Output Enable Inputs
xCLKAB,xCLKBA
Clock Pulse Inputs
xSAB, xSBA
Output Data Source Select Inputs
xA
χ
Data Register A Inputs
Data Register B Outputs
xB
χ
Data Register B Inputs
Data Register A Outputs
Pin Configurations
1
3
5
7
9
11
13
15
17
19
21
23
25
27
55
53
51
49
47
45
43
41
39
37
35
33
31
29
56
54
52
50
48
46
44
42
40
38
36
34
32
30
2
4
6
8
10
12
14
16
18
20
22
24
26
28
1CLKAB
GND
1A2
1A3
1A5
1A6
1A8
2A2
GND
2A5
VCC
2A8
2SAB
2DIR
1
1SBA
1B1
VCC
1B4
GND
1B7
2B1
2B3
2B4
2B6
2B7
GND
2CLKBA
OE
1CLKBA
GND
1B2
1B3
1B5
1B6
1B8
2B2
GND
2B5
VCC
2B8
2SBA
2OE
1DIR
1SAB
1A1
VCC
1A4
GND
1A7
2A1
2A3
2A4
2A6
2A7
GND
2CLKAB
SSOP/TSSOP
Top View
0757B
AT16646
5-21


Similar Part No. - AT16646F

ManufacturerPart #DatasheetDescription
logo
Amphenol Corporation
AT16-18SA-EK02 AMPHENOL-AT16-18SA-EK02 Datasheet
396Kb / 3P
   18 POSITION PLUG, SOCKET,AT SERIES
B1
AT16-18SA-EK03 AMPHENOL-AT16-18SA-EK03 Datasheet
396Kb / 3P
   18 POSITION PLUG, SOCKET,AT SERIES
B1
AT16-18SA-EKSR02 AMPHENOL-AT16-18SA-EKSR02 Datasheet
396Kb / 3P
   18 POSITION PLUG, SOCKET,AT SERIES
B1
AT16-18SA-EKSR03 AMPHENOL-AT16-18SA-EKSR03 Datasheet
396Kb / 3P
   18 POSITION PLUG, SOCKET,AT SERIES
B1
AT16-18SA-K004 AMPHENOL-AT16-18SA-K004 Datasheet
396Kb / 3P
   18 POSITION PLUG, SOCKET,AT SERIES
B1
More results

Similar Description - AT16646F

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
54ACTQ16646 NSC-54ACTQ16646 Datasheet
92Kb / 8P
   16-Bit Transceiver/Register with TRI-STATE Outputs
logo
Renesas Technology Corp
IDT74FCT16374AT RENESAS-IDT74FCT16374AT Datasheet
259Kb / 8P
   FAST CMOS 16-BIT REGISTER (3-STATE)
MARCH 2019
logo
Integrated Device Techn...
IDT74FCT162374AT IDT-IDT74FCT162374AT Datasheet
73Kb / 7P
   FAST CMOS 16-BIT REGISTER (3-STATE)
IDT54FCT16374T IDT-IDT54FCT16374T Datasheet
126Kb / 8P
   FAST CMOS 16-BIT REGISTER (3-STATE)
logo
Renesas Technology Corp
IDT74FCT162374AT RENESAS-IDT74FCT162374AT Datasheet
239Kb / 8P
   FAST CMOS 16-BIT REGISTER (3-STATE)
SEPTEMBER 2009
logo
Pericom Semiconductor C...
PI74FCT163374 PERICOM-PI74FCT163374 Datasheet
94Kb / 5P
   Fast CMOS 3.3V 16-Bit Register (3-State)
PI74LCX16374 PERICOM-PI74LCX16374 Datasheet
151Kb / 6P
   Fast CMOS 3.3V 16-Bit Register (3-State)
PI74LPT16374 PERICOM-PI74LPT16374 Datasheet
50Kb / 5P
   Fast CMOS 3.3V 16-Bit Register (3-State)
logo
National Semiconductor ...
54LS173 NSC-54LS173 Datasheet
115Kb / 4P
   TRI-STATE 4-BIT D-TYPE REGISTER
DM74LS395 NSC-DM74LS395 Datasheet
106Kb / 6P
   4-Bit Shift Register with TRI-STATE Outputs
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com