Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TMD2672 Datasheet(PDF) 4 Page - ams AG

Part # TMD2672
Description  DIGITAL PROXIMITY DETECTOR
Download  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMSCO [ams AG]
Direct Link  http://www.ams.com
Logo AMSCO - ams AG

TMD2672 Datasheet(HTML) 4 Page - ams AG

  TMD2672 Datasheet HTML 1Page - ams AG TMD2672 Datasheet HTML 2Page - ams AG TMD2672 Datasheet HTML 3Page - ams AG TMD2672 Datasheet HTML 4Page - ams AG TMD2672 Datasheet HTML 5Page - ams AG TMD2672 Datasheet HTML 6Page - ams AG TMD2672 Datasheet HTML 7Page - ams AG TMD2672 Datasheet HTML 8Page - ams AG TMD2672 Datasheet HTML 9Page - ams AG Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 29 page
background image
TMD2672
DIGITAL PROXIMITY DETECTOR
TAOS149C − AUGUST 2012
3
The LUMENOLOGY
r Company
r
r
Copyright
E 2012, TAOS Inc.
www.taosinc.com
Terminal Functions
TERMINAL
TYPE
DESCRIPTION
NAME
NO.
TYPE
DESCRIPTION
GND
3
Power supply ground. All voltages are referenced to GND.
INT
7
O
Interrupt — open drain (active low).
LDR
6
O
LED driver input for proximity IR LED, constant current source LED driver.
LEDA
4
LED anode.
LEDK
5
LED cathode. Connect to LDR pin when using internal LED driver circuit.
SCL
2
I
I2C serial clock input terminal — clock signal for I2C serial data.
SDA
8
I/O
I2C serial data I/O terminal — serial data I/O for I2C .
VDD
1
Supply voltage.
Available Options
DEVICE
ADDRESS
LEADS
INTERFACE DESCRIPTION
ORDERING NUMBER
TMD26721
0x39
Module−8
I2C Vbus = VDD Interface
TMD26721
TMD26723
0x39
Module−8
I2C Vbus = 1.8 V Interface
TMD26723
TMD26725
0x29
Module−8
I2C Vbus = VDD Interface
TMD26725
TMD26727
0x29
Module−8
I2C Vbus = 1.8 V Interface
TMD26727
Contact TAOS for availability.
Absolute Maximum Ratings over operating free-air temperature range (unless otherwise noted)
Supply voltage, VDD (Note 1)
3.8 V
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
Input terminal voltage
−0.5 V to 3.8 V
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
Output terminal voltage (except LDR)
−0.5 V to 3.8 V
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
Output terminal voltage (LDR)
3.8 V
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
Output terminal current (except LDR)
−1 mA to 20 mA
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
Storage temperature range, Tstg
−40
°C to 85°C
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
ESD tolerance, human body model
2000 V
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
Stresses beyond those listed under “absolute maximum ratings” may cause permanent damage to the device. These are stress ratings only, and
functional operation of the device at these or any other conditions beyond those indicated under “recommended operating conditions” is not
implied. Exposure to absolute-maximum-rated conditions for extended periods may affect device reliability.
NOTES: 1. All voltages are with respect to GND.
Recommended Operating Conditions
MIN
NOM
MAX
UNIT
Supply voltage, VDD
2.6
3
3.6
V
Supply voltage accuracy, VDD total error including transients
−3
3
%
Operating free-air temperature, TA (Note 2)
−30
85
°C
NOTE 2: While the device is operational across the temperature range, functionality will vary with temperature. Specifications are stated only
at 25
°C unless otherwise noted.


Similar Part No. - TMD2672

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
TMD2672 ETC2-TMD2672 Datasheet
1Mb / 29P
   The technical content of this TAOS datasheet is still valid
logo
ams AG
TMD2672 AMSCO-TMD2672 Datasheet
527Kb / 43P
   Digital Proximity Detector
2015-Mar-23
logo
OSRAM GmbH
TMD2672 OSRAM-TMD2672 Datasheet
980Kb / 44P
   Digital Proximity Detector
v1-00 2015-Mar-23
logo
List of Unclassifed Man...
TMD26721 ETC2-TMD26721 Datasheet
1Mb / 29P
   The technical content of this TAOS datasheet is still valid
logo
ams AG
TMD26721 AMSCO-TMD26721 Datasheet
1Mb / 29P
   DIGITAL PROXIMITY DETECTOR
More results

Similar Description - TMD2672

ManufacturerPart #DatasheetDescription
logo
ams AG
TSL2671 AMSCO-TSL2671 Datasheet
725Kb / 27P
   DIGITAL PROXIMITY DETECTOR
logo
TEXAS ADVANCED OPTOELEC...
TMD26723 TAOS-TMD26723 Datasheet
1Mb / 29P
   DIGITAL PROXIMITY DETECTOR
logo
ams AG
TSL26721 AMSCO-TSL26721 Datasheet
750Kb / 46P
   Digital Proximity Detector
logo
TEXAS ADVANCED OPTOELEC...
TMD26713 TAOS-TMD26713 Datasheet
1Mb / 29P
   DIGITAL PROXIMITY DETECTOR
logo
ams AG
TMD26723 AMSCO-TMD26723 Datasheet
1Mb / 29P
   DIGITAL PROXIMITY DETECTOR
logo
TEXAS ADVANCED OPTOELEC...
TMD26711 TAOS-TMD26711 Datasheet
1Mb / 29P
   DIGITAL PROXIMITY DETECTOR
logo
ams AG
TMD2672 AMSCO-TMD2672_V01 Datasheet
527Kb / 43P
   Digital Proximity Detector
2015-Mar-23
TMD26721 AMSCO-TMD26721 Datasheet
1Mb / 29P
   DIGITAL PROXIMITY DETECTOR
TMD2671 AMSCO-TMD2671 Datasheet
1Mb / 29P
   DIGITAL PROXIMITY DETECTOR
TSL2672 AMSCO-TSL2672 Datasheet
749Kb / 31P
   DIGITAL PROXIMITY DETECTOR
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com