Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TCS3472 Datasheet(PDF) 15 Page - ams AG

Part # TCS3472
Description  COLOR LIGHT-TO-DIGITAL CONVERTER with IR FILTER
Download  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMSCO [ams AG]
Direct Link  http://www.ams.com
Logo AMSCO - ams AG

TCS3472 Datasheet(HTML) 15 Page - ams AG

Back Button TCS3472 Datasheet HTML 11Page - ams AG TCS3472 Datasheet HTML 12Page - ams AG TCS3472 Datasheet HTML 13Page - ams AG TCS3472 Datasheet HTML 14Page - ams AG TCS3472 Datasheet HTML 15Page - ams AG TCS3472 Datasheet HTML 16Page - ams AG TCS3472 Datasheet HTML 17Page - ams AG TCS3472 Datasheet HTML 18Page - ams AG TCS3472 Datasheet HTML 19Page - ams AG Next Button
Zoom Inzoom in Zoom Outzoom out
 15 / 27 page
background image
TCS3472
COLOR LIGHT-TO-DIGITAL CONVERTER
with IR FILTER
TAOS135 − AUGUST 2012
14
r
r
Copyright
E 2012, TAOS Inc.
The LUMENOLOGY
r Company
www.taosinc.com
Command Register
The command register specifies the address of the target register for future write and read operations.
Table 4. Command Register
6
75
4
ADDR/SF
2
31
0
COMMAND
CMD
TYPE
− −
FIELD
BITS
DESCRIPTION
CMD
7
Select Command Register. Must write as 1 when addressing COMMAND register.
TYPE
6:5
Selects type of transaction to follow in subsequent data transfers:
FIELD VALUE
INTEGRATION TIME
00
Repeated byte protocol transaction
01
Auto-increment protocol transaction
10
Reserved — Do not use
11
Special function — See description below
Byte protocol will repeatedly read the same register with each data access.
Block protocol will provide auto-increment function to read successive bytes.
ADDR/SF
4:0
Address field/special function field. Depending on the transaction type, see above, this field either
specifies a special function command or selects the specific control-status-data register for subsequent
read and write transactions. The field values listed below only apply to special function commands:
FIELD VALUE
READ VALUE
00110
Clear channel interrupt clear
other
Reserved — Do not write
The Clear channel interrupt clear special function clears any pending interrupt and is self-clearing.


Similar Part No. - TCS3472

ManufacturerPart #DatasheetDescription
logo
OSRAM GmbH
TCS3472 OSRAM-TCS3472 Datasheet
1Mb / 41P
   Color Light-to-Digital Converter with IR Filter
v1-04 2020-Apr-10
logo
ams AG
TCS34721 AMSCO-TCS34721 Datasheet
1Mb / 40P
   Red, Green, Blue (RGB), and Clear Light
TCS34723 AMSCO-TCS34723 Datasheet
1Mb / 40P
   Red, Green, Blue (RGB), and Clear Light
TCS34725 AMSCO-TCS34725 Datasheet
1Mb / 40P
   Red, Green, Blue (RGB), and Clear Light
logo
OSRAM GmbH
TCS34725 OSRAM-TCS34725 Datasheet
1Mb / 41P
   Color Light-to-Digital Converter with IR Filter
v1-04 2020-Apr-10
More results

Similar Description - TCS3472

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
TCS34727FN ETC2-TCS34727FN Datasheet
1Mb / 27P
   COLOR LIGHT-TO-DIGITAL CONVERTER with IR FILTER
logo
TEXAS ADVANCED OPTOELEC...
TCS37717 TAOS-TCS37717 Datasheet
1Mb / 48P
   Color Light-To-Digital Converter
logo
ams AG
TCS3490 AMSCO-TCS3490 Datasheet
714Kb / 34P
   Color Light-to-Digital Converter
TCS3471 AMSCO-TCS3471 Datasheet
1Mb / 23P
   COLOR LIGHT-TO-DIGITAL CONVERTER
logo
TEXAS ADVANCED OPTOELEC...
TCS3471 TAOS-TCS3471 Datasheet
217Kb / 22P
   COLOR LIGHT-TO-DIGITAL CONVERTER
logo
ams AG
TCS3471 AMSCO-TCS3471_V01 Datasheet
571Kb / 38P
   Color Light-to-Digital Converter
2018-Mar-27
logo
TEXAS ADVANCED OPTOELEC...
TMD37821 TAOS-TMD37821 Datasheet
600Kb / 34P
   Color Light-To-Digital Converter with Proximity Sensing
logo
ams AG
TCS3772 AMSCO-TCS3772 Datasheet
1Mb / 33P
   COLOR LIGHT-TO-DIGITAL CONVERTER with PROXIMITY SENSING
TMD3782 AMSCO-TMD3782 Datasheet
600Kb / 34P
   Color Light-To-Digital Converter with Proximity Sensing
logo
TEXAS ADVANCED OPTOELEC...
TMD37823 TAOS-TMD37823 Datasheet
600Kb / 34P
   Color Light-To-Digital Converter with Proximity Sensing
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com