Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TCS3471 Datasheet(PDF) 22 Page - ams AG

Part # TCS3471
Description  COLOR LIGHT-TO-DIGITAL CONVERTER
Download  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMSCO [ams AG]
Direct Link  http://www.ams.com
Logo AMSCO - ams AG

TCS3471 Datasheet(HTML) 22 Page - ams AG

Back Button TCS3471 Datasheet HTML 15Page - ams AG TCS3471 Datasheet HTML 16Page - ams AG TCS3471 Datasheet HTML 17Page - ams AG TCS3471 Datasheet HTML 18Page - ams AG TCS3471 Datasheet HTML 19Page - ams AG TCS3471 Datasheet HTML 20Page - ams AG TCS3471 Datasheet HTML 21Page - ams AG TCS3471 Datasheet HTML 22Page - ams AG TCS3471 Datasheet HTML 23Page - ams AG  
Zoom Inzoom in Zoom Outzoom out
 22 / 23 page
background image
TCS3471
COLOR LIGHT-TO-DIGITAL CONVERTER
TAOS115 − MARCH 2011
21
The LUMENOLOGY
r Company
r
r
Copyright
E 2011, TAOS Inc.
www.taosinc.com
MANUFACTURING INFORMATION
Moisture Sensitivity
Optical characteristics of the device can be adversely affected during the soldering process by the release and
vaporization of moisture that has been previously absorbed into the package. To ensure the package contains
the smallest amount of absorbed moisture possible, each device is dry-baked prior to being packed for shipping.
Devices are packed in a sealed aluminized envelope called a moisture barrier bag with silica gel to protect them
from ambient moisture during shipping, handling, and storage before use.
The FN package has been assigned a moisture sensitivity level of MSL 3 and the devices should be stored under
the following conditions:
Temperature Range
5
°C to 50°C
Relative Humidity
60% maximum
Total Time
12 months from the date code on the aluminized envelope — if unopened
Opened Time
168 hours or fewer
Rebaking will be required if the devices have been stored unopened for more than 12 months or if the aluminized
envelope has been open for more than 168 hours. If rebaking is required, it should be done at 50
°C for 12 hours.


Similar Part No. - TCS3471

ManufacturerPart #DatasheetDescription
logo
TEXAS ADVANCED OPTOELEC...
TCS3471 TAOS-TCS3471 Datasheet
217Kb / 22P
   COLOR LIGHT-TO-DIGITAL CONVERTER
logo
ams AG
TCS3471 AMSCO-TCS3471 Datasheet
571Kb / 38P
   Color Light-to-Digital Converter
2018-Mar-27
logo
OSRAM GmbH
TCS3471 OSRAM-TCS3471 Datasheet
914Kb / 39P
   Color Light-to-Digital Converter
v1-01 2018-Mar-27
logo
TEXAS ADVANCED OPTOELEC...
TCS34711 TAOS-TCS34711 Datasheet
217Kb / 22P
   COLOR LIGHT-TO-DIGITAL CONVERTER
logo
OSRAM GmbH
TCS34711FN OSRAM-TCS34711FN Datasheet
914Kb / 39P
   Color Light-to-Digital Converter
v1-01 2018-Mar-27
More results

Similar Description - TCS3471

ManufacturerPart #DatasheetDescription
logo
TEXAS ADVANCED OPTOELEC...
TCS37717 TAOS-TCS37717 Datasheet
1Mb / 48P
   Color Light-To-Digital Converter
logo
ams AG
TCS3490 AMSCO-TCS3490 Datasheet
714Kb / 34P
   Color Light-to-Digital Converter
logo
TEXAS ADVANCED OPTOELEC...
TCS3471 TAOS-TCS3471 Datasheet
217Kb / 22P
   COLOR LIGHT-TO-DIGITAL CONVERTER
logo
ams AG
TCS3471 AMSCO-TCS3471_V01 Datasheet
571Kb / 38P
   Color Light-to-Digital Converter
2018-Mar-27
logo
TEXAS ADVANCED OPTOELEC...
TMD37821 TAOS-TMD37821 Datasheet
600Kb / 34P
   Color Light-To-Digital Converter with Proximity Sensing
logo
ams AG
TCS3472 AMSCO-TCS3472 Datasheet
1Mb / 27P
   COLOR LIGHT-TO-DIGITAL CONVERTER with IR FILTER
TCS3772 AMSCO-TCS3772 Datasheet
1Mb / 33P
   COLOR LIGHT-TO-DIGITAL CONVERTER with PROXIMITY SENSING
logo
List of Unclassifed Man...
TCS34727FN ETC2-TCS34727FN Datasheet
1Mb / 27P
   COLOR LIGHT-TO-DIGITAL CONVERTER with IR FILTER
logo
ams AG
TMD3782 AMSCO-TMD3782 Datasheet
600Kb / 34P
   Color Light-To-Digital Converter with Proximity Sensing
logo
TEXAS ADVANCED OPTOELEC...
TMD37823 TAOS-TMD37823 Datasheet
600Kb / 34P
   Color Light-To-Digital Converter with Proximity Sensing
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com