Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TCS3471 Datasheet(PDF) 17 Page - ams AG

Part # TCS3471
Description  COLOR LIGHT-TO-DIGITAL CONVERTER
Download  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMSCO [ams AG]
Direct Link  http://www.ams.com
Logo AMSCO - ams AG

TCS3471 Datasheet(HTML) 17 Page - ams AG

Back Button TCS3471 Datasheet HTML 13Page - ams AG TCS3471 Datasheet HTML 14Page - ams AG TCS3471 Datasheet HTML 15Page - ams AG TCS3471 Datasheet HTML 16Page - ams AG TCS3471 Datasheet HTML 17Page - ams AG TCS3471 Datasheet HTML 18Page - ams AG TCS3471 Datasheet HTML 19Page - ams AG TCS3471 Datasheet HTML 20Page - ams AG TCS3471 Datasheet HTML 21Page - ams AG Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 23 page
background image
TCS3471
COLOR LIGHT-TO-DIGITAL CONVERTER
TAOS115 − MARCH 2011
16
r
r
Copyright
E 2011, TAOS Inc.
The LUMENOLOGY
r Company
www.taosinc.com
Status Register (0x13)
The Status Register provides the internal status of the device. This register is read only.
Table 11. Status Register
6
75
4
AVALID
2
31
0
STATUS
Reserved
AINT
Address
0x13
Reserved
FIELD
BIT
DESCRIPTION
Reserved
7:5
Reserved.
AINT
4
RGBC clear channel Interrupt.
Reserved
3:1
Reserved.
AVALID
0
RGBC Valid. Indicates that the RGBC channels have completed an integration cycle.
RGBC Channel Data Registers (0x14 − 0x1B)
Clear, red, green, and blue data is stored as 16-bit values. To ensure the data is read correctly, a two-byte read
I2C transaction should be used with a read word protocol bit set in the command register. With this operation,
when the lower byte register is read, the upper eight bits are stored into a shadow register, which is read by a
subsequent read to the upper byte. The upper register will read the correct value even if additional ADC
integration cycles end between the reading of the lower and upper registers.
Table 12. ADC Channel Data Registers
REGISTER
ADDRESS
BITS
DESCRIPTION
CDATA
0x14
7:0
Clear data low byte
CDATAH
0x15
7:0
Clear data high byte
RDATA
0x16
7:0
Red data low byte
RDATAH
0x17
7:0
Red data high byte
GDATA
0x18
7:0
Green data low byte
GDATAH
0x19
7:0
Green data high byte
BDATA
0x1A
7:0
Blue data low byte
BDATAH
0x1B
7:0
Blue data high byte


Similar Part No. - TCS3471

ManufacturerPart #DatasheetDescription
logo
TEXAS ADVANCED OPTOELEC...
TCS3471 TAOS-TCS3471 Datasheet
217Kb / 22P
   COLOR LIGHT-TO-DIGITAL CONVERTER
logo
ams AG
TCS3471 AMSCO-TCS3471 Datasheet
571Kb / 38P
   Color Light-to-Digital Converter
2018-Mar-27
logo
OSRAM GmbH
TCS3471 OSRAM-TCS3471 Datasheet
914Kb / 39P
   Color Light-to-Digital Converter
v1-01 2018-Mar-27
logo
TEXAS ADVANCED OPTOELEC...
TCS34711 TAOS-TCS34711 Datasheet
217Kb / 22P
   COLOR LIGHT-TO-DIGITAL CONVERTER
logo
OSRAM GmbH
TCS34711FN OSRAM-TCS34711FN Datasheet
914Kb / 39P
   Color Light-to-Digital Converter
v1-01 2018-Mar-27
More results

Similar Description - TCS3471

ManufacturerPart #DatasheetDescription
logo
TEXAS ADVANCED OPTOELEC...
TCS37717 TAOS-TCS37717 Datasheet
1Mb / 48P
   Color Light-To-Digital Converter
logo
ams AG
TCS3490 AMSCO-TCS3490 Datasheet
714Kb / 34P
   Color Light-to-Digital Converter
logo
TEXAS ADVANCED OPTOELEC...
TCS3471 TAOS-TCS3471 Datasheet
217Kb / 22P
   COLOR LIGHT-TO-DIGITAL CONVERTER
logo
ams AG
TCS3471 AMSCO-TCS3471_V01 Datasheet
571Kb / 38P
   Color Light-to-Digital Converter
2018-Mar-27
logo
TEXAS ADVANCED OPTOELEC...
TMD37821 TAOS-TMD37821 Datasheet
600Kb / 34P
   Color Light-To-Digital Converter with Proximity Sensing
logo
ams AG
TCS3472 AMSCO-TCS3472 Datasheet
1Mb / 27P
   COLOR LIGHT-TO-DIGITAL CONVERTER with IR FILTER
TCS3772 AMSCO-TCS3772 Datasheet
1Mb / 33P
   COLOR LIGHT-TO-DIGITAL CONVERTER with PROXIMITY SENSING
logo
List of Unclassifed Man...
TCS34727FN ETC2-TCS34727FN Datasheet
1Mb / 27P
   COLOR LIGHT-TO-DIGITAL CONVERTER with IR FILTER
logo
ams AG
TMD3782 AMSCO-TMD3782 Datasheet
600Kb / 34P
   Color Light-To-Digital Converter with Proximity Sensing
logo
TEXAS ADVANCED OPTOELEC...
TMD37823 TAOS-TMD37823 Datasheet
600Kb / 34P
   Color Light-To-Digital Converter with Proximity Sensing
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com