Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

NSE-5310 Datasheet(PDF) 2 Page - ams AG

Part # NSE-5310
Description  Miniature Position Encoder with Zero Reference and IC Output
Download  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMSCO [ams AG]
Direct Link  http://www.ams.com
Logo AMSCO - ams AG

NSE-5310 Datasheet(HTML) 2 Page - ams AG

  NSE-5310_07 Datasheet HTML 1Page - ams AG NSE-5310_07 Datasheet HTML 2Page - ams AG NSE-5310_07 Datasheet HTML 3Page - ams AG NSE-5310_07 Datasheet HTML 4Page - ams AG NSE-5310_07 Datasheet HTML 5Page - ams AG NSE-5310_07 Datasheet HTML 6Page - ams AG NSE-5310_07 Datasheet HTML 7Page - ams AG NSE-5310_07 Datasheet HTML 8Page - ams AG NSE-5310_07 Datasheet HTML 9Page - ams AG Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 22 page
background image
www.ams.com
Revision 1.5
2 - 22
NSE-5310
Datasheet - Pin Assignm ents
4 Pin Assignments
Figure 2. Pin Assignments (Top View)
4.1 Pin Descriptions
Table 1. Pin Descriptions
Pin Number
Pin Name
Pin Type
Description
1NC
Not Connected
2MagINCn
Digital output open drain
Indicates increasing or decreasing of magnitude by the AGC.
Can be used for Push Button Function. Both signals are active
low if AGC is in Non Valid Range and can be hooked together in
wired-AND Non Valid X / Y Alignment during Align Mode
3
MagDECn
4
DTEST1_A
Test output in default mode, A in sync mode
5
DTEST2_B
Test output in default mode, B in sync mode
6
Coil
Analog I/O
Serial connection of Hall Element Coils to VSS
7
Mode_Index
Digital I/O with pull-down
Digital output open drain
Decimation Rate Selection internal pull down, by default DCR =
256. Static setup at power up.
8
VSS
Supply pad
Ground
9PDIO
Digital I/O
Analog I/O
Digital and Analog Access to PPTRIM
10
NC
Not connected
11
I2C A0
Digital input with pull-down
Digital input to choose I²C address by input pin. This pin is
the I²C address pin (0 or 1) to select the position sensor when two
sensors are used.
2
3
4
5
6
7
8
13
14
15
16
17
18
19
20
1
MagIncrn
MagDecrn
DTest1_A
DTest2_B
TestCoil
Mode_Index
VSS
NC
SCL / CLK
CSn
PWM
TestBus1
TestBus0
VDD3V3
VDD5V
TestBus3
NSE-5310
9
12
PDIO
SDA / DIO
10
11
NC
I2C_A0


Similar Part No. - NSE-5310_07

ManufacturerPart #DatasheetDescription
logo
ams AG
NSE-5310ASDF AMSCO-NSE-5310ASDF Datasheet
1Mb / 21P
   Miniature Position Encoder SOIC with Zero Reference and I짼C Output
NSE-5310ASST AMSCO-NSE-5310ASST Datasheet
1Mb / 21P
   Miniature Position Encoder SOIC with Zero Reference and I짼C Output
NSE-5310ASSU AMSCO-NSE-5310ASSU Datasheet
1Mb / 21P
   Miniature Position Encoder SOIC with Zero Reference and I짼C Output
More results

Similar Description - NSE-5310_07

ManufacturerPart #DatasheetDescription
logo
ams AG
NSE-5310 AMSCO-NSE-5310 Datasheet
1Mb / 21P
   Miniature Position Encoder SOIC with Zero Reference and I짼C Output
logo
Allegro MicroSystems
A1696PUC ALLEGRO-A1696PUC Datasheet
1Mb / 17P
   Position Sensor IC with Speed and Direction Output
ATS696PSM ALLEGRO-ATS696PSM Datasheet
714Kb / 17P
   Position Sensor IC with Speed and Direction Output
October 26, 2018
logo
IC-Haus GmbH
IC-LG ICHAUS-IC-LG Datasheet
519Kb / 2P
   21-BIT OPTICAL POSITION ENCODER WITH SERIAL/PARALLEL AND SIN/COS OUTPUT
IC-LGC ICHAUS-IC-LGC Datasheet
399Kb / 2P
   21-BIT OPTICAL POSITION ENCODER WITH SERIAL/PARALLEL AND SIN/COS OUTPUT
logo
Hamamatsu Corporation
L6437 HAMAMATSU-L6437 Datasheet
125Kb / 2P
   High radiant output GaAs LED with position reference hole
logo
Renesas Technology Corp
RX62T RENESAS-RX62T Datasheet
708Kb / 25P
   Position Control of PMSM with Encoder
logo
National Semiconductor ...
LM3824 NSC-LM3824 Datasheet
265Kb / 12P
   Precision Current Gauge IC with Internal Zero Ohm Sense Element and PWM Output
LM3822 NSC-LM3822 Datasheet
265Kb / 12P
   Precision Current Gauge IC with Internal Zero Ohm Sense Element and PWM Output
logo
Hamamatsu Corporation
L6437 HAMAMATSU-L6437_06 Datasheet
73Kb / 3P
   Infrared LED High radiant output GaAs LED with position reference hole
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com