Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

TLP371F Datasheet(PDF) 5 Page - Toshiba Semiconductor

Part No. TLP371F
Description  Office Machine Household Use Equipment Telecommunication Solid State Relay Programmable Controllers
Download  8 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  TOSHIBA [Toshiba Semiconductor]
Homepage  http://www.semicon.toshiba.co.jp/eng
Logo 

TLP371F Datasheet(HTML) 5 Page - Toshiba Semiconductor

   
Zoom Inzoom in Zoom Outzoom out
 5 / 8 page
background image
TLP371,TLP372
2007-10-01
5
IFP – DR
Duty cycle ratio DR
5000
3000
3
3
10
−3
3
10
1000
500
30
100
50
300
10
−1
10
−2
3
Pulse width
≤ 100μs
Ta = 25°C
10
0
IF – Ta
Ambient temperature Ta (℃)
120
100
100
80
80
60
20
40
0
−20
0
60
40
20
PC – Ta
Ambient temperature Ta (℃)
120
400
100
320
80
60
20
40
0
−20
0
240
160
80
IF – VF
Forward voltage VF (V)
100
50
0.6
0.3
5
0.5
30
3
1
10
0.1
0.8
1.0
1.2
1.4
1.6
1.8
Ta = 25°C
IFP – VFP
Pulse forward voltage VFP (V)
1000
500
0.6
3
50
5
300
30
10
100
1
1.0
1.4
1.8
2.2
2.6
3.0
Pulse width ≤ 10μs
Repetitive frequency
=100Hz
Ta = 25°C
−3.2
0.1
−2.0
−2.4
−2.8
−0.4
0.5
0.3
−1.6
−1.2
−0.8
1
3
10
30
50
Δ
VF / ΔTa – IF
Forward current IF (mA)


Html Pages

1  2  3  4  5  6  7  8 


Datasheet Download




Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn