Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CD4066BNSRG4 Datasheet(PDF) 1 Page - Texas Instruments

Part # CD4066BNSRG4
Description  CMOS QUAD BILATERAL SWITCH
Download  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

CD4066BNSRG4 Datasheet(HTML) 1 Page - Texas Instruments

  CD4066BNSRG4 Datasheet HTML 1Page - Texas Instruments CD4066BNSRG4 Datasheet HTML 2Page - Texas Instruments CD4066BNSRG4 Datasheet HTML 3Page - Texas Instruments CD4066BNSRG4 Datasheet HTML 4Page - Texas Instruments CD4066BNSRG4 Datasheet HTML 5Page - Texas Instruments CD4066BNSRG4 Datasheet HTML 6Page - Texas Instruments CD4066BNSRG4 Datasheet HTML 7Page - Texas Instruments CD4066BNSRG4 Datasheet HTML 8Page - Texas Instruments CD4066BNSRG4 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 25 page
background image
CD4066B
CMOS QUAD BILATERAL SWITCH
SCHS051D − NOVEMBER 1998 − REVISED SEPTEMBER 2003
1
POST OFFICE BOX 655303
DALLAS, TEXAS 75265
D 15-V Digital or ±7.5-V Peak-to-Peak
Switching
D 125-Ω Typical On-State Resistance for 15-V
Operation
D Switch On-State Resistance Matched to
Within 5
Ω Over 15-V Signal-Input Range
D On-State Resistance Flat Over Full
Peak-to-Peak Signal Range
D High On/Off Output-Voltage Ratio: 80 dB
Typical at fis = 10 kHz, RL = 1 kΩ
D High Degree of Linearity: <0.5% Distortion
Typical at fis = 1 kHz, Vis = 5 V p-p,
VDD − VSS ≥ 10 V, RL = 10 kΩ
D Extremely Low Off-State Switch Leakage,
Resulting in Very Low Offset Current and
High Effective Off-State Resistance: 10 pA
Typical at VDD − VSS = 10 V, TA = 25°C
D Extremely High Control Input Impedance
(Control Circuit Isolated From Signal
Circuit): 1012
Ω Typical
D Low Crosstalk Between Switches: −50 dB
Typical at fis = 8 MHz, RL = 1 kΩ
D Matched Control-Input to Signal-Output
Capacitance: Reduces Output Signal
Transients
D Frequency Response, Switch On = 40 MHz
Typical
D 100% Tested for Quiescent Current at 20 V
D 5-V, 10-V, and 15-V Parametric Ratings
D Meets All Requirements of JEDEC Tentative
Standard No. 13-B, Standard Specifications
for Description of “B” Series CMOS
Devices
D Applications:
− Analog Signal Switching/Multiplexing:
Signal Gating, Modulator, Squelch
Control, Demodulator, Chopper,
Commutating Switch
− Digital Signal Switching/Multiplexing
− Transmission-Gate Logic Implementation
− Analog-to-Digital and Digital-to-Analog
Conversion
− Digital Control of Frequency, Impedance,
Phase, and Analog-Signal Gain
description/ordering information
The CD4066B is a quad bilateral switch intended for the transmission or multiplexing of analog or digital signals.
It is pin-for-pin compatible with the CD4016B, but exhibits a much lower on-state resistance. In addition, the
on-state resistance is relatively constant over the full signal-input range.
The CD4066B consists of four bilateral switches, each with independent controls. Both the p and the n devices
in a given switch are biased on or off simultaneously by the control signal. As shown in Figure 1, the well of the
n-channel device on each switch is tied to either the input (when the switch is on) or to VSS (when the switch
is off). This configuration eliminates the variation of the switch-transistor threshold voltage with input signal and,
thus, keeps the on-state resistance low over the full operating-signal range.
The advantages over single-channel switches include peak input-signal voltage swings equal to the full supply
voltage and more constant on-state impedance over the input-signal range. However, for sample-and-hold
applications, the CD4016B is recommended.
Copyright
 2003, Texas Instruments Incorporated
PRODUCTION DATA information is current as of publication date.
Products conform to specifications per the terms of Texas Instruments
standard warranty. Production processing does not necessarily include
testing of all parameters.
Please be aware that an important notice concerning availability, standard warranty, and use in critical applications of
Texas Instruments semiconductor products and disclaimers thereto appears at the end of this data sheet.
1
2
3
4
5
6
7
14
13
12
11
10
9
8
SIG A IN/OUT
SIG A OUT/IN
SIG B OUT/IN
SIG B IN/OUT
CONTROL B
CONTROL C
VSS
VDD
CONTROL A
CONTROL D
SIG D IN/OUT
SIG D OUT/IN
SIG C OUT/IN
SIG C IN/OUT
E, F, M, NS, OR PW PACKAGE
(TOP VIEW)


Similar Part No. - CD4066BNSRG4

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
CD4066BNSRG4 TI-CD4066BNSRG4 Datasheet
1Mb / 25P
[Old version datasheet]   CMOS QUAD BILATERAL SWITCH
More results

Similar Description - CD4066BNSRG4

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
CD4066B TI1-CD4066B_14 Datasheet
1Mb / 26P
[Old version datasheet]   CMOS QUAD BILATERAL SWITCH
CD4066B TI1-CD4066B_18 Datasheet
1Mb / 33P
[Old version datasheet]   CMOS Quad Bilateral Switch
CD4066B-Q1 TI1-CD4066B-Q1_14 Datasheet
327Kb / 17P
[Old version datasheet]   CMOS QUAD BILATERAL SWITCH
logo
Intersil Corporation
CD4016BMS INTERSIL-CD4016BMS Datasheet
201Kb / 10P
   CMOS Quad Bilateral Switch
November 1994
logo
Texas Instruments
CD4066B TI-CD4066B Datasheet
547Kb / 20P
[Old version datasheet]   CMOS QUAD BILATERAL SWITCH
CD4066B TI-CD4066B_15 Datasheet
1Mb / 25P
[Old version datasheet]   CMOS QUAD BILATERAL SWITCH
CD4016B TI1-CD4016B_14 Datasheet
994Kb / 19P
[Old version datasheet]   CMOS Quad Bilateral Switch
CD4066BM96G4 TI-CD4066BM96G4 Datasheet
1Mb / 25P
[Old version datasheet]   CMOS QUAD BILATERAL SWITCH
CD4066B-Q1 TI-CD4066B-Q1_15 Datasheet
290Kb / 16P
[Old version datasheet]   CMOS QUAD BILATERAL SWITCH
CD4066B TI1-CD4066B_16 Datasheet
1Mb / 25P
[Old version datasheet]   CMOS QUAD BILATERAL SWITCH
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com