Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MSC1200Y2PFBR Datasheet(PDF) 61 Page - Texas Instruments

Part # MSC1200Y2PFBR
Description  Precision Analog -to-Digital Converter
Download  92 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

MSC1200Y2PFBR Datasheet(HTML) 61 Page - Texas Instruments

Back Button MSC1200Y2PFBR Datasheet HTML 57Page - Texas Instruments MSC1200Y2PFBR Datasheet HTML 58Page - Texas Instruments MSC1200Y2PFBR Datasheet HTML 59Page - Texas Instruments MSC1200Y2PFBR Datasheet HTML 60Page - Texas Instruments MSC1200Y2PFBR Datasheet HTML 61Page - Texas Instruments MSC1200Y2PFBR Datasheet HTML 62Page - Texas Instruments MSC1200Y2PFBR Datasheet HTML 63Page - Texas Instruments MSC1200Y2PFBR Datasheet HTML 64Page - Texas Instruments MSC1200Y2PFBR Datasheet HTML 65Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 61 / 92 page
background image
MSC1200
MSC1201
MSC1202
SBAS317E − APRIL 2004 − REVISED MAY 2006
www.ti.com
61
Port 3 (P3)
7
6
5
4
3
2
1
0
Reset Value
SFR B0h
P3.7
P3.6
SCK/SCL/CLKS
P3.5
T1
P3.4
T0
P3.3
INT1
P3.2
INT0
P3.1
TXD0
P3.0
RXD0
FFh
P3.7−0
General-Purpose I/O Port 3. This register functions as a general-purpose I/O port. In addition, all the pins have an
bits 7−0
alternative function listed below. Each of the functions is controlled by several other SFRs. The associated Port 3
latch bit must contain a logic ‘1’ before the pin can be used in its alternate function capacity.
SCK/SCL/CLKS Clock Source Select. Refer to PASEL (SFR F2h).
bit 6
T1
Timer/Counter 1 External Input. A 1 to 0 transition on this pin will increment Timer 1.
bit 5
T0
Timer/Counter 0 External Input. A 1 to 0 transition on this pin will increment Timer 0.
bit 4
INT1
External Interrupt 1. A falling edge/low level on this pin will cause an external interrupt 1 if enabled.
bit 3
INT0
External Interrupt 0. A falling edge/low level on this pin will cause an external interrupt 0 if enabled.
bit 2
TXD0
Serial Port 0 Transmit. This pin transmits the serial Port 0 data in serial port modes 1, 2, 3, and emits the
bit 1
synchronizing clock in serial port mode 0.
RXD0
Serial Port 0 Receive. This pin receives the serial Port 0 data in serial port modes 1, 2, 3, and is a bidirectional data
bit 0
transfer pin in serial port mode 0.


Similar Part No. - MSC1200Y2PFBR

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
MSC1200Y2PFBR TI-MSC1200Y2PFBR Datasheet
802Kb / 60P
[Old version datasheet]   Precision Analog-to-Digital Converter (ADC) and Digital-to-Analog Converter (DAC) with 8051 Microcontroller and Flash Memory
MSC1200Y2PFBR TI1-MSC1200Y2PFBR Datasheet
1Mb / 92P
[Old version datasheet]   Precision Analog-to-Digital Converter and Current-Output Digital-to-Analog Converter
MSC1200Y2PFBR TI1-MSC1200Y2PFBR Datasheet
1Mb / 92P
[Old version datasheet]   Precision Analog-to-Digital Converter (ADC) and Current-Output Digital Converter (DAC)
MAY 2006
MSC1200Y2PFBRG4 TI1-MSC1200Y2PFBRG4 Datasheet
1Mb / 92P
[Old version datasheet]   Precision Analog-to-Digital Converter and Current-Output Digital-to-Analog Converter
MSC1200Y2PFBRG4 TI1-MSC1200Y2PFBRG4 Datasheet
1Mb / 92P
[Old version datasheet]   Precision Analog-to-Digital Converter (ADC) and Current-Output Digital Converter (DAC)
MAY 2006
More results

Similar Description - MSC1200Y2PFBR

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
MSC1202Y3RHHTG4 TI1-MSC1202Y3RHHTG4 Datasheet
1Mb / 92P
[Old version datasheet]   Precision Analog-to-Digital Converter and Current-Output Digital-to-Analog Converter
logo
Burr-Brown (TI)
MSC1212Y2 BURR-BROWN-MSC1212Y2 Datasheet
1Mb / 69P
   Precision Analog-to-Digital Converter (ADC)
logo
Texas Instruments
MSC1211 TI1-MSC1211_07 Datasheet
1Mb / 111P
[Old version datasheet]   Precision Analog-to-Digital Converter (ADC) and Digital-to-Analog Converters (DACs)
OCTOBER 2007
MSC1200 TI1-MSC1200_06 Datasheet
1Mb / 92P
[Old version datasheet]   Precision Analog-to-Digital Converter (ADC) and Current-Output Digital Converter (DAC)
MAY 2006
logo
Burr-Brown (TI)
PCM58P BURR-BROWN-PCM58P Datasheet
64Kb / 6P
   Precision, 18-Bit Monolithic Audio DIGITAL-TO-ANALOG CONVERTER
logo
Texas Instruments
TL505C TI-TL505C Datasheet
316Kb / 7P
[Old version datasheet]   ANALOG-TO-DIGITAL CONVERTER
ADS820 TI1-ADS820_13 Datasheet
409Kb / 20P
[Old version datasheet]   ANALOG-TO-DIGITAL CONVERTER
PCM2702 TI1-PCM2702_09 Datasheet
427Kb / 17P
[Old version datasheet]   DIGITAL-TO-ANALOG CONVERTER
PCM4201 TI1-PCM4201_16 Datasheet
847Kb / 26P
[Old version datasheet]   Analog-to-Digital Converter
PCM4204 TI1-PCM4204_16 Datasheet
1Mb / 38P
[Old version datasheet]   Analog-to-Digital Converter
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com