Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MSC1201 Datasheet(PDF) 83 Page - Texas Instruments

Part # MSC1201
Description  Precision Analog -to-Digital Converter
Download  92 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

MSC1201 Datasheet(HTML) 83 Page - Texas Instruments

Back Button MSC1201 Datasheet HTML 79Page - Texas Instruments MSC1201 Datasheet HTML 80Page - Texas Instruments MSC1201 Datasheet HTML 81Page - Texas Instruments MSC1201 Datasheet HTML 82Page - Texas Instruments MSC1201 Datasheet HTML 83Page - Texas Instruments MSC1201 Datasheet HTML 84Page - Texas Instruments MSC1201 Datasheet HTML 85Page - Texas Instruments MSC1201 Datasheet HTML 86Page - Texas Instruments MSC1201 Datasheet HTML 87Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 83 / 92 page
background image
MSC1200
MSC1201
MSC1202
SBAS317E − APRIL 2004 − REVISED MAY 2006
www.ti.com
83
Watchdog Timer (WDTCON)
7
6
5
4
3
2
1
0
Reset Value
SFR FFh
EWDT
DWDT
RWDT
WDCNT4
WDCNT3
WDCNT2
WDCNT1
WDCNT0
00h
EWDT
Enable Watchdog (R/W).
bit 7
Write 1/Write 0 sequence sets the Watchdog Enable Counting bit.
DWDT
Disable Watchdog (R/W).
bit 6
Write 1/Write 0 sequence clears the Watchdog Enable Counting bit.
RWDT
Reset Watchdog (R/W).
bit 5
Write 1/Write 0 sequence restarts the Watchdog Counter.
WDCNT4−0 Watchdog Count (R/W).
bits 4−0
Watchdog expires in (WDCNT + 1)
• HMSEC to (WDCNT + 2) • HMSEC, if the sequence is not asserted. There is
an uncertainty of 1 count.
NOTE: If HCR0.3 (EWDR) is set and the watchdog timer expires, a system reset is generated. If HCR0.3 (EWDR) is
cleared and the watchdog timer expires, an interrupt is generated (see Table 6).


Similar Part No. - MSC1201

ManufacturerPart #DatasheetDescription
logo
OKI electronic componet...
MSC1201 OKI-MSC1201 Datasheet
135Kb / 20P
   60-Bit VFD Tube Driver with Digital Dimming and PWM Conversion Function
logo
Burr-Brown (TI)
MSC1201 BURR-BROWN-MSC1201 Datasheet
684Kb / 78P
   Precision, Analog-to-Digital Converter (ADC) and Digital-to-Analog Converter (DAC) with 8051 Microcontroller and Flash Memory
logo
Texas Instruments
MSC1201 TI1-MSC1201 Datasheet
1Mb / 92P
[Old version datasheet]   Precision Analog-to-Digital Converter (ADC) and Current-Output Digital Converter (DAC)
MAY 2006
MSC1201 TI1-MSC1201 Datasheet
1Mb / 93P
[Old version datasheet]   MSC1200 and MSC1201: 24 Bits No Missing Codes 22 Bits Effective Resolution At 10Hz
logo
OKI electronic componet...
MSC1201-XX OKI-MSC1201-XX Datasheet
135Kb / 20P
   60-Bit VFD Tube Driver with Digital Dimming and PWM Conversion Function
More results

Similar Description - MSC1201

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
MSC1202Y3RHHTG4 TI1-MSC1202Y3RHHTG4 Datasheet
1Mb / 92P
[Old version datasheet]   Precision Analog-to-Digital Converter and Current-Output Digital-to-Analog Converter
logo
Burr-Brown (TI)
MSC1212Y2 BURR-BROWN-MSC1212Y2 Datasheet
1Mb / 69P
   Precision Analog-to-Digital Converter (ADC)
logo
Texas Instruments
MSC1211 TI1-MSC1211_07 Datasheet
1Mb / 111P
[Old version datasheet]   Precision Analog-to-Digital Converter (ADC) and Digital-to-Analog Converters (DACs)
OCTOBER 2007
MSC1200 TI1-MSC1200_06 Datasheet
1Mb / 92P
[Old version datasheet]   Precision Analog-to-Digital Converter (ADC) and Current-Output Digital Converter (DAC)
MAY 2006
logo
Burr-Brown (TI)
PCM58P BURR-BROWN-PCM58P Datasheet
64Kb / 6P
   Precision, 18-Bit Monolithic Audio DIGITAL-TO-ANALOG CONVERTER
logo
Texas Instruments
TL505C TI-TL505C Datasheet
316Kb / 7P
[Old version datasheet]   ANALOG-TO-DIGITAL CONVERTER
ADS820 TI1-ADS820_13 Datasheet
409Kb / 20P
[Old version datasheet]   ANALOG-TO-DIGITAL CONVERTER
PCM2702 TI1-PCM2702_09 Datasheet
427Kb / 17P
[Old version datasheet]   DIGITAL-TO-ANALOG CONVERTER
PCM4201 TI1-PCM4201_16 Datasheet
847Kb / 26P
[Old version datasheet]   Analog-to-Digital Converter
PCM4204 TI1-PCM4204_16 Datasheet
1Mb / 38P
[Old version datasheet]   Analog-to-Digital Converter
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com