Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MSC1200 Datasheet(PDF) 68 Page - Texas Instruments

Part # MSC1200
Description  Precision Analog -to-Digital Converter
Download  92 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

MSC1200 Datasheet(HTML) 68 Page - Texas Instruments

Back Button MSC1200 Datasheet HTML 64Page - Texas Instruments MSC1200 Datasheet HTML 65Page - Texas Instruments MSC1200 Datasheet HTML 66Page - Texas Instruments MSC1200 Datasheet HTML 67Page - Texas Instruments MSC1200 Datasheet HTML 68Page - Texas Instruments MSC1200 Datasheet HTML 69Page - Texas Instruments MSC1200 Datasheet HTML 70Page - Texas Instruments MSC1200 Datasheet HTML 71Page - Texas Instruments MSC1200 Datasheet HTML 72Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 68 / 92 page
background image
MSC1200
MSC1201
MSC1202
SBAS317E − APRIL 2004 − REVISED MAY 2006
www.ti.com
68
ADC Gain Calibration High Byte (GCH)
7
6
5
4
3
2
1
0
Reset Value
SFR D6h
MSB
5Fh
All MSC120x devices support 24-bit calibration values.
GCH
ADC Gain Calibration High Byte. This is the high byte of the 24-bit word that contains the ADC gain
bits 7−0
calibration. This value is written by the device after performing a calibration. This register is read/writable, so it can
be used for setting calibration values independent of the hardware-generated calibration values.
ADC Input Multiplexer (ADMUX)
7
6
5
4
3
2
1
0
Reset Value
SFR D7h
INP3
INP2
INP1
INP0
INN3
INN2
INN1
INN0
01h
INP3−0
Input Multiplexer Positive Input. This selects the positive signal input.
bits 7−4
INP3
INP2
INP1
INP0
POSITIVE INPUT
0
0
0
0
AIN0 (default)
0
0
0
1
AIN1
0
0
1
0
AIN2
0
0
1
1
AIN3
0
1
0
0
AIN4
0
1
0
1
AIN5
0
1
1
0
AIN6 (MSC1200 only; for the MSC1201/02, this pin is internally tied to REFIN−)
0
1
1
1
AIN7 (MSC1200 only; for the MSC1201/02, this pin is internally tied to REFIN−)
1
0
0
0
AINCOM
1
1
1
1
Temperature Sensor (requires ADMUX = FFh)
INN3−0
Input Multiplexer Negative Input. This selects the negative signal input.
bits 3−0
INN3
INN2
INN1
INN0
NEGATIVE INPUT
0
0
0
0
AIN0
0
0
0
1
AIN1 (default)
0
0
1
0
AIN2
0
0
1
1
AIN3
0
1
0
0
AIN4
0
1
0
1
AIN5
0
1
1
0
AIN6 (MSC1200 Only)
0
1
1
1
AIN7 (MSC1200 Only)
1
0
0
0
AINCOM
1
1
1
1
Temperature Sensor (requires ADMUX = FFh)


Similar Part No. - MSC1200

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
MSC1200 TI-MSC1200 Datasheet
802Kb / 60P
[Old version datasheet]   Precision Analog-to-Digital Converter (ADC) and Digital-to-Analog Converter (DAC) with 8051 Microcontroller and Flash Memory
MSC1200 TI1-MSC1200 Datasheet
1Mb / 92P
[Old version datasheet]   Precision Analog-to-Digital Converter (ADC) and Current-Output Digital Converter (DAC)
MAY 2006
logo
OKI electronic componet...
MSC1200-01 OKI-MSC1200-01 Datasheet
218Kb / 26P
   30-Bit Duplex Controller/Driver with Digital/Analog Dimming and Keyscan Functions
MSC1200V-01 OKI-MSC1200V-01 Datasheet
218Kb / 26P
   30-Bit Duplex Controller/Driver with Digital/Analog Dimming and Keyscan Functions
logo
Texas Instruments
MSC1200Y2 TI-MSC1200Y2 Datasheet
802Kb / 60P
[Old version datasheet]   Precision Analog-to-Digital Converter (ADC) and Digital-to-Analog Converter (DAC) with 8051 Microcontroller and Flash Memory
More results

Similar Description - MSC1200

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
MSC1202Y3RHHTG4 TI1-MSC1202Y3RHHTG4 Datasheet
1Mb / 92P
[Old version datasheet]   Precision Analog-to-Digital Converter and Current-Output Digital-to-Analog Converter
logo
Burr-Brown (TI)
MSC1212Y2 BURR-BROWN-MSC1212Y2 Datasheet
1Mb / 69P
   Precision Analog-to-Digital Converter (ADC)
logo
Texas Instruments
MSC1211 TI1-MSC1211_07 Datasheet
1Mb / 111P
[Old version datasheet]   Precision Analog-to-Digital Converter (ADC) and Digital-to-Analog Converters (DACs)
OCTOBER 2007
MSC1200 TI1-MSC1200_06 Datasheet
1Mb / 92P
[Old version datasheet]   Precision Analog-to-Digital Converter (ADC) and Current-Output Digital Converter (DAC)
MAY 2006
logo
Burr-Brown (TI)
PCM58P BURR-BROWN-PCM58P Datasheet
64Kb / 6P
   Precision, 18-Bit Monolithic Audio DIGITAL-TO-ANALOG CONVERTER
logo
Texas Instruments
TL505C TI-TL505C Datasheet
316Kb / 7P
[Old version datasheet]   ANALOG-TO-DIGITAL CONVERTER
ADS820 TI1-ADS820_13 Datasheet
409Kb / 20P
[Old version datasheet]   ANALOG-TO-DIGITAL CONVERTER
PCM2702 TI1-PCM2702_09 Datasheet
427Kb / 17P
[Old version datasheet]   DIGITAL-TO-ANALOG CONVERTER
PCM4201 TI1-PCM4201_16 Datasheet
847Kb / 26P
[Old version datasheet]   Analog-to-Digital Converter
PCM4204 TI1-PCM4204_16 Datasheet
1Mb / 38P
[Old version datasheet]   Analog-to-Digital Converter
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com