Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CD54ACT240 Datasheet(PDF) 9 Page - Texas Instruments

Click here to check the latest version.
Part # CD54ACT240
Description  Octal Vuffer Line Drivers 3-State
Download  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

CD54ACT240 Datasheet(HTML) 9 Page - Texas Instruments

Back Button CD54ACT240 Datasheet HTML 5Page - Texas Instruments CD54ACT240 Datasheet HTML 6Page - Texas Instruments CD54ACT240 Datasheet HTML 7Page - Texas Instruments CD54ACT240 Datasheet HTML 8Page - Texas Instruments CD54ACT240 Datasheet HTML 9Page - Texas Instruments CD54ACT240 Datasheet HTML 10Page - Texas Instruments CD54ACT240 Datasheet HTML 11Page - Texas Instruments CD54ACT240 Datasheet HTML 12Page - Texas Instruments CD54ACT240 Datasheet HTML 13Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 17 page
background image
TBD: The Pb-Free/Green conversion plan has not been defined.
Pb-Free (RoHS): TI's terms "Lead-Free" or "Pb-Free" mean semiconductor products that are compatible with the current RoHS requirements
for all 6 substances, including the requirement that lead not exceed 0.1% by weight in homogeneous materials. Where designed to be soldered
at high temperatures, TI Pb-Free products are suitable for use in specified lead-free processes.
Pb-Free (RoHS Exempt): This component has a RoHS exemption for either 1) lead-based flip-chip solder bumps used between the die and
package, or 2) lead-based die adhesive used between the die and leadframe. The component is otherwise considered Pb-Free (RoHS
compatible) as defined above.
Green (RoHS & no Sb/Br): TI defines "Green" to mean Pb-Free (RoHS compatible), and free of Bromine (Br) and Antimony (Sb) based flame
retardants (Br or Sb do not exceed 0.1% by weight in homogeneous material)
(3) MSL, Peak Temp. -- The Moisture Sensitivity Level rating according to the JEDEC industry standard classifications, and peak solder
temperature.
Important Information and Disclaimer:The information provided on this page represents TI's knowledge and belief as of the date that it is
provided. TI bases its knowledge and belief on information provided by third parties, and makes no representation or warranty as to the
accuracy of such information. Efforts are underway to better integrate information from third parties. TI has taken and continues to take
reasonable steps to provide representative and accurate information but may not have conducted destructive testing or chemical analysis on
incoming materials and chemicals. TI and TI suppliers consider certain information to be proprietary, and thus CAS numbers and other limited
information may not be available for release.
In no event shall TI's liability arising out of such information exceed the total purchase price of the TI part(s) at issue in this document sold by TI
to Customer on an annual basis.
PACKAGE OPTION ADDENDUM
www.ti.com
11-Nov-2009
Addendum-Page 3


Similar Part No. - CD54ACT240

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
CD54ACT240 INTERSIL-CD54ACT240 Datasheet
9Kb / 1P
   Octal Buffer/Line Driver Three-State, Inverting
June 1997
logo
Texas Instruments
CD54ACT240 TI-CD54ACT240 Datasheet
455Kb / 13P
[Old version datasheet]   Octal Buffer/Line Drivers, 3-State
CD54ACT240 TI-CD54ACT240 Datasheet
624Kb / 16P
[Old version datasheet]   Octal Buffer/Line Drivers, 3-State
logo
Intersil Corporation
CD54ACT2403A INTERSIL-CD54ACT2403A Datasheet
9Kb / 1P
   Octal Buffer/Line Driver Three-State, Inverting
June 1997
logo
Texas Instruments
CD54ACT240F3A TI-CD54ACT240F3A Datasheet
455Kb / 13P
[Old version datasheet]   Octal Buffer/Line Drivers, 3-State
More results

Similar Description - CD54ACT240

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
CD54AC240 TI-CD54AC240_08 Datasheet
624Kb / 16P
[Old version datasheet]   Octal Buffer/Line Drivers, 3-State
CD54AC540 TI-CD54AC540_08 Datasheet
665Kb / 15P
[Old version datasheet]   Octal Buffer/Line Drivers, 3-State
CD54AC240 TI-CD54AC240 Datasheet
455Kb / 13P
[Old version datasheet]   Octal Buffer/Line Drivers, 3-State
CD54-74AC540 TI-CD54-74AC540 Datasheet
490Kb / 13P
[Old version datasheet]   OCTAL BUFFER/LINE DRIVERS, 3-STATE
CD54AC540 TI1-CD54AC540_16 Datasheet
1Mb / 18P
[Old version datasheet]   Octal Buffer/Line Drivers, 3-state
logo
Hitachi Semiconductor
HD74BC244A HITACHI-HD74BC244A Datasheet
38Kb / 8P
   Octal Buffers/Line Drivers With 3 State Outputs
HD74LVC244A HITACHI-HD74LVC244A Datasheet
47Kb / 9P
   Octal Buffers / Line Drivers with 3-state Outputs
HD74LVC540A HITACHI-HD74LVC540A Datasheet
48Kb / 9P
   Octal Buffers / Line Drivers with 3-state Outputs
logo
Renesas Technology Corp
RD74LVC240B RENESAS-RD74LVC240B_15 Datasheet
113Kb / 11P
   Octal Buffers / Line Drivers with 3-state Outputs
HD74BC244A RENESAS-HD74BC244A Datasheet
120Kb / 9P
   Octal Buffers/Line Drivers With 3 State Outputs
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com