Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

621522 Datasheet(PDF) 1 Page - API Technologies Corp

Part No. 621522
Description  PHASE LOCKED OSCILLATOR MODEL
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  APITECH [API Technologies Corp]
Direct Link  http://www.apitech.com/
Logo APITECH - API Technologies Corp

621522 Datasheet(HTML) 1 Page - API Technologies Corp

  621522 Datasheet HTML 1Page - API Technologies Corp 621522 Datasheet HTML 2Page - API Technologies Corp  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
CHARACTERISTIC
TYPICAL
MIN/MAX
Ta= 25 ºC
Ta = -20 ºC to +70 ºC
Frequency
1650 MHz
1650 MHz
Supply Power DC
15
15
mA
120
125
PHASE LOCKED OSCILLATOR
MODEL 621522 (1650 MHz)
VSWR
1.5
2.0
Spurious (dBc)
-70
-60
Variation Over
Temperature (dBm)
+/- 0.75 dBm
+/- 1 dBm
Output Power (dBm)
+13
+12
Specifications
Features
!
!
!
!
! Low Phase Noise: -133 dBc/Hz @ 100 kHz
!
!
!
!
! Low Spurious: -70 dBc Typical
!
!
!
!
! External Reference
!
!
!
!
! Environmental Screening Available
Harmonics (dBc)
-25
-20
External Reference
100 MHz
1 / 200 MHz
Lock Indicator
TTL (High=Locked)
TTL (Low=Unlocked)
Storage Temperature
-55 ºC
+125 ºC
Spectrum Microwave, Inc.
2707 Black Lake Place Phila, Pa. 19154
www.SpectrumMicrowave.com
PH: 215-464-4000 FAX: 215-464-4001
Rev.
3/19/09
Description
Spectrum Microwave’s Series 600 Phase Locked
Oscillators use a High “Q” Coaxial Resonator in
the resonant circuit. The circuit is lightly loaded to
obtain the lowest phase noise possible.
The resonator is soldered to a printed circuit
board and well grounded to minimize modulation
sidebands during shock and vibration.
Buffer amplifiers are used to provide isolation
from load VSWRs; Regulators filter noise on
the DC input voltage.
Internal reference models are also available.
A lock indicator circuit is provided to signal an
out-of-lock condition.
Phase Noise (dB)
-103 dBc/Hz @ 100 Hz
-126 dBc/Hz @ 1 kHz
-128 dBc/Hz @ 10 kHz
-126 dBc/Hz @ 30 kHz
-133 dBc/Hz @ 100 kHz
-144 dBc/Hz @ 1 MHz


Html Pages

1  2 


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn