Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CD54HC160 Datasheet(PDF) 6 Page - Texas Instruments

Part # CD54HC160
Description  BCD SYNCHRONOUS DECADE COUNTERS
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

CD54HC160 Datasheet(HTML) 6 Page - Texas Instruments

Back Button CD54HC160 Datasheet HTML 2Page - Texas Instruments CD54HC160 Datasheet HTML 3Page - Texas Instruments CD54HC160 Datasheet HTML 4Page - Texas Instruments CD54HC160 Datasheet HTML 5Page - Texas Instruments CD54HC160 Datasheet HTML 6Page - Texas Instruments CD54HC160 Datasheet HTML 7Page - Texas Instruments CD54HC160 Datasheet HTML 8Page - Texas Instruments CD54HC160 Datasheet HTML 9Page - Texas Instruments CD54HC160 Datasheet HTML 10Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 14 page
background image
CD54HC160, CD54HC162
BCD SYNCHRONOUS DECADE COUNTERS
SCHS301 – JUNE 2000
6
POST OFFICE BOX 655303
DALLAS, TEXAS 75265
absolute maximum ratings over operating free-air temperature range (unless otherwise noted)
Supply voltage range, VCC
–0.5 V to 7 V
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
Input voltage range, VI (see Note 1)
–0.5 V to 7 V
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
Output voltage range, VO (see Note 1)
–0.5 V to VCC + 0.5 V
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
Input clamp current, IIK (VI < –0.5 V or VI > VCC + 0.5 V)
±20 mA
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
Output clamp current, IOK (VO < –0.5 V or VO > VCC + 0.5 V)
±20 mA
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
Continuous output current, IO (VO = –0.5 V to VCC + 0.5 V)
±25 mA
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
Continuous current through VCC or GND
±50 mA
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
Power dissipation, PD (see Note 2)
500 mW
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
Storage temperature range, Tstg
–65
°C to 150°C
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
Lead temperature 1,6 mm (1/16 inch) from case for 10 seconds
265
°C
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
Lead temperature, unit inserted into a PC board (minimum thickness 1,6 mm, 1/16 inch)
with solder contacting lead tips only
300
°C
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
† Stresses beyond those listed under “absolute maximum ratings” may cause permanent damage to the device. These are stress ratings only, and
functional operation of the device at these or any other conditions beyond those indicated under “recommended operating conditions” is not
implied. Exposure to absolute-maximum-rated conditions for extended periods may affect device reliability.
NOTES:
1. The input and output voltage ratings may be exceeded if the input and output current ratings are observed.
2. Above 100
°C, derate linearly at a factor of 8 mW/°C.
recommended operating conditions (see Note 3)
MIN
MAX
UNIT
VCC
Supply voltage
2
6
V
VCC = 2 V
1.5
VIH
High-level input voltage
VCC = 4.5 V
3.15
V
VCC = 6 V
4.2
VCC = 2 V
0.5
VIL
Low-level input voltage
VCC = 4.5 V
1.35
V
VCC = 6 V
1.8
VI
Input voltage
0
VCC
V
VO
Output voltage
0
VCC
V
VCC = 2 V
0
1000
tr, tf
Input transition rise or fall times
VCC = 4.5 V
0
500
ns
VCC = 6 V
0
400
TA
Operating free-air temperature
–55
125
°C
NOTE 3: All unused inputs of the device must be held at VCC or GND to ensure proper device operation. Refer to the TI application report,
Implications of Slow or Floating CMOS Inputs, literature number SCBA004.


Similar Part No. - CD54HC160

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
CD54HC160 TI-CD54HC160 Datasheet
248Kb / 14P
[Old version datasheet]   BCD SYNCHRONOUS DECADE COUNTERS
CD54HC160F3A TI-CD54HC160F3A Datasheet
248Kb / 14P
[Old version datasheet]   BCD SYNCHRONOUS DECADE COUNTERS
More results

Similar Description - CD54HC160

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
CD54HC160 TI-CD54HC160 Datasheet
248Kb / 14P
[Old version datasheet]   BCD SYNCHRONOUS DECADE COUNTERS
logo
National Semiconductor ...
54LS160A NSC-54LS160A Datasheet
173Kb / 8P
   Synchronous Presettable BCD Decade Counters
logo
Motorola, Inc
SN74LS160A MOTOROLA-SN74LS160A Datasheet
83Kb / 6P
   BCD DECADE COUNTERS/ 4-BIT BINARY COUNTERS
logo
ON Semiconductor
SN74LS161A ONSEMI-SN74LS161A Datasheet
205Kb / 8P
   BCD Decade Counters 4?묪it Binary Counters
July, 2006 ??Rev. 2
SN54-74LS160A ONSEMI-SN54-74LS160A Datasheet
79Kb / 6P
   BCD DECADE COUNTERS/ 4-BIT BINARY COUNTERS
logo
Motorola, Inc
SN54LS160A MOTOROLA-SN54LS160A Datasheet
157Kb / 6P
   BCD DECADE COUNTERS/ 4-BIT BINARY COUNTERS
SN54LS168 MOTOROLA-SN54LS168 Datasheet
272Kb / 8P
   BCD DECADE/MODULO 16 BINARY SYNCHRONOUS BI-DIRECTIONAL COUNTERS
logo
ON Semiconductor
SN54-74LS168 ONSEMI-SN54-74LS168 Datasheet
117Kb / 6P
   BCD DECADE/MODULO 16 BINARY SYNCHRONOUS BI-DIRECTIONAL COUNTERS
logo
Hitachi Semiconductor
HD74LS162A HITACHI-HD74LS162A Datasheet
114Kb / 7P
   Synchronous Decade Counters(synchronous clear)
logo
NXP Semiconductors
74AC11160 PHILIPS-74AC11160 Datasheet
271Kb / 10P
   SYNCHRONOUS PRESETTABLE SYNCHRONOUS BCD DECADE COUNTER
October 17 1990
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com