Electronic Components Datasheet Search |
|
TC164-FR-101KL Datasheet(PDF) 4 Page - YAGEO Corporation |
|
TC164-FR-101KL Datasheet(HTML) 4 Page - YAGEO Corporation |
4 / 8 page SERIES YC/TC 164 (RoHS Compliant) Chip Resistor Surface Mount www.yageo.com Oct 27, 2008 V.3 Product specification 4 8 MARKING YC164 TC164 1-Digit marking E-24 series: 3 digits First two digits for significant figure and 3rd digit for number of zeros For further marking information, please see special data sheet “Chip resistors marking” Fig. 3 Value = 240 KΩ 2 YNSC029 Fig. 4 Value = 240 KΩ YNSC036 2 CONSTRUCTION The resistor is constructed on top of a high-grade ceramic body. Internal metal electrodes are added on each end to make the contacts to the thick film resistive element. The composition of the resistive element is a noble metal imbedded into a glass and covered by a second glass to prevent environment influences. The resistor is laser trimmed to the rated resistance value. The resistor is covered with a protective epoxy coat, finally the two external terminations (matte tin on Ni- barrier) are added. See fig.5 O OU UT TL LIIN NE ES S overcoat resistive layer inner electrode termination ceramic substrate YNSC069 Fig. 5 Chip resistor outlines SCHEMATIC YNSC055 R1 R1 = R2 = R3 = R4 R1 = R2 = R3 = R4 R1 R2 R3 R4 12 87 3 6 4 5 TC164 YC164 R2 R3 R4 12 87 3 6 4 5 Fig. 7 Equivalent circuit diagram For dimension see Fig. 6 and Table 1 DIMENSIONS TYPE YC164 TC164 B (mm) 0.30 ±0.15 0.30 ±0.15 H (mm) 0.65 ±0.05 --- H1 (mm) 0.50 ±0.15 --- P (mm) 0.80 ±0.05 0.80 ±0.05 L (mm) 3.20 ±0.15 3.20 ±0.15 T (mm) 0.60 ±0.10 0.60 ±0.10 W1 (mm) 0.30 ±0.15 0.30 ±0.15 W2 (mm) 1.60 ±0.15 1.60 ±0.15 Table 1 a a P L TC164 B YNSC054-1 YC164 HH1 H a a L B T W1 W2 Fig. 6 YC/TC164 series chip resistors dimension Fig. 1 Jumper=0Ω YNSC010 0 Fig. 2 Jumper=0Ω YNSC032 0 |
Similar Part No. - TC164-FR-101KL |
|
Similar Description - TC164-FR-101KL |
|
|
Link URL |
Privacy Policy |
ALLDATASHEET.COM |
Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Datasheet Upload | Contact us | Privacy Policy | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |