Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

S6X8BSRP Datasheet(PDF) 6 Page - Littelfuse

Part # S6X8BSRP
Description  Teccor짰 brand Thyristors EV Series 0.8 Amp Sensitive SCRs
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LITTELFUSE [Littelfuse]
Direct Link  http://www.littelfuse.com
Logo LITTELFUSE - Littelfuse

S6X8BSRP Datasheet(HTML) 6 Page - Littelfuse

Back Button S6X8BSRP Datasheet HTML 2Page - Littelfuse S6X8BSRP Datasheet HTML 3Page - Littelfuse S6X8BSRP Datasheet HTML 4Page - Littelfuse S6X8BSRP Datasheet HTML 5Page - Littelfuse S6X8BSRP Datasheet HTML 6Page - Littelfuse S6X8BSRP Datasheet HTML 7Page - Littelfuse S6X8BSRP Datasheet HTML 8Page - Littelfuse S6X8BSRP Datasheet HTML 9Page - Littelfuse S6X8BSRP Datasheet HTML 10Page - Littelfuse  
Zoom Inzoom in Zoom Outzoom out
 6 / 10 page
background image
204
Revised: 09/23/13
©2013 Littelfuse, Inc
Specifications are subject to change without notice.
Teccor® brand Thyristors
EV Series 0.8 Amp Sensitive SCRs
SxX8xSx Series
Dimensions – SOT-223
Dimensions in Millimeters (Inches)
1.5
(0.059”)
1.5
(0.059”)
3.3
(0.130”)
6.4
(0.252”)
4.6
(0.181”)
1.2
(0.047”)
2.3
(0.091”)
(3x)
.064
(1.63)
.154
(3.91)
.036
(0.91)
.044
(1.12)
.047
(1.19)
.087
(2.21)
.064
(1.63)
Pad Layout for SOT-89
Dimensions in Millimeters (Inches)
Dimensions – SOT-89
Anode
Gate
Anode
Cathode
H
C
Dimension
Inches
Millimeters
Min
Typ
Max
Min
Typ
Max
A
0.173
0.181
4.40
4.60
B
0.090
0.102
2.29
2.60
C
0.055
0.063
1.40
1.60
D
0.155
0.167
3.94
4.25
E
0.035
0.047
0.89
1.20
F
0.056
0.062
1.42
1.57
G
0.115
0.121
2.92
3.07
H
0.014
0.017
0.35
0.44
I
0.014
0.019
0.36
0.48
J
0.064
0.072
1.62
1.83
Dimensions
Inches
Millimeters
Min
Typ
Max
Min
Typ
Max
A
0.248
0.256
0.264
6.30
6.50
6.70
B
0.130
0.138
0.146
3.30
3.50
3.70
C
0.071
1.80
D
0.001
0.004
0.02
0.10
E
0.114
0.118
0.124
2.90
3.00
3.15
F
0.024
0.027
0.034
0.60
0.70
0.85
G
0.090
2.30
H
0.181
4.60
I
0.264
0.276
0.287
6.70
7.00
7.30
J
0.009
0.010
0.014
0.24
0.26
0.35
K
10° MAX
F
G
A
J
D
B
E
Tc Measuring Point
Anode
Cathode
Anode
Gate


Similar Part No. - S6X8BSRP

ManufacturerPart #DatasheetDescription
logo
Littelfuse
S6X8BS LITTELFUSE-S6X8BS Datasheet
240Kb / 9P
   EV Series 0.8A Sensitive SCR
S6X8BS LITTELFUSE-S6X8BS Datasheet
1Mb / 10P
   Teccor짰 brand Thyristors EV Series 0.8 Amp Sensitive SCRs
S6X8BS LITTELFUSE-S6X8BS Datasheet
241Kb / 9P
   SxX8xSx EV Series 0.8A Sensitive SCR
More results

Similar Description - S6X8BSRP

ManufacturerPart #DatasheetDescription
logo
Littelfuse
S6X8TSRP LITTELFUSE-S6X8TSRP Datasheet
1Mb / 10P
   Teccor짰 brand Thyristors EV Series 0.8 Amp Sensitive SCRs
L0107NERP LITTELFUSE-L0107NERP Datasheet
1Mb / 8P
   Teccor짰 brand Thyristors EV Series 1 Amp Sensitive Triacs
L4X3RP LITTELFUSE-L4X3RP Datasheet
385Kb / 10P
   Teccor짰 brand Thyristors 0.8 Amp Sensitive & Standard Triacs
S6010DS2RP LITTELFUSE-S6010DS2RP Datasheet
1Mb / 11P
   Teccor짰 brand Thyristors 10 Amp Sensitive & Standard SCRs
SXX8BBS LITTELFUSE-SXX8BBS Datasheet
537Kb / 6P
   Thyristors EV Series 0.8 Amp Sensitive SCRs
L0107MTRP LITTELFUSE-L0107MTRP Datasheet
1Mb / 8P
   Teccor짰 brand Thyristors EV Series 1 Amp Sensitive Triacs
S4S2RP LITTELFUSE-S4S2RP Datasheet
980Kb / 10P
   Teccor brand Thyristors 0.8 Amp Sensitive SCRs
S8X8TSRP LITTELFUSE-S8X8TSRP Datasheet
1Mb / 9P
   Teccor brand Thyristors EV Series 1.5 Amp Sensitive SCRs
S8X5ECSX LITTELFUSE-S8X5ECSX Datasheet
961Kb / 6P
   EV Series 0.8 Amp Sensitive SCRs
Revised: BO.12/08/20
S8012DRP LITTELFUSE-S8012DRP Datasheet
351Kb / 8P
   Teccor짰 brand Thyristors 12 Amp Standard SCRs
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com