Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MAX17003ETJ Datasheet(PDF) 11 Page - Maxim Integrated Products

Part # MAX17003ETJ
Description  High-Efficiency, Quad-Output, Main Power-Supply Controllers for Notebook Computers
Download  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX17003ETJ Datasheet(HTML) 11 Page - Maxim Integrated Products

Back Button MAX17003ETJ Datasheet HTML 7Page - Maxim Integrated Products MAX17003ETJ Datasheet HTML 8Page - Maxim Integrated Products MAX17003ETJ Datasheet HTML 9Page - Maxim Integrated Products MAX17003ETJ Datasheet HTML 10Page - Maxim Integrated Products MAX17003ETJ Datasheet HTML 11Page - Maxim Integrated Products MAX17003ETJ Datasheet HTML 12Page - Maxim Integrated Products MAX17003ETJ Datasheet HTML 13Page - Maxim Integrated Products MAX17003ETJ Datasheet HTML 14Page - Maxim Integrated Products MAX17003ETJ Datasheet HTML 15Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 36 page
background image
High-Efficiency, Quad-Output, Main Power-
Supply Controllers for Notebook Computers
______________________________________________________________________________________
11
Typical Operating Characteristics (continued)
(Circuit of Figure 1, VIN = 12V, SKIP = GND, FSEL = REF, TA = +25°C, unless otherwise noted.)
SOFT-START WAVEFORM
MAX17003/MAX17004 toc16
B
A
400
μs/div
C
D
E
F
G
0
0
0
0
0
0
2V
0
A. AUX LDO OUTPUT
(VOUTA), 5V/div
B. 5V OUTPUT (VOUT5), 2V/div
C. 3.3V OUTPUT (VOUT3), 2V/div
D. PGDALL, 5V/div
ON3 = ON5, LDO5
E. REF, 2V/div
F. DL5, 5V/div
G. SHDN, 5V/div
SMPS DELAYED STARTUP SEQUENCE
(ON3 = REF)
MAX17003/MAX17004 toc17
B
A
1ms/div
C
D
E
3.3V
0
5V
0
0
0
3.3V
0
A. ON5, 5V/div
B. 5V OUTPUT (VOUT5), 5V/div
C. PGOOD5, 5V/div
ON3 = REF
D. 3.3V OUTPUT (VOUT3),
5V/div
E. PGOOD3, 5V/div
SMPS DELAYED STARTUP SEQUENCE
(ON5 = REF)
MAX17003/MAX17004 toc18
B
A
1ms/div
C
D
E
3.3V
0
5V
0
0
0
3.3V
0
A. ON3, 5V/div
B. 5V OUTPUT (VOUT5), 5V/div
C. PGOOD5, 5V/div
ON5 = REF
D. 3.3V OUTPUT (VOUT3),
5V/div
E. PGOOD3, 5V/div
SMPS SHUTDOWN WAVEFORM
MAX17003/MAX17004 toc19
B
A
4ms/div
C
D
E
F
3.3V
3.3V
5V
5V
5V
0
0
0
0
A. ON3, ON5, 5V/div
B. 5V OUTPUT (VOUT5), 2V/div
C. 3.3V OUTPUT (VOUT3), 2V/div
D. PGDALL, 5V/div
E. DL5, 5V/div
F. DL3, 5V/div
OUT5 LOAD TRANSIENT
MAX17003/MAX17004 toc20
B
A
20
μs/div
C
D
5A
5.1V
1A
5A
12V
5.0V
4.9V
0
1A
A. IOUT5 = 1A TO 5A, 5A/div
B. VOUT5, 50mV/div
C. INDUCTOR CURRENT,
5A/div
D. LX5, 10V/div
OUT3 LOAD TRANSIENT
MAX17003/MAX17004 toc21
B
A
20
μs/div
C
D
3A
3.35V
1A
3A
12V
3.30V
3.25V
0
1A
A. IOUT3 = 1A TO 3A, 5A/div
B. VOUT3, 50mV/div
C. INDUCTOR CURRENT,
5A/div
D. LX3, 10V/div


Similar Part No. - MAX17003ETJ

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX17003ETJ++ MAXIM-MAX17003ETJ+ Datasheet
610Kb / 36P
   High-Efficiency, Quad-Output, Main Power-Supply Controllers for Notebook Computers
19-0765; Rev 0; 3/07
More results

Similar Description - MAX17003ETJ

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX17003 MAXIM-MAX17003 Datasheet
610Kb / 36P
   High-Efficiency, Quad-Output, Main Power-Supply Controllers for Notebook Computers
19-0765; Rev 0; 3/07
logo
Intersil Corporation
ISL6236A INTERSIL-ISL6236A Datasheet
3Mb / 37P
   High-Efficiency, Quad-Output, Main Power Supply Controllers for Notebook Computers
logo
Maxim Integrated Produc...
MAX17003A MAXIM-MAX17003A Datasheet
617Kb / 36P
   High-Efficiency, Quad-Output, Main Power- Supply Controllers for Notebook Computers
Rev 0; 6/07
MAX8732A MAXIM-MAX8732A Datasheet
1Mb / 33P
   High-Efficiency, Quad-Output, Main Power-Supply Controllers for Notebook Computers
Rev 0; 5/05
MAX8732 MAXIM-MAX8732 Datasheet
1Mb / 32P
   High-Efficiency, Quad-Output, Main Power-Supply Controllers for Notebook Computers
Rev 0; 8/04
logo
Renesas Technology Corp
ISL6236A RENESAS-ISL6236A Datasheet
3Mb / 37P
   High-Efficiency, Quad-Output, Main Power Supply Controllers for Notebook Computers
ISL6236 RENESAS-ISL6236 Datasheet
3Mb / 36P
   High-Efficiency, Quad-Output, Main Power Supply Controllers for Notebook Computers
logo
Intersil Corporation
ISL6237 INTERSIL-ISL6237 Datasheet
2Mb / 35P
   High-Efficiency, Quad-Output, Main Power Supply Controllers for Notebook Computers
logo
Maxim Integrated Produc...
MAX8744A MAXIM-MAX8744A Datasheet
607Kb / 36P
   High-Efficiency, Quad Output, Main Power- Supply Controllers for Notebook Computers
Rev 0; 6/07
logo
Renesas Technology Corp
ISL6237 RENESAS-ISL6237 Datasheet
3Mb / 35P
   High-Efficiency, Quad-Output, Main Power Supply Controllers for Notebook Computers
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com