Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

AS3685A-ZDFT-2Y80 Datasheet(PDF) 17 Page - ams AG

Part No. AS3685A-ZDFT-2Y80
Description  Ultra Small High Efficiency 1000mA Charge Pump for White LED Flash
Download  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMSCO [ams AG]
Direct Link  http://www.ams.com
Logo AMSCO - ams AG

AS3685A-ZDFT-2Y80 Datasheet(HTML) 17 Page - ams AG

Back Button AS3685A-ZDFT-2Y80 Datasheet HTML 13Page - ams AG AS3685A-ZDFT-2Y80 Datasheet HTML 14Page - ams AG AS3685A-ZDFT-2Y80 Datasheet HTML 15Page - ams AG AS3685A-ZDFT-2Y80 Datasheet HTML 16Page - ams AG AS3685A-ZDFT-2Y80 Datasheet HTML 17Page - ams AG AS3685A-ZDFT-2Y80 Datasheet HTML 18Page - ams AG AS3685A-ZDFT-2Y80 Datasheet HTML 19Page - ams AG AS3685A-ZDFT-2Y80 Datasheet HTML 20Page - ams AG AS3685A-ZDFT-2Y80 Datasheet HTML 21Page - ams AG Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 25 page
background image
AS3685A/AS3685B
Datasheet
www.austriamicrosystems.com/
AS3685
(ptr)
Revision 2.2
16 - 24
7.3 Protection Functions
7.3.1 Overtemperature Protection
If the AS3685 junction temperature exceeds TOVTEMP, the current sink will be disabled and the charge pump
forced into 1:1 mode. If the junction temperature drops below TOVTEMP – TOVTEMPHYST, the device enables the
current sink again and the charge pump resumes normal operation.
7.3.1.1 LED Shortcircuit protection
If the LED is shorted (VCP to ILED), then depending on the set current and the resulting high power dissipation
inside the AS3685, the overtemperature protection will trigger. This protects the AS3685 and the system against
damage. If the AS3685 is in off-mode, then shorting of the diode will have no influence on the system.
Note: Do not short VCP to VSS if the supply is not current limited (e.g. by an internal protection inside the
battery), as there is an internal diode between VBAT (anode) and VCP (cathode).
7.3.2 Flash Timeout
The flash duration of a single flash is limited automatically to tFLASHTIMEOUT (applies only for ‘Flash’ mode(s)).
This protects the flash LED against thermal damage.
7.4 Layout Recommendations
To improve the heat dissipation, use a massive ground plane.
Figure 23 – AS3685 DFN10 3x3mm Layout Recommendation
Figure 24 – AS3685 WL-CSP 2x1.5mm Layout Recommendation
1
5
2
3
4
6
7
8
9
AS3685
CVCP
CBAT
CFLY1
CFLY2
RISET
VBAT
VSS
ILED
VCP
EN1
EN2
VIA, which is connected to
the ground plane, too
'Normal' VIA
10
Bottom Layer
Top Layer
Use ground place
connected to VSS
Use ground plane
connected to VSS
CFLY2
RISET
A1
CVCP
CFLY1
VSS
VBAT
EN1
VCP
EN2
ILED
VIA, which is connected to
the ground plane, too
'Normal' VIA
Micro VIA between
AS3685
Bottom Layer
Top Layer
Inner Layer
A1 A2 A3
B1 B2 B3
C1 C2 C3
D1 D2 D3


Similar Part No. - AS3685A-ZDFT-2Y80

ManufacturerPart No.DatasheetDescription
ams AG
ams AG
AS3685A AMSCO-AS3685A Datasheet
151Kb / 2P
   Ultra Small High Efficiency 700mA Charge Pump for White LED Flash
TEXAS ADVANCED OPTOELECTRONIC SOLUTIONS
TEXAS ADVANCED OPTOELEC...
AS3685A TAOS-AS3685A Datasheet
1Mb / 25P
   Ultra Small High Efficiency 1000mA Charge Pump
ams AG
ams AG
AS3685A AMSCO-AS3685A_16 Datasheet
1,007Kb / 39P
   Ultra Small High Efficiency 1000mA Charge Pump for White LED Flash
More results

Similar Description - AS3685A-ZDFT-2Y80

ManufacturerPart No.DatasheetDescription
ams AG
ams AG
AS3685A AMSCO-AS3685A_16 Datasheet
1,007Kb / 39P
   Ultra Small High Efficiency 1000mA Charge Pump for White LED Flash
TEXAS ADVANCED OPTOELECTRONIC SOLUTIONS
TEXAS ADVANCED OPTOELEC...
AS3685A TAOS-AS3685A Datasheet
1Mb / 25P
   Ultra Small High Efficiency 1000mA Charge Pump
AS3685B TAOS-AS3685B Datasheet
1Mb / 25P
   Ultra Small High Efficiency 1000mA Charge Pump
ams AG
ams AG
AS3685A AMSCO-AS3685A Datasheet
151Kb / 2P
   Ultra Small High Efficiency 700mA Charge Pump for White LED Flash
AS3685C AMSCO-AS3685C Datasheet
2Mb / 22P
   Ultra Small High Efficiency 1000mA Charge Pump for White LED Flash with Two Wire Serial Interface
Advanced Analogic Technologies
Advanced Analogic Techn...
AAT3112 ANALOGICTECH-AAT3112_07 Datasheet
520Kb / 16P
   500mA High Efficiency Charge Pump for White LED Flash Applications
AAT3112 ANALOGICTECH-AAT3112 Datasheet
354Kb / 16P
   500mA High Efficiency Charge Pump for White LED Flash Applications
Global Mixed-mode Technology Inc
Global Mixed-mode Techn...
G5910 GMT-G5910_15 Datasheet
74Kb / 1P
   High-Efficiency White LED Charge Pump
G5910 GMT-G5910 Datasheet
448Kb / 10P
   High-Efficiency White LED Charge Pump
SiGe Semiconductor, Inc.
SiGe Semiconductor, Inc...
AATIAN48 SIGE-AATIAN48 Datasheet
100Kb / 4P
   Dual High Efficiency Charge Pump For White LED and Flash Applications
More results


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16  17  18  19  20  21  22  23  24  25 


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz