Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

AS3685A-ZDFT-2Y80 Datasheet(PDF) 15 Page - ams AG

Part No. AS3685A-ZDFT-2Y80
Description  Ultra Small High Efficiency 1000mA Charge Pump for White LED Flash
Download  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMSCO [ams AG]
Direct Link  http://www.ams.com
Logo AMSCO - ams AG

AS3685A-ZDFT-2Y80 Datasheet(HTML) 15 Page - ams AG

Back Button AS3685A-ZDFT-2Y80 Datasheet HTML 11Page - ams AG AS3685A-ZDFT-2Y80 Datasheet HTML 12Page - ams AG AS3685A-ZDFT-2Y80 Datasheet HTML 13Page - ams AG AS3685A-ZDFT-2Y80 Datasheet HTML 14Page - ams AG AS3685A-ZDFT-2Y80 Datasheet HTML 15Page - ams AG AS3685A-ZDFT-2Y80 Datasheet HTML 16Page - ams AG AS3685A-ZDFT-2Y80 Datasheet HTML 17Page - ams AG AS3685A-ZDFT-2Y80 Datasheet HTML 18Page - ams AG AS3685A-ZDFT-2Y80 Datasheet HTML 19Page - ams AG Next Button
Zoom Inzoom in Zoom Outzoom out
 15 / 25 page
background image
AS3685A/AS3685B
Datasheet
www.austriamicrosystems.com/
AS3685
(ptr)
Revision 2.2
14 - 24
The low time of the pulses on EN1 for setting the current should be kept short. Then the (generated) signal on
pin EN2 will stay at a high level during this time ensuring correct operation. RSINGLE should be chosen to fit to the
actual driving waveform on EN1.
7.2.2.2 AS3685B Two Wire Interface with Strobe Input
Using the following application schematic, the AS3685B current and mode can be set accurately and the camera
can directly control the exact strobe time:
Figure 20 – AS3685B Two Wire Interface with strobe input
An example driving waveform can be (this uses method B as shown above in section ‘AS3685B Current
Settings’):
Figure 21 – AS3685B Example Two Wire Interface driving waveform
EN2
EN1
off
STROBE
off
GPIO output driving EN2 directly is
tristated and 'STROBE'
defines input EN2
GPIO output driving EN2
directly defines input EN2
Set current with
number of pulses
Enable/Disable current directly by the
camera module using the 'STROBE' input
Flash/Strobe/Indicatior function
dependent on number of previous pulses
ISET
VBAT
EN1
EN2
Vbat
EN1
EN2
Two GPIO Pins to set
current and mode
STROBE
Optional
Strobe Input
AS3685B
RSTROBE


Similar Part No. - AS3685A-ZDFT-2Y80

ManufacturerPart No.DatasheetDescription
ams AG
ams AG
AS3685A AMSCO-AS3685A Datasheet
151Kb / 2P
   Ultra Small High Efficiency 700mA Charge Pump for White LED Flash
TEXAS ADVANCED OPTOELECTRONIC SOLUTIONS
TEXAS ADVANCED OPTOELEC...
AS3685A TAOS-AS3685A Datasheet
1Mb / 25P
   Ultra Small High Efficiency 1000mA Charge Pump
ams AG
ams AG
AS3685A AMSCO-AS3685A_16 Datasheet
1,007Kb / 39P
   Ultra Small High Efficiency 1000mA Charge Pump for White LED Flash
More results

Similar Description - AS3685A-ZDFT-2Y80

ManufacturerPart No.DatasheetDescription
ams AG
ams AG
AS3685A AMSCO-AS3685A_16 Datasheet
1,007Kb / 39P
   Ultra Small High Efficiency 1000mA Charge Pump for White LED Flash
TEXAS ADVANCED OPTOELECTRONIC SOLUTIONS
TEXAS ADVANCED OPTOELEC...
AS3685A TAOS-AS3685A Datasheet
1Mb / 25P
   Ultra Small High Efficiency 1000mA Charge Pump
AS3685B TAOS-AS3685B Datasheet
1Mb / 25P
   Ultra Small High Efficiency 1000mA Charge Pump
ams AG
ams AG
AS3685A AMSCO-AS3685A Datasheet
151Kb / 2P
   Ultra Small High Efficiency 700mA Charge Pump for White LED Flash
AS3685C AMSCO-AS3685C Datasheet
2Mb / 22P
   Ultra Small High Efficiency 1000mA Charge Pump for White LED Flash with Two Wire Serial Interface
Advanced Analogic Technologies
Advanced Analogic Techn...
AAT3112 ANALOGICTECH-AAT3112_07 Datasheet
520Kb / 16P
   500mA High Efficiency Charge Pump for White LED Flash Applications
AAT3112 ANALOGICTECH-AAT3112 Datasheet
354Kb / 16P
   500mA High Efficiency Charge Pump for White LED Flash Applications
Global Mixed-mode Technology Inc
Global Mixed-mode Techn...
G5910 GMT-G5910_15 Datasheet
74Kb / 1P
   High-Efficiency White LED Charge Pump
G5910 GMT-G5910 Datasheet
448Kb / 10P
   High-Efficiency White LED Charge Pump
SiGe Semiconductor, Inc.
SiGe Semiconductor, Inc...
AATIAN48 SIGE-AATIAN48 Datasheet
100Kb / 4P
   Dual High Efficiency Charge Pump For White LED and Flash Applications
More results


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16  17  18  19  20  21  22  23  24  25 


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz