Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MAX1239EEE-T Datasheet(PDF) 1 Page - Maxim Integrated Products

Part # MAX1239EEE-T
Description  2.7V to 3.6V and 4.5V to 5.5V, Low-Power, 4-/12-Channel, 2-Wire Serial, 12-Bit ADCs
Download  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX1239EEE-T Datasheet(HTML) 1 Page - Maxim Integrated Products

  MAX1239EEE-T Datasheet HTML 1Page - Maxim Integrated Products MAX1239EEE-T Datasheet HTML 2Page - Maxim Integrated Products MAX1239EEE-T Datasheet HTML 3Page - Maxim Integrated Products MAX1239EEE-T Datasheet HTML 4Page - Maxim Integrated Products MAX1239EEE-T Datasheet HTML 5Page - Maxim Integrated Products MAX1239EEE-T Datasheet HTML 6Page - Maxim Integrated Products MAX1239EEE-T Datasheet HTML 7Page - Maxim Integrated Products MAX1239EEE-T Datasheet HTML 8Page - Maxim Integrated Products MAX1239EEE-T Datasheet HTML 9Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 22 page
background image
For pricing, delivery, and ordering information, please contact Maxim Direct at 1-888-629-4642,
or visit Maxim’s website at www.maxim-ic.com.
General Description
The MAX1236–MAX1239 low-power, 12-bit, multichan-
nel analog-to-digital converters (ADCs) feature internal
track/hold (T/H), voltage reference, clock, and an
I2C-compatible 2-wire serial interface. These devices
operate from a single supply of 2.7V to 3.6V (MAX1237/
MAX1239) or 4.5V to 5.5V (MAX1236/MAX1238) and
require only 670µA at the maximum sampling rate of
94.4ksps. Supply current falls below 230µA for sam-
pling rates under 46ksps. AutoShutdown™ powers
down the devices between conversions, reducing sup-
ply current to less than 1µA at low throughput rates.
The MAX1236/MAX1237 have four analog input chan-
nels each, while the MAX1238/MAX1239 have 12 ana-
log input channels each. The fully differential analog
inputs are software configurable for unipolar or bipolar,
and single-ended or differential operation.
The full-scale analog input range is determined by the
internal reference or by an externally applied reference
voltage ranging from 1V to VDD. The MAX1237/
MAX1239 feature a 2.048V internal reference and the
MAX1236/MAX1238 feature a 4.096V internal reference.
The MAX1236/MAX1237 are available in an 8-pin µMAX®
package. The MAX1238/MAX1239 are available in a 16-
pin QSOP package. The MAX1236–MAX1239 are guar-
anteed over the extended temperature range
(-40°C to +85°C). For pin-compatible 10-bit parts, refer to
the MAX1136–MAX1139 data sheet. For pin-compatible
8-bit parts, refer to the MAX1036–MAX1039 data sheet.
Applications
Features
♦ High-Speed I2C-Compatible Serial Interface
400kHz Fast Mode
1.7MHz High-Speed Mode
♦ Single-Supply
2.7V to 3.6V (MAX1237/MAX1239)
4.5V to 5.5V (MAX1236/MAX1238)
♦ Internal Reference
2.048V (MAX1237/MAX1239)
4.096V (MAX1236/MAX1238)
♦ External Reference: 1V to VDD
♦ Internal Clock
♦ 4-Channel Single-Ended or 2-Channel Fully
Differential (MAX1236/MAX1237)
♦ 12-Channel Single-Ended or 6-Channel Fully
Differential (MAX1238/MAX1239)
♦ Internal FIFO with Channel-Scan Mode
♦ Low Power
670µA at 94.4ksps
230µA at 40ksps
60µA at 10ksps
6µA at 1ksps
0.5µA in Power-Down Mode
♦ Software-Configurable Unipolar/Bipolar
♦ Small Packages
8-Pin µMAX (MAX1236/MAX1237)
16-Pin QSOP (MAX1238/MAX1239)
2.7V to 3.6V and 4.5V to 5.5V, Low-Power,
4-/12-Channel, 2-Wire Serial, 12-Bit ADCs
________________________________________________________________
Maxim Integrated Products
1
Ordering Information
19-2333; Rev 7; 5/10
PART
TEMP RANGE
PIN-
PACKAGE
I2C SLAVE
ADDRESS
MAX1236EUA+
-40°C to +85°C
8 µMAX
0110100
MAX1237EUA+
-40°C to +85°C
8 µMAX
0110100
MAX1238EEE+
-40°C to +85°C
16 QSOP
0110101
MAX1238EEE/V+
-40°C to +85°C
16 QSOP
0110101
MAX1239EEE+
-40°C to +85°C
16 QSOP
0110101
Pin Configurations and Typical Operating Circuit appear at
end of data sheet.
AutoShutdown is a trademark of Maxim Integrated Products, Inc.
µMAX is a registered trademark of Maxim Integrated Products, Inc.
PART
INPUT
CHANNELS
INTERNAL
REFERENCE
(V)
SUPPLY
VOLTAGE
(V)
INL
(LSB)
MAX1236
4
4.096
4.5 to 5.5
±1
MAX1237
4
2.048
2.7 to 3.6
±1
MAX1238
12
4.096
4.5 to 5.5
±1
MAX1239
12
2.048
2.7 to 3.6
±1
Handheld Portable
Applications
Medical Instruments
Battery-Powered Test
Equipment
Solar-Powered Remote
Systems
Received-Signal-Strength
Indicators
System Supervision
Selector Guide
+
Denotes a lead(Pb)-free/RoHS-compliant package.
/V denotes an automotive qualified part.


Similar Part No. - MAX1239EEE-T

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX1239EEE MAXIM-MAX1239EEE Datasheet
407Kb / 22P
   2.7V to 3.6V and 4.5V to 5.5V, Low-Power, 4-/12-Channel, 2-Wire Serial, 12-Bit ADCs
19-2333; Rev 2; 2/03
MAX1239EEE++ MAXIM-MAX1239EEE+ Datasheet
228Kb / 22P
   2.7V to 3.6V and 4.5V to 5.5V, Low-Power, 4-/12-Channel, 2-Wire Serial, 12-Bit ADCs
Rev 5; 2/09
MAX1239EEE++ MAXIM-MAX1239EEE+ Datasheet
378Kb / 22P
   2.7V to 3.6V and 4.5V to 5.5V, Low-Power, 4-/12-Channel, 2-Wire Serial, 12-Bit ADCs
2010
More results

Similar Description - MAX1239EEE-T

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX1236 MAXIM-MAX1236_V01 Datasheet
378Kb / 22P
   2.7V to 3.6V and 4.5V to 5.5V, Low-Power, 4-/12-Channel, 2-Wire Serial, 12-Bit ADCs
2010
MAX1236 MAXIM-MAX1236_09 Datasheet
228Kb / 22P
   2.7V to 3.6V and 4.5V to 5.5V, Low-Power, 4-/12-Channel, 2-Wire Serial, 12-Bit ADCs
Rev 5; 2/09
MAX1236 MAXIM-MAX1236 Datasheet
407Kb / 22P
   2.7V to 3.6V and 4.5V to 5.5V, Low-Power, 4-/12-Channel, 2-Wire Serial, 12-Bit ADCs
19-2333; Rev 2; 2/03
MAX11612 MAXIM-MAX11612 Datasheet
394Kb / 22P
   2.7V to 3.6V and 4.5V to 5.5V, Low-Power, 4-/8-/12-Channel, 2-Wire Serial, 12-Bit ADCs
Rev 1; 7/09
MAX1136 MAXIM-MAX1136_V01 Datasheet
319Kb / 22P
   2.7V to 3.6V and 4.5V to 5.5V, Low-Power, 4-/12-Channel, 2-Wire Serial 10-Bit ADCs
2010
MAX1037EKA-T MAXIM-MAX1037EKA-T Datasheet
748Kb / 23P
   2.7V to 3.6V and 4.5V to 5.5V, Low-Power 4-/12-Channel 2-Wire Serial 8-Bit ADCs
Rev 4; 5/09
MAX1036 MAXIM-MAX1036_09 Datasheet
292Kb / 23P
   2.7V to 3.6V and 4.5V to 5.5V, Low-Power, 4-/12-Channel 2-Wire Serial 8-Bit ADCs
Rev 3; 2/09
MAX1136 MAXIM-MAX1136_09 Datasheet
308Kb / 22P
   2.7V to 3.6V and 4.5V to 5.5V, Low-Power, 4-/12-Channel, 2-Wire Serial 10-Bit ADCs
Rev 5; 5/09
MAX1136 MAXIM-MAX1136 Datasheet
471Kb / 22P
   2.7V to 3.6V and 4.5V to 5.5V, Low-Power, 4-/12-Channel, 2-Wire Serial 10-Bit ADCs
19-2334; Rev 1; 4/02
MAX11644 MAXIM-MAX11644 Datasheet
396Kb / 21P
   2.7V to 3.6V and 4.5V to 5.5V, Low-Power, 1-/2-Channel, 2-Wire Serial, 12-Bit ADCs
Rev 0; 4/10
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com