Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

AS3543 Datasheet(PDF) 31 Page - ams AG

Part # AS3543
Description  High End Stereo Audio Codec wi th System PMU
Download  92 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMSCO [ams AG]
Direct Link  http://www.ams.com
Logo AMSCO - ams AG

AS3543 Datasheet(HTML) 31 Page - ams AG

Back Button AS3543_11 Datasheet HTML 27Page - ams AG AS3543_11 Datasheet HTML 28Page - ams AG AS3543_11 Datasheet HTML 29Page - ams AG AS3543_11 Datasheet HTML 30Page - ams AG AS3543_11 Datasheet HTML 31Page - ams AG AS3543_11 Datasheet HTML 32Page - ams AG AS3543_11 Datasheet HTML 33Page - ams AG AS3543_11 Datasheet HTML 34Page - ams AG AS3543_11 Datasheet HTML 35Page - ams AG Next Button
Zoom Inzoom in Zoom Outzoom out
 31 / 92 page
background image
www.austriamicrosystems.com
Revision 1.11
30 - 91
AS3543 3v2
Data Sheet - D e t a i l e d D e s c r i p t i o n - P o w e r M a n a g e m e n t F u n c t i o n s
9 Detailed Description - Power Management Functions
9.1
Low Drop Out Regulators
9.1.1
General
These LDOs are designed to supply sensitive analogue circuits, audio devices, AD and DA converters, micro-control-
ler and other peripheral devices. The design is optimized to deliver the best compromise between quiescent current
and regulator performance for battery powered devices.
Stability is guaranteed with ceramic output capacitors of 1µF +/-20% (X5R) or 2.2µF +100/-50% (Z5U). The low ESR of
these caps ensures low output impedance at high frequencies. Regulation performance is excellent even under low
dropout conditions, when the power transistor has to operate in linear mode. Power supply rejection is high enough to
suppress high ripple on the battery at the output. The low noise performance allows direct connection of noise sensi-
tive circuits without additional filtering networks. The low impedance of the power device enables the device to deliver
up to 150mA even at nearly discharged batteries without any decrease of performance.
Figure 19. LDO Block Diagram
9.1.2
LDO1
This LDO generates the audio supply voltage used for the AFE itself.
Input voltage is VDD17IN
Output voltage is AVDD17 (typ. 1.7V)
Driver strength: 50mA
It is set to a default output voltage of 1.7V, 50mAmax. It supplies the analog audio blocks of the AFE. Additional external
loads are possible but most not exceed the supply ratings in total together with the operating internal blocks. Further
the external load must not induce noise to the sensitive AVDD17 supply pin.
9.1.3
LDO2
This LDO generates the digital and audio supply voltage used for the AFE itself.
Input Voltage is BVDD
Output Voltage is AVDD27 (typ. 2.7V)
Driver strength: 100mA, can be programmed to 200mA
It is set to a default output voltage of 2.7V, 100mAmax. It supplies the digital part of the AFE as well as all audio
switches and multiplexers. Additional external loads are possible but most not exceed the supply ratings in total
together with the operating internal blocks. Further the external load must not induce noise to the AVDD27 supply pin
but is not as critical as AVDD17.


Similar Part No. - AS3543_11

ManufacturerPart #DatasheetDescription
logo
ams AG
AS3543 AMSCO-AS3543 Datasheet
534Kb / 4P
   High End Stereo Audio Codec with System PMU
More results

Similar Description - AS3543_11

ManufacturerPart #DatasheetDescription
logo
ams AG
AS3543 AMSCO-AS3543 Datasheet
534Kb / 4P
   High End Stereo Audio Codec with System PMU
AS3514 AMSCO-AS3514 Datasheet
65Kb / 3P
   Stereo Audio Codec with System Power Management
AS3515 AMSCO-AS3515 Datasheet
164Kb / 3P
   Stereo Audio Codec with System Power Management
AS3515 AMSCO-AS3515_08 Datasheet
3Mb / 67P
   Stereo Audio Codec with System Power Management
logo
Texas Instruments
TLV320AIC27 TI1-TLV320AIC27_05 Datasheet
738Kb / 10P
[Old version datasheet]   STEREO AUDIO CODEC
TLV320AIC27 TI-TLV320AIC27 Datasheet
684Kb / 52P
[Old version datasheet]   STEREO AUDIO CODEC
TLC320AD90 TI1-TLC320AD90 Datasheet
232Kb / 51P
[Old version datasheet]   Stereo Audio Codec
PCM3070 TI1-PCM3070_14 Datasheet
1Mb / 49P
[Old version datasheet]   Stereo Audio Codec
TLC320AD90C TI1-TLC320AD90C Datasheet
232Kb / 51P
[Old version datasheet]   Stereo Audio Codec
logo
List of Unclassifed Man...
WM8734 ETC-WM8734 Datasheet
414Kb / 42P
   STEREO AUDIO CODEC
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com