Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

AS3517 Datasheet(PDF) 27 Page - ams AG

Part # AS3517
Description  Stereo Audio Codec with enhanced System Power Management
Download  94 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMSCO [ams AG]
Direct Link  http://www.ams.com
Logo AMSCO - ams AG

AS3517 Datasheet(HTML) 27 Page - ams AG

Back Button AS3517_08 Datasheet HTML 23Page - ams AG AS3517_08 Datasheet HTML 24Page - ams AG AS3517_08 Datasheet HTML 25Page - ams AG AS3517_08 Datasheet HTML 26Page - ams AG AS3517_08 Datasheet HTML 27Page - ams AG AS3517_08 Datasheet HTML 28Page - ams AG AS3517_08 Datasheet HTML 29Page - ams AG AS3517_08 Datasheet HTML 30Page - ams AG AS3517_08 Datasheet HTML 31Page - ams AG Next Button
Zoom Inzoom in Zoom Outzoom out
 27 / 94 page
background image
AS3517 V17
Data Sheet, Confidential
© 2003-2007, austriamicrosystems AG, 8141 Unterpremstaetten, Austria-Europe. All Rights Reserved.
www.austriamicrosystems.com
Figure 11 I2S Timing
Table 22 Audio Converter Parameter
Symbol
Parameter
Min
Typ
Max
Unit
Note
tSCLK
SCLK Cycle Time
160
ns
tSCLKH
SCLK Pulse Width High
80
ns
tSCLKL
SCLK Pulse Width Low
80
ns
TLRSU
LRCLK Setup Time before
SCLK rising edge
80
ns
TLRHD
LRCLK Hold Time after SCLK
rising edge
80
ns
tSDSU
SDI setup time before SCLK
rising edge
25
ns
tSDHD
SDI hold time after SCLK
rising edge
25
ns
tSDOD
SDO Delay from SCLK falling
edge
25
ns
tJITTER
Jitter of LRCLK
-20
20
ns
internal PLL generates
MCLK from LRCLK
I2S Direct mode
TSCD
SCLK delay after MCLK
rising edge
0.5
1.5
ns
TLRD
LRLCK delay after SCLK
rising edge
0.5
1.5
ns
tSDSU
SDI setup time before SCLK
rising edge
5
ns
tSDHD
SDI hold time after SCLK
rising edge
5
ns
tSDOD
SDO Delay from SCLK falling
edge
15
ns
VI2SH
SCLK, LRCLK, SDI, MCLK
High Input Level
1.02
V
DVDD/2*0.7
VI2SL
SCLK, LRCLK, SDI, MCLK
Low Input Level
0.42
V
DVDD/2*0.3
VSDOH
SDO High Output Level
2.6
V
at 2mA
VSDOL
SDO Low Output Level
0.3
V
at 2mA
VI2SOH
SCLK, LRCLK, High Output
Level
2.6
V
at 8mA master mode only
VI2SOL
SCLK, LRCLK, Low Output
Level
0.3
V
at 8mA master mode only
BVDD=3.3V, TA=25°C, Slave Mode, fS=48kHz, MCLK = 256*fS, unless otherwise specified
Revision 1v3
26
- 93


Similar Part No. - AS3517_08

ManufacturerPart #DatasheetDescription
logo
ams AG
AS3517 AMSCO-AS3517 Datasheet
227Kb / 3P
   Stereo Audio Codec with advanced System Power Management
More results

Similar Description - AS3517_08

ManufacturerPart #DatasheetDescription
logo
ams AG
AS3518 AMSCO-AS3518 Datasheet
417Kb / 3P
   Stereo Audio Codec with enhanced System Power Management
AS3514 AMSCO-AS3514 Datasheet
65Kb / 3P
   Stereo Audio Codec with System Power Management
AS3515 AMSCO-AS3515 Datasheet
164Kb / 3P
   Stereo Audio Codec with System Power Management
AS3515 AMSCO-AS3515_08 Datasheet
3Mb / 67P
   Stereo Audio Codec with System Power Management
AS3517 AMSCO-AS3517 Datasheet
227Kb / 3P
   Stereo Audio Codec with advanced System Power Management
logo
Wolfson Microelectronic...
WM8351 WOLFSON-WM8351 Datasheet
3Mb / 330P
   Wolfson AudioPlus??Stereo CODEC with Power Management
logo
ams AG
AS3543 AMSCO-AS3543 Datasheet
534Kb / 4P
   High End Stereo Audio Codec with System PMU
logo
Wolfson Microelectronic...
WM8350 WOLFSON-WM8350 Datasheet
2Mb / 340P
   Wolfson AudioPlus??Stereo CODEC with Power Management
logo
Texas Instruments
TPS65950 TI-TPS65950_1 Datasheet
180Kb / 8P
[Old version datasheet]   Integrated Power Management/Audio Codec
logo
Wolfson Microelectronic...
WM8352 WOLFSON-WM8352 Datasheet
2Mb / 336P
   Wolfson AudioPlus™ Stereo CODEC with Power Management
February 2011, Rev 4.4
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com