Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

PIC16F83 Datasheet(PDF) 1 Page - Microchip Technology

Part # PIC16F83
Description  8-Bit CMOS Microcontrollers
Download  337 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

PIC16F83 Datasheet(HTML) 1 Page - Microchip Technology

  PIC16F83 Datasheet HTML 1Page - Microchip Technology PIC16F83 Datasheet HTML 2Page - Microchip Technology PIC16F83 Datasheet HTML 3Page - Microchip Technology PIC16F83 Datasheet HTML 4Page - Microchip Technology PIC16F83 Datasheet HTML 5Page - Microchip Technology PIC16F83 Datasheet HTML 6Page - Microchip Technology PIC16F83 Datasheet HTML 7Page - Microchip Technology PIC16F83 Datasheet HTML 8Page - Microchip Technology PIC16F83 Datasheet HTML 9Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 337 page
background image
© 1997 Microchip Technology Inc.
DS30234D-page 1
PIC16C6X
8-Bit CMOS Microcontrollers
Devices included in this data sheet:
PIC16C6X Microcontroller Core Features:
• High performance RISC CPU
• Only 35 single word instructions to learn
• All single cycle instructions except for program
branches which are two-cycle
• Operating speed: DC - 20 MHz clock input
DC - 200 ns instruction cycle
• Interrupt capability
• Eight level deep hardware stack
• Direct, indirect, and relative addressing modes
• Power-on Reset (POR)
• Power-up Timer (PWRT) and
Oscillator Start-up Timer (OST)
• Watchdog Timer (WDT) with its own on-chip RC
oscillator for reliable operation
• Programmable code-protection
• Power saving SLEEP mode
• Selectable oscillator options
• PIC16C61
• PIC16C64A
• PIC16C62
• PIC16CR64
• PIC16C62A
• PIC16C65
• PIC16CR62
• PIC16C65A
• PIC16C63
• PIC16CR65
• PIC16CR63
• PIC16C66
• PIC16C64
• PIC16C67
• Low-power, high-speed CMOS EPROM/ROM
technology
• Fully static design
• Wide operating voltage range: 2.5V to 6.0V
• Commercial, Industrial, and Extended
temperature ranges
• Low-power consumption:
• < 2 mA @ 5V, 4 MHz
• 15 µA typical @ 3V, 32 kHz
• < 1 µA typical standby current
PIC16C6X Peripheral Features:
• Timer0: 8-bit timer/counter with 8-bit prescaler
• Timer1: 16-bit timer/counter with prescaler,
can be incremented during sleep via
external crystal/clock
• Timer2: 8-bit timer/counter with 8-bit period
register, prescaler and postscaler
• Capture/Compare/PWM (CCP) module(s)
• Capture is 16-bit, max resolution is 12.5 ns,
Compare is 16-bit, max resolution is 200 ns,
PWM max resolution is 10-bit.
• Synchronous Serial Port (SSP) with SPIand I2C
• Universal Synchronous Asynchronous Receiver
Transmitter (USART/SCI)
• Parallel Slave Port (PSP) 8-bits wide, with
external RD, WR and CS controls
• Brown-out detection circuitry for
Brown-out Reset (BOR)
PIC16C6X Features
61
62
62A
R62
63
R63
64
64A
R64
65
65A
R65
66
67
Program Memory
(EPROM) x 14
1K
2K
2K
4K
2K
2K
4K
4K
8K
8K
(ROM) x 14
2K
4K
2K
4K
Data Memory (Bytes) x 8
36
128
128
128
192
192
128
128
128
192
192
192
368
368
I/O Pins
13
22
22
22
22
22
33
33
33
33
33
33
22
33
Parallel Slave Port
————
Yes
Yes
Yes
Yes
Yes
Yes
Yes
Capture/Compare/PWM
Module(s)
1
1
1
22
1
1
1
22222
Timer Modules
1333
3
3
333
33333
Serial Communication
SPI/
I2C
SPI/
I2C
SPI/
I2C
SPI/I2C,
USART
SPI/I2C,
USART
SPI/
I2C
SPI/
I2C
SPI/
I2C
SPI/I2C,
USART
SPI/I2C,
USART
SPI/I2C,
USART
SPI/I2C,
USART
SPI/I2C,
USART
In-Circuit Serial
Programming
Yes
Yes
Yes
Yes
Yes
Yes
Yes
Yes
Yes
Yes
Yes
Yes
Yes
Yes
Brown-out Reset
Yes
Yes
Yes
Yes
Yes
Yes
Yes
Yes
Yes
Yes
Interrupt Sources
3777
10
10
888
11
11
11
10
11
Sink/Source Current (mA) 25/20 25/25 25/25 25/25 25/25
25/25 25/25 25/25 25/25 25/25
25/25
25/25
25/25
25/25


Similar Part No. - PIC16F83

ManufacturerPart #DatasheetDescription
logo
Microchip Technology
PIC16F83 MICROCHIP-PIC16F83 Datasheet
1Mb / 124P
   18-pin Flash/EEPROM 8-Bit Microcontrollers
1998
PIC16F83 MICROCHIP-PIC16F83 Datasheet
1Mb / 124P
   18-pin Flash/EEPROM 8-Bit Microcontrollers
1998 - 1999
PIC16F83 MICROCHIP-PIC16F83 Datasheet
1Mb / 110P
   8-bit CMOS EEPROM Microcontroller
11/29/12 ??1996-2013
PIC16F83 MICROCHIP-PIC16F83 Datasheet
1Mb / 128P
   18-pin Flash/EEPROM 8-Bit Microcontrollers
11/29/12 1996-2013
PIC16F83-04/P MICROCHIP-PIC16F83-04/P Datasheet
1Mb / 124P
   18-pin Flash/EEPROM 8-Bit Microcontrollers
1998
More results

Similar Description - PIC16F83

ManufacturerPart #DatasheetDescription
logo
Samsung semiconductor
S3P80C5 SAMSUNG-S3P80C5 Datasheet
1Mb / 263P
   8-Bit CMOS Microcontrollers
S3C8275 SAMSUNG-S3C8275 Datasheet
1Mb / 326P
   8-BIT CMOS MICROCONTROLLERS
S3C828B SAMSUNG-S3C828B Datasheet
3Mb / 369P
   8-BIT CMOS MICROCONTROLLERS
S3C852B SAMSUNG-S3C852B Datasheet
1Mb / 383P
   8-BIT CMOS MICROCONTROLLERS
logo
Toshiba Semiconductor
TMP90C041A TOSHIBA-TMP90C041A Datasheet
364Kb / 12P
   CMOS 8-Bit Microcontrollers
logo
Microchip Technology
PIC16C6X MICROCHIP-PIC16C6X Datasheet
2Mb / 336P
   8-Bit CMOS Microcontrollers
1997 - 1999
logo
Samsung semiconductor
S3P852B SAMSUNG-S3P852B Datasheet
1Mb / 383P
   8-BIT CMOS MICROCONTROLLERS
logo
Toshiba Semiconductor
TMP90C041 TOSHIBA-TMP90C041 Datasheet
324Kb / 12P
   CMOS 8-Bit Microcontrollers
logo
Samsung semiconductor
S3C825A SAMSUNG-S3C825A Datasheet
1Mb / 346P
   8-BIT CMOS MICROCONTROLLERS
logo
Toshiba Semiconductor
TMP90C041-15 TOSHIBA-TMP90C041-15 Datasheet
631Kb / 12P
   CMOS 8-BIT MICROCONTROLLERS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com