Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SPE1211 Datasheet(PDF) 2 Page - SYNC POWER Crop.

Part # SPE1211
Description  Single-Line ESD Protection Array
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SYNC-POWER [SYNC POWER Crop.]
Direct Link  http://www.syncpower.com
Logo SYNC-POWER - SYNC POWER Crop.

SPE1211 Datasheet(HTML) 2 Page - SYNC POWER Crop.

  SPE1211_11 Datasheet HTML 1Page - SYNC POWER Crop. SPE1211_11 Datasheet HTML 2Page - SYNC POWER Crop. SPE1211_11 Datasheet HTML 3Page - SYNC POWER Crop. SPE1211_11 Datasheet HTML 4Page - SYNC POWER Crop. SPE1211_11 Datasheet HTML 5Page - SYNC POWER Crop. SPE1211_11 Datasheet HTML 6Page - SYNC POWER Crop.  
Zoom Inzoom in Zoom Outzoom out
 2 / 6 page
background image
2011/01/11
Ver.3
Page 2
SPE1211
Single-Line ESD Protection Array
ORDERING INFORMATION
Part Number
Package
Part
Marking
SPE1211D52RG
SOD-523
A
SPE1211D52RGB
SOD-523
A
SPE1211D52RG : Tape Reel ; Pb – Free
SPE1211D52RGB : Tape Reel ; Pb – Free ; Halogen – Free
ABSOULTE MAXIMUM RATINGS
(TA=25
Unless otherwise
noted)
Parameter
Symbol
Typical
Unit
Peak Pulse Power ( tp = 8/20 μs )
Ppk
300
W
Maximum Peak Pulse Current ( tp = 8/20 μs )
Ipp
15
A
ESD per IEC 61000 – 4 – 2 (Air )
Vpp
±15
KV
ESD per IEC 61000 – 4 – 2 (Contact )
Vpp
±8
KV
Operating Junction Temperature
TJ
-55 ~ 125
Storage Temperature Range
TSTG
-55 ~ 150
Lead Soldering Temperature
TL
260 ( 10sec )
ELECTRICAL CHARACTERISTICS
(TA=25
Unless otherwise noted)
Parameter
Symbol
Conditions
Min.
Typ
Max.
Unit
Reverse Stand – Off Voltage
VRWM
12
V
Reverse Breakdown Voltage
VBR
It = 1mA
13.3
V
Reverse Leakage Current
IR
VRWM = 12V , T=25℃
1
μA
Clamping Voltage
VC
Ipp = 5A , tp = 8/20 μs
19
V
Clamping Voltage
VC
Ipp =15A , tp = 8/20 μs
25
V
Junction Capacitance
Cj
Between I/O Pin and GND
VR = 0V , f = 1MHz
100
pF


Similar Part No. - SPE1211_11

ManufacturerPart #DatasheetDescription
logo
SYNC POWER Crop.
SPE1211D52RG SYNC-POWER-SPE1211D52RG Datasheet
159Kb / 6P
   Single-Line ESD Protection Array
More results

Similar Description - SPE1211_11

ManufacturerPart #DatasheetDescription
logo
SYNC POWER Crop.
SPE0599 SYNC-POWER-SPE0599 Datasheet
202Kb / 6P
   Single -Line ESD Protection Array
SPE0531 SYNC-POWER-SPE0531_11 Datasheet
188Kb / 6P
   Single-Line ESD Protection Array
SPE0562_0911 SYNC-POWER-SPE0562_0911 Datasheet
207Kb / 6P
   Single-Line ESD Protection Array
SPE0572 SYNC-POWER-SPE0572 Datasheet
212Kb / 6P
   Single-Line ESD Protection Array
logo
Nanjing International G...
SPE0572 DGNJDZ-SPE0572 Datasheet
345Kb / 5P
   Single-Line ESD Protection Array
logo
SYNC POWER Crop.
SPE0572 SYNC-POWER-SPE0572_11 Datasheet
192Kb / 6P
   Single-Line ESD Protection Array
SPE0531 SYNC-POWER-SPE0531 Datasheet
218Kb / 6P
   Single-Line ESD Protection Array
SPE0562 SYNC-POWER-SPE0562 Datasheet
238Kb / 6P
   Single-Line ESD Protection Array
SPE0311 SYNC-POWER-SPE0311 Datasheet
292Kb / 6P
   Single-Line ESD Protection Array
2019/06/12 Ver 1
SPE0521 SYNC-POWER-SPE0521 Datasheet
210Kb / 6P
   Single-Line ESD Protection Array
SPE0573 SYNC-POWER-SPE0573 Datasheet
220Kb / 6P
   Single-Line ESD Protection Array
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com