Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

PIC16C6X Datasheet(PDF) 9 Page - Microchip Technology

Part # PIC16C6X
Description  8-Bit CMOS Microcontrollers with A/D Converter
Download  184 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

PIC16C6X Datasheet(HTML) 9 Page - Microchip Technology

Back Button PIC16C6X Datasheet HTML 5Page - Microchip Technology PIC16C6X Datasheet HTML 6Page - Microchip Technology PIC16C6X Datasheet HTML 7Page - Microchip Technology PIC16C6X Datasheet HTML 8Page - Microchip Technology PIC16C6X Datasheet HTML 9Page - Microchip Technology PIC16C6X Datasheet HTML 10Page - Microchip Technology PIC16C6X Datasheet HTML 11Page - Microchip Technology PIC16C6X Datasheet HTML 12Page - Microchip Technology PIC16C6X Datasheet HTML 13Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 184 page
background image
 2000 Microchip Technology Inc.
DS30605C-page 9
PIC16C63A/65B/73B/74B
3.0
ARCHITECTURAL OVERVIEW
The high performance of the PIC16CXX family can be
attributed to a number of architectural features com-
monly found in RISC microprocessors. To begin with,
the PIC16CXX uses a Harvard architecture, in which
program and data are accessed from separate memo-
ries using separate buses. This improves bandwidth
over traditional von Neumann architecture, in which
program and data are fetched from the same memory
using the same bus. Separating program and data
buses further allows instructions to be sized differently
than the 8-bit wide data word. Instruction opcodes are
14-bits wide, making it possible to have all single word
instructions. A 14-bit wide program memory access
bus fetches a 14-bit instruction in a single cycle. A
two-stage pipeline overlaps fetch and execution of
instructions
(Example 3-1).
Consequently,
most
instructions execute in a single cycle (200 ns @
20 MHz) except for program branches.
All devices covered by this data sheet contain
4K x 14-bit program memory and 192 x 8-bit data
memory.
The PIC16CXX can directly, or indirectly, address its
register files or data memory. All Special Function Reg-
isters, including the program counter, are mapped in
the data memory. The PIC16CXX has an orthogonal
(symmetrical) instruction set that makes it possible to
carry out any operation on any register using any
addressing mode. This symmetrical nature and lack of
‘special optimal situations’ make programming with the
PIC16CXX simple yet efficient. In addition, the learning
curve is reduced significantly.
PIC16CXX devices contain an 8-bit ALU and working
register. The ALU is a general purpose arithmetic unit.
It performs arithmetic and Boolean functions between
the data in the working register and any register file.
The ALU is 8-bits wide and capable of addition, sub-
traction, shift and logical operations. Unless otherwise
mentioned, arithmetic operations are two's comple-
ment in nature. In two-operand instructions, typically
one operand is the working register (W register). The
other operand is a file register or an immediate con-
stant. In single operand instructions, the operand is
either the W register or a file register.
The W register is an 8-bit working register used for ALU
operations. It is not an addressable register.
Depending on the instruction executed, the ALU may
affect the values of the Carry (C), Digit Carry (DC), and
Zero (Z) bits in the STATUS register. The C and DC bits
operate as a borrow bit and a digit borrow out bit,
respectively, in subtraction. See the SUBLW and SUBWF
instructions for examples.


Similar Part No. - PIC16C6X

ManufacturerPart #DatasheetDescription
logo
Microchip Technology
PIC16C6X MICROCHIP-PIC16C6X Datasheet
2Mb / 336P
   8-Bit CMOS Microcontrollers
1997 - 1999
PIC16C6X MICROCHIP-PIC16C6X Datasheet
6Mb / 334P
   null8-Bit CMOS Microcontrollers
1997-2013 11/29/12
PIC16C6X MICROCHIP-PIC16C6X Datasheet
1Mb / 337P
   8-Bit CMOS Microcontrollers
01/18/02
PIC16C6XT MICROCHIP-PIC16C6XT Datasheet
6Mb / 334P
   null8-Bit CMOS Microcontrollers
1997-2013 11/29/12
PIC16C6X MICROCHIP-PIC16C6X_13 Datasheet
6Mb / 334P
   null8-Bit CMOS Microcontrollers
1997-2013 11/29/12
More results

Similar Description - PIC16C6X

ManufacturerPart #DatasheetDescription
logo
Microchip Technology
PIC16C71X MICROCHIP-PIC16C71X Datasheet
1Mb / 176P
   8-Bit CMOS Microcontrollers with A/D Converter
1997 - 1999
PIC16C7X MICROCHIP-PIC16C7X Datasheet
2Mb / 288P
   8-Bit CMOS Microcontrollers with A/D Converter
1997 - 1999
PIC16LC74B-16 MICROCHIP-PIC16LC74B-16 Datasheet
329Kb / 41P
   8-Bit CMOS Microcontrollers with A/D Converter
1999 - 2002
PIC16C72 MICROCHIP-PIC16C72_13 Datasheet
1Mb / 128P
   8-Bit CMOS Microcontrollers with A/D Converter
11/29/12 1998-2013
PIC16C63A-20-SP MICROCHIP-PIC16C63A-20-SP Datasheet
1Mb / 186P
   8-Bit CMOS Microcontrollers with A/D Converter
11/29/12
PIC16C74A-10 MICROCHIP-PIC16C74A-10 Datasheet
2Mb / 184P
   8-Bit CMOS Microcontrollers with A/D Converter
10/01/00
PIC16C72 MICROCHIP-PIC16C72 Datasheet
1Mb / 124P
   8-Bit CMOS Microcontrollers with A/D Converter
1998
PIC16C74A-04P MICROCHIP-PIC16C74A-04P Datasheet
2Mb / 184P
   8-Bit CMOS Microcontrollers with A/D Converter
10/01/00
PIC16LC63A-04SO MICROCHIP-PIC16LC63A-04SO Datasheet
1Mb / 186P
   8-Bit CMOS Microcontrollers with A/D Converter
11/29/12
PIC16C63A MICROCHIP-PIC16C63A_13 Datasheet
1Mb / 186P
   8-Bit CMOS Microcontrollers with A/D Converter
11/29/12 1998-2013
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com