Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SPE0562D32RGB Datasheet(PDF) 1 Page - SYNC POWER Crop.

Part # SPE0562D32RGB
Description  Single-Line ESD Protection Array
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SYNC-POWER [SYNC POWER Crop.]
Direct Link  http://www.syncpower.com
Logo SYNC-POWER - SYNC POWER Crop.

SPE0562D32RGB Datasheet(HTML) 1 Page - SYNC POWER Crop.

  SPE0562D32RGB Datasheet HTML 1Page - SYNC POWER Crop. SPE0562D32RGB Datasheet HTML 2Page - SYNC POWER Crop. SPE0562D32RGB Datasheet HTML 3Page - SYNC POWER Crop. SPE0562D32RGB Datasheet HTML 4Page - SYNC POWER Crop. SPE0562D32RGB Datasheet HTML 5Page - SYNC POWER Crop. SPE0562D32RGB Datasheet HTML 6Page - SYNC POWER Crop.  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
2009/03/05
Ver.2
Page 1
SPE0562
Single-Line ESD Protection Array
DESCRIPTION
APPLICATIONS
The SPE0562 are designed by TVS bi-direction device that
is to protect sensitive electronics from damage or latch-up
due to ESD. They are designed for use in applications
where board space is at a premium. SPE0562 will protect
single line, and may be used on line where the signal
polarities swing above and below ground.
SPE0562 offer desirable characteristics for board level
protection including fast response time, low operating and
clamping voltage, and no device degradation.
SPE0562 may be used to meet the immunity requirements
of IEC 61000-4-2, level 4. The small SOD-323 package
makes them ideal for use in portable electronics such as
cell phones, PDA’s, notebook computers, and digital
cameras.
Cellular Handsets and Accessories
Cordless Phone
PDA
Notebooks and Handhelds
Portable Instrumentation
Digital Cameras
MP3 Player
FEATURES
PIN CONFIGURATION ( SOD-323 )
PART MARKING
Transient protection for data lines to
IEC 61000-4-2 (ESD) ±15kV (air), ±8kV (contact)
IEC 61000-4-4 (EFT) 40A (5/50ns)
Protects single I/O lines
Working voltage: 5V
Low leakage current
Low operating and clamping voltages


Similar Part No. - SPE0562D32RGB

ManufacturerPart #DatasheetDescription
logo
SYNC POWER Crop.
SPE0562D32RGB SYNC-POWER-SPE0562D32RGB Datasheet
238Kb / 6P
   Single-Line ESD Protection Array
More results

Similar Description - SPE0562D32RGB

ManufacturerPart #DatasheetDescription
logo
SYNC POWER Crop.
SPE0599 SYNC-POWER-SPE0599 Datasheet
202Kb / 6P
   Single -Line ESD Protection Array
SPE0531 SYNC-POWER-SPE0531_11 Datasheet
188Kb / 6P
   Single-Line ESD Protection Array
SPE0572 SYNC-POWER-SPE0572 Datasheet
212Kb / 6P
   Single-Line ESD Protection Array
logo
Nanjing International G...
SPE0572 DGNJDZ-SPE0572 Datasheet
345Kb / 5P
   Single-Line ESD Protection Array
logo
SYNC POWER Crop.
SPE0572 SYNC-POWER-SPE0572_11 Datasheet
192Kb / 6P
   Single-Line ESD Protection Array
SPE0531 SYNC-POWER-SPE0531 Datasheet
218Kb / 6P
   Single-Line ESD Protection Array
SPE0562 SYNC-POWER-SPE0562 Datasheet
238Kb / 6P
   Single-Line ESD Protection Array
SPE0311 SYNC-POWER-SPE0311 Datasheet
292Kb / 6P
   Single-Line ESD Protection Array
2019/06/12 Ver 1
SPE0521 SYNC-POWER-SPE0521 Datasheet
210Kb / 6P
   Single-Line ESD Protection Array
SPE0573 SYNC-POWER-SPE0573 Datasheet
220Kb / 6P
   Single-Line ESD Protection Array
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com