Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

PIC16CR54CT Datasheet(PDF) 6 Page - Microchip Technology

Part # PIC16CR54CT
Description  EPROM/ROM-Based 8-bit CMOS Microcontroller Series
Download  194 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

PIC16CR54CT Datasheet(HTML) 6 Page - Microchip Technology

Back Button PIC16CR54CT Datasheet HTML 2Page - Microchip Technology PIC16CR54CT Datasheet HTML 3Page - Microchip Technology PIC16CR54CT Datasheet HTML 4Page - Microchip Technology PIC16CR54CT Datasheet HTML 5Page - Microchip Technology PIC16CR54CT Datasheet HTML 6Page - Microchip Technology PIC16CR54CT Datasheet HTML 7Page - Microchip Technology PIC16CR54CT Datasheet HTML 8Page - Microchip Technology PIC16CR54CT Datasheet HTML 9Page - Microchip Technology PIC16CR54CT Datasheet HTML 10Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 194 page
background image
PIC16C5X
DS30453B-page 6
Preliminary
© 1998 Microchip Technology Inc.
TABLE 1-1:
PIC16C5X FAMILY OF DEVICES
PIC16C52
PIC16C54s
PIC16CR54s
PIC16C55s
PIC16C56s
Clock
Maximum Frequency
of Operation (MHz)
4
2020
2020
Memory
EPROM Program Memory
(x12 words)
384
512
512
1K
ROM Program Memory
(x12 words)
512
RAM Data Memory (bytes)
25
25
25
24
25
Peripherals
Timer Module(s)
TMR0
TMR0
TMR0
TMR0
TMR0
Features
I/O Pins
12
12
12
20
12
Number of Instructions
33
33
33
33
33
Packages
18-pin DIP,
SOIC
18-pin DIP,
SOIC;
20-pin SSOP
18-pin DIP,
SOIC;
20-pin SSOP
28-pin DIP,
SOIC;
28-pin SSOP
18-pin DIP,
SOIC;
20-pin SSOP
All PICmicro™ Family devices have Power-on Reset, selectable Watchdog Timer (except PIC16C52), selectable code
protect and high I/O current capability.
PIC16CR56s
PIC16C57s
PIC16CR57s
PIC16C58s
PIC16CR58s
Clock
Maximum Frequency
of Operation (MHz)
20
20
20
20
20
Memory
EPROM Program Memory
(x12 words)
2K
2K
ROM Program Memory
(x12 words)
1K
2K
2K
RAM Data Memory (bytes)
25
72
72
73
73
Peripherals
Timer Module(s)
TMR0
TMR0
TMR0
TMR0
TMR0
Features
I/O Pins
12
20
20
12
12
Number of Instructions
33
33
33
33
33
Packages
18-pin DIP,
SOIC;
20-pin SSOP
28-pin DIP,
SOIC;
28-pin SSOP
28-pin DIP,
SOIC;
28-pin SSOP
18-pin DIP,
SOIC;
20-pin SSOP
18-pin DIP,
SOIC;
20-pin SSOP
All PICmicro™ Family devices have Power-on Reset, selectable Watchdog Timer (except PIC16C52), selectable code
protect and high I/O current capability.


Similar Part No. - PIC16CR54CT

ManufacturerPart #DatasheetDescription
logo
Microchip Technology
PIC16CR54CT MICROCHIP-PIC16CR54CT Datasheet
2Mb / 192P
   EPROM/ROM-Based 8-bit CMOS Microcontroller Series
11/29/12 1997-2013
PIC16CR54CT MICROCHIP-PIC16CR54CT Datasheet
1Mb / 194P
   EPROM/ROM-Based 8-bit CMOS Microcontroller Series
03/01/02
PIC16CR54CT MICROCHIP-PIC16CR54CT Datasheet
1Mb / 194P
   EPROM/ROM-Based 8-bit CMOSMicrocontroller Series
03/01/02
PIC16CR54CT MICROCHIP-PIC16CR54CT Datasheet
1Mb / 194P
   EPROM/ROM-Based 8-bit CMOS Microcontroller Series
03/01/02
PIC16CR54CT MICROCHIP-PIC16CR54CT Datasheet
1Mb / 194P
   EPROM/ROM-Based 8-bit CMOS Microcontroller Series
03/01/02
More results

Similar Description - PIC16CR54CT

ManufacturerPart #DatasheetDescription
logo
Microchip Technology
PIC16C57-XTP MICROCHIP-PIC16C57-XTP Datasheet
2Mb / 192P
   EPROM/ROM-Based 8-bit CMOS Microcontroller Series
1997-2013
PIC16C57CJW MICROCHIP-PIC16C57CJW Datasheet
2Mb / 192P
   EPROM/ROM-Based 8-bit CMOS Microcontroller Series
11/29/12
PIC16C57C-20I MICROCHIP-PIC16C57C-20I Datasheet
1Mb / 194P
   EPROM/ROM-Based 8-bit CMOS Microcontroller Series
03/01/02
PIC16C57-RCI MICROCHIP-PIC16C57-RCI Datasheet
1Mb / 194P
   EPROM/ROM-Based 8-bit CMOS Microcontroller Series
03/01/02
PIC16C55A-JW MICROCHIP-PIC16C55A-JW Datasheet
2Mb / 192P
   EPROM/ROM-Based 8-bit CMOS Microcontroller Series
11/29/12
PIC16C57-RC MICROCHIP-PIC16C57-RC Datasheet
1Mb / 194P
   EPROM/ROM-Based 8-bit CMOS Microcontroller Series
03/01/02
PIC16C55A-04 MICROCHIP-PIC16C55A-04 Datasheet
1Mb / 218P
   EPROM/ROM-Based 8-Bit CMOS Microcontroller Series
01/18/02
PIC16C54C-04-P MICROCHIP-PIC16C54C-04-P Datasheet
2Mb / 192P
   EPROM/ROM-Based 8-bit CMOS Microcontroller Series
11/29/12
PIC16C56-XT MICROCHIP-PIC16C56-XT Datasheet
1Mb / 194P
   EPROM/ROM-Based 8-bit CMOS Microcontroller Series
03/01/02
PIC16C55-XTI MICROCHIP-PIC16C55-XTI Datasheet
1Mb / 194P
   EPROM/ROM-Based 8-bit CMOS Microcontroller Series
03/01/02
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com