Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SPE0521D52RGB Datasheet(PDF) 3 Page - SYNC POWER Crop.

Part # SPE0521D52RGB
Description  Single-Line ESD Protection Array
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SYNC-POWER [SYNC POWER Crop.]
Direct Link  http://www.syncpower.com
Logo SYNC-POWER - SYNC POWER Crop.

SPE0521D52RGB Datasheet(HTML) 3 Page - SYNC POWER Crop.

  SPE0521D52RGB Datasheet HTML 1Page - SYNC POWER Crop. SPE0521D52RGB Datasheet HTML 2Page - SYNC POWER Crop. SPE0521D52RGB Datasheet HTML 3Page - SYNC POWER Crop. SPE0521D52RGB Datasheet HTML 4Page - SYNC POWER Crop. SPE0521D52RGB Datasheet HTML 5Page - SYNC POWER Crop. SPE0521D52RGB Datasheet HTML 6Page - SYNC POWER Crop.  
Zoom Inzoom in Zoom Outzoom out
 3 / 6 page
background image
2012/02/01
Ver.6
Page 3
SPE0521
Single-Line ESD Protection Array
TYPICAL CHARACTERISTICS
Clamping Voltage (Ipp = 1A , tp = 8/20 μs )
Clamping Voltage (Ipp = 7A , tp = 8/20 μs )


Similar Part No. - SPE0521D52RGB

ManufacturerPart #DatasheetDescription
logo
SYNC POWER Crop.
SPE0521D52RG SYNC-POWER-SPE0521D52RG Datasheet
210Kb / 6P
   Single-Line ESD Protection Array
More results

Similar Description - SPE0521D52RGB

ManufacturerPart #DatasheetDescription
logo
SYNC POWER Crop.
SPE0599 SYNC-POWER-SPE0599 Datasheet
202Kb / 6P
   Single -Line ESD Protection Array
SPE0531 SYNC-POWER-SPE0531_11 Datasheet
188Kb / 6P
   Single-Line ESD Protection Array
SPE0562_0911 SYNC-POWER-SPE0562_0911 Datasheet
207Kb / 6P
   Single-Line ESD Protection Array
SPE0572 SYNC-POWER-SPE0572 Datasheet
212Kb / 6P
   Single-Line ESD Protection Array
logo
Nanjing International G...
SPE0572 DGNJDZ-SPE0572 Datasheet
345Kb / 5P
   Single-Line ESD Protection Array
logo
SYNC POWER Crop.
SPE0572 SYNC-POWER-SPE0572_11 Datasheet
192Kb / 6P
   Single-Line ESD Protection Array
SPE0531 SYNC-POWER-SPE0531 Datasheet
218Kb / 6P
   Single-Line ESD Protection Array
SPE0562 SYNC-POWER-SPE0562 Datasheet
238Kb / 6P
   Single-Line ESD Protection Array
SPE0311 SYNC-POWER-SPE0311 Datasheet
292Kb / 6P
   Single-Line ESD Protection Array
2019/06/12 Ver 1
SPE0521 SYNC-POWER-SPE0521 Datasheet
210Kb / 6P
   Single-Line ESD Protection Array
SPE0573 SYNC-POWER-SPE0573 Datasheet
220Kb / 6P
   Single-Line ESD Protection Array
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com