Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SPE0514S56RG Datasheet(PDF) 7 Page - SYNC POWER Crop.

Part # SPE0514S56RG
Description  4-Line ESD Protection Array
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SYNC-POWER [SYNC POWER Crop.]
Direct Link  http://www.syncpower.com
Logo SYNC-POWER - SYNC POWER Crop.

SPE0514S56RG Datasheet(HTML) 7 Page - SYNC POWER Crop.

  SPE0514S56RG Datasheet HTML 1Page - SYNC POWER Crop. SPE0514S56RG Datasheet HTML 2Page - SYNC POWER Crop. SPE0514S56RG Datasheet HTML 3Page - SYNC POWER Crop. SPE0514S56RG Datasheet HTML 4Page - SYNC POWER Crop. SPE0514S56RG Datasheet HTML 5Page - SYNC POWER Crop. SPE0514S56RG Datasheet HTML 6Page - SYNC POWER Crop. SPE0514S56RG Datasheet HTML 7Page - SYNC POWER Crop.  
Zoom Inzoom in Zoom Outzoom out
 7 / 7 page
background image
2010/06/23
Ver.5
Page 7
SPE0514
4-Line ESD Protection Array
Information provided is alleged to be exact and consistent. SYNC Power Corporation presumes no responsibility for the
penalties of use of such information or for any violation of patents or other rights of third parties which may result from its use.
No license is granted by allegation or otherwise under any patent or patent rights of SYNC Power Corporation. Conditions
mentioned in this publication are subject to change without notice. This publication surpasses and replaces all information
previously supplied. SYNC Power Corporation products are not authorized for use as critical components in life support
devices or systems without express written approval of SYNC Power Corporation.
©The SYNC Power logo is a registered trademark of SYNC Power Corporation
©2004 SYNC Power Corporation – Printed in Taiwan – All Rights Reserved
SYNC Power Corporation
7F-2, No.3-1, Park Street
NanKang District (NKSP), Taipei, Taiwan, 115, R.O.C
Phone: 886-2-2655-8178
Fax: 886-2-2655-8468
©http://www.syncpower.com


Similar Part No. - SPE0514S56RG

ManufacturerPart #DatasheetDescription
logo
SYNC POWER Crop.
SPE0514S56RG SYNC-POWER-SPE0514S56RG Datasheet
222Kb / 7P
   4-Line ESD Protection Array
More results

Similar Description - SPE0514S56RG

ManufacturerPart #DatasheetDescription
logo
SYNC POWER Crop.
SPE0534 SYNC-POWER-SPE0534_09 Datasheet
197Kb / 7P
   4-Line ESD Protection Array
logo
Yea Shin Technology Co....
YSDAXX04T6 YEASHIN-YSDAXX04T6 Datasheet
223Kb / 3P
   4 Line ESD Protection Array
logo
SYNC POWER Crop.
SPE0504 SYNC-POWER-SPE0504 Datasheet
221Kb / 7P
   4-Line ESD Protection Array
SPE0514 SYNC-POWER-SPE0514 Datasheet
222Kb / 7P
   4-Line ESD Protection Array
SPE0504 SYNC-POWER-SPE0504_10 Datasheet
190Kb / 7P
   4-Line ESD Protection Array
SPE0534 SYNC-POWER-SPE0534 Datasheet
224Kb / 7P
   4-Line ESD Protection Array
logo
TECH PUBLIC Electronics...
RCLAMP3354S TECHPUBLIC-RCLAMP3354S Datasheet
1Mb / 4P
   4-Line ESD Protection Diode Array
TPNUP4060AXV6T1G TECHPUBLIC-TPNUP4060AXV6T1G Datasheet
1Mb / 4P
   4-Line ESD Protection Diode Array
ESDS304DBVR-TP TECHPUBLIC-ESDS304DBVR-TP Datasheet
2Mb / 4P
   4-Line ESD Protection Diode Array
RCLAMP3304N TECHPUBLIC-RCLAMP3304N Datasheet
2Mb / 5P
   4- Line 3.3V ESD Protection Diode Array
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com