Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

EP1AGX90E Datasheet(PDF) 32 Page - Altera Corporation

Part # EP1AGX90E
Description  Enhanced Configuration (EPC) Devices Datasheet
Download  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ALTERA [Altera Corporation]
Direct Link  http://www.altera.com
Logo ALTERA - Altera Corporation

EP1AGX90E Datasheet(HTML) 32 Page - Altera Corporation

Back Button EP1AGX90E Datasheet HTML 28Page - Altera Corporation EP1AGX90E Datasheet HTML 29Page - Altera Corporation EP1AGX90E Datasheet HTML 30Page - Altera Corporation EP1AGX90E Datasheet HTML 31Page - Altera Corporation EP1AGX90E Datasheet HTML 32Page - Altera Corporation EP1AGX90E Datasheet HTML 33Page - Altera Corporation EP1AGX90E Datasheet HTML 34Page - Altera Corporation EP1AGX90E Datasheet HTML 35Page - Altera Corporation EP1AGX90E Datasheet HTML 36Page - Altera Corporation  
Zoom Inzoom in Zoom Outzoom out
 32 / 36 page
background image
Page 32
Package
Enhanced Configuration (EPC) Devices Datasheet
January 2012
Altera Corporation
Package
The EPC16 device is available in both the 88-pin UFBGA package and the 100-pin
PQFP package. The UFBGA package, which is based on 0.8-mm ball pitch, maximizes
board space efficiency. A board can be laid out for this package using a single PCB
layer. The EPC8 and EPC4 devices are available in the 100-pin PQFP package.
EPC devices support vertical migration in the 100-pin PQFP package.
Table 18. ICC Supply Current Values for EPC Devices
Symbol
Parameter
Condition
Min
Typ
Max
Unit
ICC0
Current (standby)
50
150
A
ICC1
VCC supply current (during
configuration)
——
60
90
mA
ICCW
VCCW supply current
(1)
(1)
Note to Table 18:
(1) For the VCCW supply current information, refer to the appropriate flash memory data sheet at www.altera.com.
Table 19. Capacitance for EPC Devices
Symbol
Parameter
Condition
Min
Max
Unit
CIN
Input pin capacitance
10
pF
COUT
Output pin capacitance
10
pF


Similar Part No. - EP1AGX90E

ManufacturerPart #DatasheetDescription
logo
Altera Corporation
EP1AGX90E ALTERA-EP1AGX90E Datasheet
456Kb / 34P
   1. Enhanced Configuration Devices (EPC4, EPC8, and EPC16) Data Sheet
EP1AGX90E ALTERA-EP1AGX90E Datasheet
633Kb / 36P
   Enhanced Configuration (EPC) Devices Datasheet
EP1AGX90E ALTERA-EP1AGX90E Datasheet
621Kb / 36P
   This datasheet describes enhanced configuration (EPC) devices
EP1AGX90E ALTERA-EP1AGX90E Datasheet
633Kb / 36P
   Enhanced Configuration (EPC) Devices Datasheet
EP1AGX90EF1152C6N ALTERA-EP1AGX90EF1152C6N Datasheet
3Mb / 296P
   The ArriaTM GX family of devices combines 3.125 gigabits per second (Gbps) serial transceivers with reliable packaging technology
More results

Similar Description - EP1AGX90E

ManufacturerPart #DatasheetDescription
logo
Altera Corporation
EPC16UC88N ALTERA-EPC16UC88N Datasheet
633Kb / 36P
   Enhanced Configuration (EPC) Devices Datasheet
EPC8QC100N ALTERA-EPC8QC100N Datasheet
633Kb / 36P
   Enhanced Configuration (EPC) Devices Datasheet
EPC16UI88AA ALTERA-EPC16UI88AA Datasheet
633Kb / 36P
   Enhanced Configuration (EPC) Devices Datasheet
EPC16QI100N ALTERA-EPC16QI100N Datasheet
621Kb / 36P
   This datasheet describes enhanced configuration (EPC) devices
EPCQ256SI16N ALTERA-EPCQ256SI16N Datasheet
1Mb / 42P
   Quad-Serial Configuration (EPCQ) Devices Datasheet
EPC8QC100 ALTERA-EPC8QC100 Datasheet
421Kb / 36P
   2. Enhanced Configuration Devices (EPC4, EPC8 & EPC16) Data Sheet
EPC4 ALTERA-EPC4 Datasheet
456Kb / 34P
   1. Enhanced Configuration Devices (EPC4, EPC8, and EPC16) Data Sheet
EPCS1 ALTERA-EPCS1 Datasheet
241Kb / 32P
   Serial Configuration Devices
EPCS1 ALTERA-EPCS1_1 Datasheet
704Kb / 38P
   Serial Configuration Devices
logo
Infineon Technologies A...
DDB6U50N16W1R INFINEON-DDB6U50N16W1R Datasheet
420Kb / 13P
   Preliminary datasheet EasyBRIDGE module with chopper configuration
0.10 2021-07-30
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com