Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

UCC25600D Datasheet(PDF) 2 Page - Texas Instruments

Click here to check the latest version.
Part # UCC25600D
Description  8-Pin High-Performance Resonant Mode Controller
Download  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

UCC25600D Datasheet(HTML) 2 Page - Texas Instruments

  UCC25600D Datasheet HTML 1Page - Texas Instruments UCC25600D Datasheet HTML 2Page - Texas Instruments UCC25600D Datasheet HTML 3Page - Texas Instruments UCC25600D Datasheet HTML 4Page - Texas Instruments UCC25600D Datasheet HTML 5Page - Texas Instruments UCC25600D Datasheet HTML 6Page - Texas Instruments UCC25600D Datasheet HTML 7Page - Texas Instruments UCC25600D Datasheet HTML 8Page - Texas Instruments UCC25600D Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 24 page
background image
UCC25600
SLUS846B
– SEPTEMBER 2008 – REVISED JULY 2011
www.ti.com
ORDERING INFORMATION
PART NUMBER
PACKAGE
OPERATING TEMPERATURE
UCC25600D
8-Pin SOIC
-40
°C to 125°C
ABSOLUTE MAXIMUM RATINGS
(1) (2) (3) (4)
over operating free-air temperature range (unless otherwise noted)
PARAMETER
LIMIT
UNIT
Supply voltage, VCC
22
V
Voltage, GD1, GD2
-0.5 to VCC + 0.5
Gate drive current
– continuous, GD1, GD2
+/- 25
Current, RT
-5
mA
Current, DT
-0.7
Operating junction temperature, TJ
−40 to 125
Storage temperature, TSTG
−65 to 150
°C
Lead temperature (10 seconds)
260
(1)
These are stress limits. Stress beyond these limits may cause permanent damage to the device. Functional operation of the device at
these or any conditions beyond those indicated under RECOMMENDED OPERATING CONDITIONS is not implied. Exposure to
absolute maximum rated conditions for extended periods of time may affect device reliability.
(2)
All voltages are with respect to GND.
(3)
All currents are positive into the terminal, negative out of the terminal.
(4)
In normal use, terminals GD1 and GD2 are connected to an external gate driver and are internally limited in output current.
ELECTROSTATIC DISCHARGE (ESD) PROTECTION
PARAMETER
RATING
UNIT
Human Body Model (HBM)
2,000
V
Charged Device Model (CDM)
500
DISSIPATION RATINGS
THERMAL IMPEDANCE,
PACKAGE
T A = 25°C POWER RATING
TA = 85°C POWER RATING
JUNCTION-TO-AMBIENT
8-Pin SOIC
150
°C/watt (1) (2)
667 mW (1)
267 mW (1)
(1)
Thermal resistance is a strong function of board construction and layout. Air flow will reduce thermal resistance. This number is only a
general guide.
(2)
Thermal resistance calculated with a low-K methodology.
RECOMMENDED OPERATING CONDITIONS
over operating free-air temperature range (unless otherwise noted)
PARAMETER
MINIMUM
MAXIMUM
UNIT
VCC input voltage from a low-impedance source
11.5
18.0
V
RT resistance
1
8.666
k
DT resistance
3.3
39
SS capacitor
0.01
1
μF
2
Copyright
© 2008–2011, Texas Instruments Incorporated


Similar Part No. - UCC25600D

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
UCC25600D TI-UCC25600D Datasheet
565Kb / 23P
[Old version datasheet]   8-Pin High-Performance Resonant Mode Controller
UCC25600DR TI-UCC25600DR Datasheet
588Kb / 22P
[Old version datasheet]   8-Pin High-Performance Resonant Mode Controller
UCC25600DR TI-UCC25600DR Datasheet
565Kb / 23P
[Old version datasheet]   8-Pin High-Performance Resonant Mode Controller
UCC25600DRG4 TI-UCC25600DRG4 Datasheet
565Kb / 23P
[Old version datasheet]   8-Pin High-Performance Resonant Mode Controller
More results

Similar Description - UCC25600D

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
UCC25600 TI-UCC25600_1 Datasheet
565Kb / 23P
[Old version datasheet]   8-Pin High-Performance Resonant Mode Controller
UCC25600 TI-UCC25600 Datasheet
588Kb / 22P
[Old version datasheet]   8-Pin High-Performance Resonant Mode Controller
UCC25600 TI-UCC25600_15 Datasheet
3Mb / 30P
[Old version datasheet]   UCC25600 8-Pin High-Performance Resonant Mode Controller
logo
Infineon Technologies A...
ICE2HS01G INFINEON-ICE2HS01G Datasheet
606Kb / 29P
   High Performance Resonant Mode Controller
Version 2.0, 11 May 2010
logo
ON Semiconductor
NCP1397ADR2G ONSEMI-NCP1397ADR2G Datasheet
749Kb / 27P
   High Performance Resonant Mode Controller
November, 2011 ??Rev. 4
NCP1395 ONSEMI-NCP1395 Datasheet
335Kb / 27P
   High Performance Resonant Mode Controller
March, 2006 ??Rev. 1
NCP13992 ONSEMI-NCP13992 Datasheet
474Kb / 28P
   High Performance Current Mode Resonant Controller
January, 2018 ??Rev. 0
NCP1399 ONSEMI-NCP1399 Datasheet
682Kb / 44P
   High Performance Current Mode Resonant Controller
August, 2016 ??Rev. 10
NCP1399AA ONSEMI-NCP1399AA Datasheet
670Kb / 43P
   High Performance Current Mode Resonant Controller
December, 2015 ??Rev. 2
NCP1399 ONSEMI-NCP1399_17 Datasheet
693Kb / 46P
   High Performance Current Mode Resonant Controller
September, 2017 ??Rev. 13
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com