Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

UCC25600 Datasheet(PDF) 1 Page - Texas Instruments

Click here to check the latest version.
Part # UCC25600
Description  8-Pin High-Performance Resonant Mode Controller
Download  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

UCC25600 Datasheet(HTML) 1 Page - Texas Instruments

  UCC25600 Datasheet HTML 1Page - Texas Instruments UCC25600 Datasheet HTML 2Page - Texas Instruments UCC25600 Datasheet HTML 3Page - Texas Instruments UCC25600 Datasheet HTML 4Page - Texas Instruments UCC25600 Datasheet HTML 5Page - Texas Instruments UCC25600 Datasheet HTML 6Page - Texas Instruments UCC25600 Datasheet HTML 7Page - Texas Instruments UCC25600 Datasheet HTML 8Page - Texas Instruments UCC25600 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 24 page
background image
8
GD1
5
GD2
7
VCC
6
GND
3
2
1
4
OC
RT
DT
SS
UCC25600
+
V
S
UCC25600
www.ti.com
SLUS846B
– SEPTEMBER 2008 – REVISED JULY 2011
8-Pin High-Performance Resonant Mode Controller
Check for Samples: UCC25600
1
FEATURES
DESCRIPTION
Variable Switching Frequency Control
The UCC25600 high performance resonant mode
Programmable Minimum Switching Frequency
controller
is
designed
for
dc-to-dc
applications
With 4% Accuracy (3% accuracy at
utilizing resonant topologies, especially the LLC half
temperature range: -20
°C to 105°C)
bridge resonant converter. This highly integrated
Programmable Maximum Switching Frequency
controller implements frequency modulation control
Programmable Dead Time for Best Efficiency
and complete system functions in only an 8-pin
Programmable Soft-Start Time
package. Switching to the UCC25600 will greatly
simplify the system design, layout and improve time
Easy ON/OFF Control
to market, all at a price point lower than competitive
Over-Current Protection
16-pin device offerings.
Over-Temperature Protection
The
internal
oscillator
supports
the
switching
Bias Voltage UVLO and OVP
frequencies from 40 kHz to 350 kHz. This high
Integrated Gate Driver With 0.4-A Source and
accuracy oscillator realizes the minimum switching
0.8-A Sink Capability
frequency limiting with 4% tolerance, allowing the
Operating Temperature Range:
–40°C to 125°C
designer to avoid
"over design" of the power stage
SOIC 8-Pin Package
and, thus, further reducing overall system cost. The
programmable
dead
time
enables
zero-voltage
switching with minimum magnetizing current. This will
APPLICATIONS
maximize system efficiency across a variety of
100-W to 1-kW Power Supplies
applications.
The
programmable
soft-start
timer
LCD, Plasma and DLP
® TVs
maximizes design flexibility demanded by the varied
Adaptors, Computing and ATX Power Supplies
requirements of end equipments utilizing a half bridge
topology. By incorporating 0.4-A source and 0.8-A
Home Audio Systems
sink driving capability, a low cost, reliable gate driver
Electronic Lighting Ballasts
transformer is a real option.
The UCC25600 delivers complete system protection
functions including over current, UVLO, bias supply
OVP and over temperature protection.
TYPICAL APPLICATION DIAGRAM
1
Please be aware that an important notice concerning availability, standard warranty, and use in critical applications of Texas
Instruments semiconductor products and disclaimers thereto appears at the end of this data sheet.
PRODUCTION DATA information is current as of publication date.
Copyright
© 2008–2011, Texas Instruments Incorporated
Products conform to specifications per the terms of the Texas
Instruments standard warranty. Production processing does not
necessarily include testing of all parameters.


Similar Part No. - UCC25600

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
UCC25600 TI-UCC25600 Datasheet
588Kb / 22P
[Old version datasheet]   8-Pin High-Performance Resonant Mode Controller
UCC25600 TI-UCC25600 Datasheet
565Kb / 23P
[Old version datasheet]   8-Pin High-Performance Resonant Mode Controller
UCC25600D TI-UCC25600D Datasheet
565Kb / 23P
[Old version datasheet]   8-Pin High-Performance Resonant Mode Controller
UCC25600DR TI-UCC25600DR Datasheet
588Kb / 22P
[Old version datasheet]   8-Pin High-Performance Resonant Mode Controller
UCC25600DR TI-UCC25600DR Datasheet
565Kb / 23P
[Old version datasheet]   8-Pin High-Performance Resonant Mode Controller
More results

Similar Description - UCC25600

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
UCC25600 TI-UCC25600_1 Datasheet
565Kb / 23P
[Old version datasheet]   8-Pin High-Performance Resonant Mode Controller
UCC25600 TI-UCC25600 Datasheet
588Kb / 22P
[Old version datasheet]   8-Pin High-Performance Resonant Mode Controller
UCC25600 TI-UCC25600_15 Datasheet
3Mb / 30P
[Old version datasheet]   UCC25600 8-Pin High-Performance Resonant Mode Controller
logo
Infineon Technologies A...
ICE2HS01G INFINEON-ICE2HS01G Datasheet
606Kb / 29P
   High Performance Resonant Mode Controller
Version 2.0, 11 May 2010
logo
ON Semiconductor
NCP1397ADR2G ONSEMI-NCP1397ADR2G Datasheet
749Kb / 27P
   High Performance Resonant Mode Controller
November, 2011 ??Rev. 4
NCP1395 ONSEMI-NCP1395 Datasheet
335Kb / 27P
   High Performance Resonant Mode Controller
March, 2006 ??Rev. 1
NCP13992 ONSEMI-NCP13992 Datasheet
474Kb / 28P
   High Performance Current Mode Resonant Controller
January, 2018 ??Rev. 0
NCP1399 ONSEMI-NCP1399 Datasheet
682Kb / 44P
   High Performance Current Mode Resonant Controller
August, 2016 ??Rev. 10
NCP1399AA ONSEMI-NCP1399AA Datasheet
670Kb / 43P
   High Performance Current Mode Resonant Controller
December, 2015 ??Rev. 2
NCP1399 ONSEMI-NCP1399_17 Datasheet
693Kb / 46P
   High Performance Current Mode Resonant Controller
September, 2017 ??Rev. 13
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com