Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ELC10D3R9E Datasheet(PDF) 2 Page - Panasonic Semiconductor

Part # ELC10D3R9E
Description  Choke Coils
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PANASONIC [Panasonic Semiconductor]
Direct Link  http://www.panasonic.com/industrial/
Logo PANASONIC - Panasonic Semiconductor

ELC10D3R9E Datasheet(HTML) 2 Page - Panasonic Semiconductor

  ELC10D3R9E Datasheet HTML 1Page - Panasonic Semiconductor ELC10D3R9E Datasheet HTML 2Page - Panasonic Semiconductor ELC10D3R9E Datasheet HTML 3Page - Panasonic Semiconductor ELC10D3R9E Datasheet HTML 4Page - Panasonic Semiconductor ELC10D3R9E Datasheet HTML 5Page - Panasonic Semiconductor ELC10D3R9E Datasheet HTML 6Page - Panasonic Semiconductor ELC10D3R9E Datasheet HTML 7Page - Panasonic Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 2 / 7 page
background image
Design and specifications are each subject to change without notice. Ask factory for the current technical specifications before purchase and/or use.
Should a safety concern arise regarding this product, please be sure to contact us immediately.
Choke Coils
f9.5 max.
5.0
±0.5
2–
f0.6
5.0
±0.1
2–
f1.00
±0.05
S
F
Examples Type 09D
Part No.
Inductance
(µH)
Tolerance
(%)
Test Freq.
(kHz)
RDC.( )
[at 20 °C]
✽✽ (Tol.±30 %)
(Tol.±20 %)
IDC.
[at 20 °C]
(A)max.
ELC09D2R2
F2.2
±20
10
0.012
3.50
ELC09D2R7 F2.7
0.013
3.30
ELC09D3R3
F3.3
0.015
3.20
ELC09D3R9
F3.9
0.016
3.10
ELC09D4R7 F4.7
0.018
3.00
ELC09D5R6
F5.6
0.019
2.90
ELC09D6R8
F6.8
0.021
2.80
ELC09D8R2
F8.2
0.024
2.60
ELC09D100
F10.0
0.027
2.50
ELC09D120
F12.0
0.031
2.30
ELC09D150
F15.0
0.035
2.10
ELC09D180
F18.0
0.038
2.00
ELC09D220
F22.0
±10
0.051
1.80
ELC09D270
F27.0
0.058
1.60
ELC09D330
F33.0
0.081
1.40
ELC09D390
F39.0
0.087
1.30
ELC09D470
F47.0
0.110
1.20
ELC09D560
F56.0
0.130
1.10
ELC09D680
F68.0
0.140
1.00
ELC09D820
F82.0
0.160
0.90
ELC09D101 F100.0
0.200
0.82
ELC09D121 F120.0
0.250
0.77
ELC09D151 F150.0
0.320
0.74
ELC09D181 F180.0
0.360
0.61
ELC09D221 F220.0
0.410
0.58
ELC09D271 F270.0
0.500
0.52
ELC09D331 F330.0
0.650
0.49
ELC09D391 F390.0
0.860
0.46
ELC09D471 F470.0
0.980
0.39
ELC09D561 F560.0
1.100
0.36
ELC09D681 F680.0
1.400
0.34
ELC09D821 F820.0
1.600
0.30
ELC09D102
F1000.0
2.100
0.28
ELC09D122
F1200.0
2.400
0.23
ELC09D152
F1500.0
2.800
0.21
ELC09D182
F1800.0
3.800
0.19
ELC09D222
F2200.0
4.400
0.17
ELC09D272
F2700.0
6.100
0.16
ELC09D332
F3300.0
7.000
0.14
ELC09D392
F3900.0
8.000
0.13
ELC09D472
F4700.0
11.200
0.12
ELC09D562
F5600.0
12.600
0.11
ELC09D682
F6800.0
14.400
0.10
ELC09D822
F8200.0
16.600
0.09
ELC09D103
F10000.0
18.800
0.08
✽ Allowable DC Current: Smaller current value either when the inductance is –10 % or when the case temperature has risen 45 °C.
[Dimensions in mm]
(not to scale)
Recommended PWB
piercing plan
Connection Schematic
Feb. 2006


Similar Part No. - ELC10D3R9E

ManufacturerPart #DatasheetDescription
logo
Panasonic Semiconductor
ELC10D3R9E PANASONIC-ELC10D3R9E Datasheet
771Kb / 10P
   Choke Coils
ELC10D3R9E PANASONIC-ELC10D3R9E Datasheet
136Kb / 7P
   Choke Coils
More results

Similar Description - ELC10D3R9E

ManufacturerPart #DatasheetDescription
logo
Panasonic Semiconductor
ELC11D2R2F PANASONIC-ELC11D2R2F Datasheet
321Kb / 4P
   Choke coils
ELL-6PG6R8N PANASONIC-ELL-6PG6R8N Datasheet
83Kb / 2P
   Choke Coils
ELC-09D180F PANASONIC-ELC-09D180F Datasheet
136Kb / 7P
   Choke Coils
ELC06D3R3E PANASONIC-ELC06D3R3E Datasheet
771Kb / 10P
   Choke Coils
ELC-09D470F PANASONIC-ELC-09D470F Datasheet
136Kb / 7P
   Choke Coils
ELC-09D680DF PANASONIC-ELC-09D680DF Datasheet
136Kb / 7P
   Choke Coils
ELC-15E561L PANASONIC-ELC-15E561L Datasheet
204Kb / 8P
   Choke Coils
ELC-16B561L PANASONIC-ELC-16B561L Datasheet
136Kb / 7P
   Choke Coils
09D PANASONIC-09D Datasheet
259Kb / 8P
   Choke Coils
ELL4FG100MA PANASONIC-ELL4FG100MA Datasheet
151Kb / 2P
   Choke Coils
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com