Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SGH40N60UFD Datasheet(PDF) 4 Page - Fairchild Semiconductor

Part # SGH40N60UFD
Description  Ultra-Fast IGBT
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FAIRCHILD [Fairchild Semiconductor]
Direct Link  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

SGH40N60UFD Datasheet(HTML) 4 Page - Fairchild Semiconductor

  SGH40N60UFD Datasheet HTML 1Page - Fairchild Semiconductor SGH40N60UFD Datasheet HTML 2Page - Fairchild Semiconductor SGH40N60UFD Datasheet HTML 3Page - Fairchild Semiconductor SGH40N60UFD Datasheet HTML 4Page - Fairchild Semiconductor SGH40N60UFD Datasheet HTML 5Page - Fairchild Semiconductor SGH40N60UFD Datasheet HTML 6Page - Fairchild Semiconductor SGH40N60UFD Datasheet HTML 7Page - Fairchild Semiconductor SGH40N60UFD Datasheet HTML 8Page - Fairchild Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 4 / 8 page
background image
SGH40N60UFD Rev. A1
©2002 Fairchild Semiconductor Corporation
10
15
20
25
30
35
40
20
100
1000
Toff
Tf
Toff
Tf
Common Emitter
V
CC = 300V, VGE =
± 15V
R
G = 10
T
C =
25℃
T
C = 125
Collector Current, I
C [A]
110
100
200
50
100
1000
2000
Eon
Eoff
Eon
Eoff
Common Emitter
V
CC = 300V, VGE =
± 15V
I
C = 20A
T
C =
25℃
T
C = 125
Gate Resistance, R
G []
110
100
200
20
100
1000
Toff
Tf
Tf
Common Emitter
V
CC = 300V, VGE =
± 15V
I
C = 20A
T
C =
25℃
T
C = 125
Gate Resistance, R
G []
110
100
200
10
100
300
Common Emitter
V
CC = 300V, VGE =
± 15V
I
C = 20A
T
C =
25℃
T
C = 125
Ton
Tr
Gate Resistance, R
G []
110
30
0
500
1000
1500
2000
2500
Cres
Coes
Cies
Common Emitter
V
GE
= 0V, f = 1MHz
T
C
= 25℃
Collector - Emitter Voltage, V
CE [V]
Fig 7. Capacitance Characteristics
Fig 8. Turn-On Characteristics vs.
Gate Resistance
Fig 9. Turn-Off Characteristics vs.
Gate Resistance
Fig 10. Switching Loss vs. Gate Resistance
Fig 11. Turn-On Characteristics vs.
Collector Current
Fig 12. Turn-Off Characteristics vs.
Collector Current
10
15
20
25
30
35
40
10
100
200
Ton
Tr
Common Emitter
V
CC = 300V, VGE =
± 15V
R
G = 10
T
C =
25℃
T
C = 125
Collector Current, I
C [A]


Similar Part No. - SGH40N60UFD

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
SGH40N60UFD FAIRCHILD-SGH40N60UFD Datasheet
601Kb / 8P
   Ultra-Fast IGBT
More results

Similar Description - SGH40N60UFD

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
SGH80N60UF FAIRCHILD-SGH80N60UF Datasheet
557Kb / 7P
   Ultra-Fast IGBT
SGP13N60UFD FAIRCHILD-SGP13N60UFD Datasheet
595Kb / 8P
   Ultra-Fast IGBT
SGU6N60UF FAIRCHILD-SGU6N60UF Datasheet
506Kb / 7P
   Ultra-Fast IGBT
SGH23N60UFD FAIRCHILD-SGH23N60UFD Datasheet
627Kb / 7P
   Ultra-Fast IGBT
SGP13N60UFTU FAIRCHILD-SGP13N60UFTU Datasheet
542Kb / 7P
   Ultra-Fast IGBT
SGP13N60UF FAIRCHILD-SGP13N60UF Datasheet
537Kb / 7P
   Ultra-Fast IGBT
SGP23N60UFD FAIRCHILD-SGP23N60UFD Datasheet
587Kb / 8P
   Ultra-Fast IGBT
SGR2N60UF FAIRCHILD-SGR2N60UF Datasheet
495Kb / 7P
   Ultra-Fast IGBT
SGS13N60UFD FAIRCHILD-SGS13N60UFD Datasheet
610Kb / 8P
   Ultra-Fast IGBT
SGS23N60UF FAIRCHILD-SGS23N60UF Datasheet
539Kb / 7P
   Ultra-Fast IGBT
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com