Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

BD239B Datasheet(PDF) 1 Page - Fairchild Semiconductor

Part # BD239B
Description  Medium Power Linear and Switching
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FAIRCHILD [Fairchild Semiconductor]
Direct Link  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

BD239B Datasheet(HTML) 1 Page - Fairchild Semiconductor

  BD239B Datasheet HTML 1Page - Fairchild Semiconductor BD239B Datasheet HTML 2Page - Fairchild Semiconductor BD239B Datasheet HTML 3Page - Fairchild Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
©2000 Fairchild Semiconductor International
Rev. A, February 2000
NPN Epitaxial Silicon Transistor
Absolute Maximum Ratings T
C=25°C unless otherwise noted
Electrical Characteristics T
C=25°C unless otherwise noted
* Pulse Test: PW=350
µs, duty Cycle≤2.0% Pulsed
Symbol
Parameter
Value
Units
VCEO
Collector-Emitter Voltage
: BD239
: BD239A
: BD239B
: BD239C
45
60
80
100
V
V
V
V
VCER
Collector-Emitter Voltage
: BD239
: BD239A
: BD239B
: BD239C
55
70
90
115
V
V
V
V
VEBO
Emitter-Base Voltage
5
V
IC
Collector Current (DC)
2
A
ICP
*Collector Current (Pulse)
4
A
IB
Base Current
0.6
A
PC
Collector Dissipation (TC=25°C)
30
W
TJ
Junction Temperature
150
°C
TSTG
Storage Temperature
- 65 ~ 150
°C
Symbol
Parameter
Test Condition
Min.
Typ.
Max.
Units
VCEO(sus)
*Collector-Emitter Sustaining Voltage
: BD239
: BD239A
: BD239B
: BD239C
IC = 30mA, IB = 0
45
60
80
100
V
V
V
V
ICEO
Collector Cut-off Current
: BD239/A
: BD239B/C
VCE = 30V, IB = 0
VCE = 60V, IB = 0
0.3
0.3
mA
mA
ICES
Collector Cut-off Current
: BD239
: BD239A
: BD239B
: BD239C
VCE = 45V, VBE = 0
VCE = 60V, VBE = 0
VCE = 80V, VBE = 0
VCE = 100V, VBE = 0
0.2
0.2
0.2
0.2
mA
mA
mA
mA
IEBO
Emitter Cut-off Current
VEB = 5V, IC = 0
1
mA
hFE
*DC Current Gain
VCE = 4V, IC = 0.2A
VCE = 4V, IC = 1A
40
15
VCE(sat)
*Collector-Emitter Saturation Voltage
IC = 1A, IB = 0.2A
0.7
V
VBE(on)
*Base-Emitter ON Voltage
VCE = 4V, IC = 1A
1.3
V
BD239/A/B/C
Medium Power Linear and Switching
Applications
• Complement to BD240/A/B/C respectively
1.Base
2.Collector
3.Emitter
1
TO-220


Similar Part No. - BD239B

ManufacturerPart #DatasheetDescription
logo
Power Innovations Ltd
BD239B POINN-BD239B Datasheet
86Kb / 6P
   NPN SILICON POWER TRANSISTORS
logo
Fairchild Semiconductor
BD239B FAIRCHILD-BD239B Datasheet
27Kb / 3P
   Medium Power Linear and Switching Applications
logo
Bourns Electronic Solut...
BD239B BOURNS-BD239B Datasheet
106Kb / 5P
   NPN SILICON POWER TRANSISTORS
logo
Savantic, Inc.
BD239B SAVANTIC-BD239B Datasheet
90Kb / 3P
   Silicon NPN Power Transistors
logo
Inchange Semiconductor ...
BD239B ISC-BD239B Datasheet
132Kb / 3P
   Silicon NPN Power Transistors
More results

Similar Description - BD239B

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
BD234 FAIRCHILD-BD234 Datasheet
37Kb / 4P
   Medium Power Linear and Switching
logo
ON Semiconductor
BC676A ONSEMI-BC676A Datasheet
153Kb / 6P
   Medium Power Linear and Switching
Rev. B, September 2002
logo
Boca Semiconductor Corp...
2N6121 BOCA-2N6121 Datasheet
27Kb / 2P
   Medium Power Linear and Switching Applications
logo
Fairchild Semiconductor
BD238S FAIRCHILD-BD238S Datasheet
43Kb / 4P
   Medium Power Linear and Switching Applications
BD677AS FAIRCHILD-BD677AS Datasheet
230Kb / 4P
   Medium Power Linear and Switching Applications
logo
Comset Semiconductor
BD241 COMSET-BD241 Datasheet
104Kb / 3P
   MEDIUM POWER LINEAR AND SWITCHING APPLICATIONS
BD242 COMSET-BD242 Datasheet
104Kb / 3P
   MEDIUM POWER LINEAR AND SWITCHING APPLICATIONS
logo
Fairchild Semiconductor
BD241 FAIRCHILD-BD241 Datasheet
27Kb / 3P
   Medium Power Linear and Switching Applications
BD242 FAIRCHILD-BD242 Datasheet
27Kb / 3P
   Medium Power Linear and Switching Applications
BD376 FAIRCHILD-BD376 Datasheet
42Kb / 4P
   Medium Power Linear and Switching Applications
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com