Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

74VHC153SJ Datasheet(PDF) 1 Page - Fairchild Semiconductor

Part # 74VHC153SJ
Description  Dual 4-Input Multiplexer
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FAIRCHILD [Fairchild Semiconductor]
Direct Link  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

74VHC153SJ Datasheet(HTML) 1 Page - Fairchild Semiconductor

  74VHC153SJ Datasheet HTML 1Page - Fairchild Semiconductor 74VHC153SJ Datasheet HTML 2Page - Fairchild Semiconductor 74VHC153SJ Datasheet HTML 3Page - Fairchild Semiconductor 74VHC153SJ Datasheet HTML 4Page - Fairchild Semiconductor 74VHC153SJ Datasheet HTML 5Page - Fairchild Semiconductor 74VHC153SJ Datasheet HTML 6Page - Fairchild Semiconductor 74VHC153SJ Datasheet HTML 7Page - Fairchild Semiconductor 74VHC153SJ Datasheet HTML 8Page - Fairchild Semiconductor 74VHC153SJ Datasheet HTML 9Page - Fairchild Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 1 / 9 page
background image
tm
May 2007
©1993 Fairchild Semiconductor Corporation
www.fairchildsemi.com
74VHC153 Rev. 1.2
74VHC153
Dual 4-Input Multiplexer
Features
High Speed: tPD = 5.0ns at TA = 25°C
Low power dissipation: ICC = 4µA (Max.) at TA = 25°C
High noise immunity: VNIH = VNIL = 28% VCC (Min.)
Power down protection is provided on all inputs
Pin and function compatible with 74HC153
General Description
The VHC153 is an advanced high-speed CMOS device
fabricated with silicon gate CMOS technology. It
achieves the high-speed operation similar to equivalent
Bipolar Schottky TTL while maintaining the CMOS low
power dissipation. The VHC153 is a high-speed Dual
4-Input Multiplexer with common select inputs and indi-
vidual enable inputs for each section. It can select two
lines of data from four sources. The two buffered outputs
present data in the true (non-inverted) form. In addition
to multiplexer operation, the VHC153 can act as a func-
tion generator and generate any two functions of three
variables. An input protection circuit insures that 0V to
7V can be applied to the input pins without regard to the
supply voltage. This device can be used to interface 5V
to 3V systems and two supply systems such as battery
backup. This circuit prevents device destruction due to
mismatched supply and input voltages.
Ordering Information
Surface mount packages are also available on Tape and Reel. Specify by appending the suffix letter “X” to the
ordering number.
Connection Diagram
Pin Description
Order
Number
Package
Number
Package Description
74VHC153M
M16A
16-Lead Small Outline Integrated Circuit (SOIC), JEDEC MS-012, 0.150" Narrow
74VHC153SJ
M16D
16-Lead Small Outline Package (SOP), EIAJ TYPE II, 5.3mm Wide
74VHC153MTC
MTC16
16-Lead Thin Shrink Small Outline Package (TSSOP), JEDEC MO-153, 4.4mm
Wide
Pin Names
Description
I0a–I3a
Side A Data Inputs
I0b–I3b
Side B Data Inputs
S0, S1
Common Select Inputs
Ea
Side A Enable Input
Eb
Side B Enable Input
Za
Side A Output
Zb
Side B Output


Similar Part No. - 74VHC153SJ

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
74VHC153SJ FAIRCHILD-74VHC153SJ Datasheet
70Kb / 7P
   Dual 4-Input Multiplexer
74VHC153SJ FAIRCHILD-74VHC153SJ Datasheet
255Kb / 9P
   Dual 4-Input Multiplexer
More results

Similar Description - 74VHC153SJ

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
74AC153 FAIRCHILD-74AC153 Datasheet
98Kb / 9P
   Dual 4-Input Multiplexer
logo
National Semiconductor ...
54AC153 NSC-54AC153 Datasheet
150Kb / 8P
   Dual 4-Input Multiplexer
logo
Nexperia B.V. All right...
74HC153-Q100 NEXPERIA-74HC153-Q100 Datasheet
236Kb / 14P
   Dual 4-input multiplexer
logo
Motorola, Inc
MC74AC352 MOTOROLA-MC74AC352 Datasheet
189Kb / 7P
   DUAL 4-INPUT MULTIPLEXER
logo
National Semiconductor ...
MM74HC153 NSC-MM74HC153 Datasheet
111Kb / 4P
   Dual 4-Input Multiplexer
logo
NXP Semiconductors
74ALS153 PHILIPS-74ALS153 Datasheet
110Kb / 9P
   Dual 4-input multiplexer
1991 Feb 08
logo
National Semiconductor ...
54F153DM NSC-54F153DM Datasheet
167Kb / 10P
   Dual 4-Input Multiplexer
logo
AVG Semiconductors(HITE...
DV74ACT153 AVG-DV74ACT153 Datasheet
300Kb / 4P
   Dual 4-Input Multiplexer
logo
Motorola, Inc
MC5474F352 MOTOROLA-MC5474F352 Datasheet
68Kb / 3P
   DUAL 4-INPUT MULTIPLEXER
logo
ON Semiconductor
MC74AC153 ONSEMI-MC74AC153_15 Datasheet
100Kb / 9P
   Dual 4-Input Multiplexer
January, 2015 ??Rev. 8
logo
Motorola, Inc
SN54LS352 MOTOROLA-SN54LS352 Datasheet
160Kb / 5P
   DUAL 4-INPUT MULTIPLEXER
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com