Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

PXA91103P01 Datasheet(PDF) 6 Page - List of Unclassifed Manufacturers

Part # PXA91103P01
Description  Buccaneer짰 Connectors
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

PXA91103P01 Datasheet(HTML) 6 Page - List of Unclassifed Manufacturers

Back Button PXA91103P01 Datasheet HTML 2Page - List of Unclassifed Manufacturers PXA91103P01 Datasheet HTML 3Page - List of Unclassifed Manufacturers PXA91103P01 Datasheet HTML 4Page - List of Unclassifed Manufacturers PXA91103P01 Datasheet HTML 5Page - List of Unclassifed Manufacturers PXA91103P01 Datasheet HTML 6Page - List of Unclassifed Manufacturers PXA91103P01 Datasheet HTML 7Page - List of Unclassifed Manufacturers PXA91103P01 Datasheet HTML 8Page - List of Unclassifed Manufacturers PXA91103P01 Datasheet HTML 9Page - List of Unclassifed Manufacturers PXA91103P01 Datasheet HTML 10Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 20 page
background image
18
Fax: +44 (0) 20 8507 2691
Email: sales@Bulgin.co.uk
Buccaneer® Connectors
Electrical:
No Poles:
2,3
4,5
7*
Current Rating:
32A
32A
32A
30A, CSA
25A, CSA
Voltage Rating:
600V ac/dc
600V ac/dc 430V ac/dc
Contact Resistance:
<10m
Ω (initial)
Insulation Resistance:
>106M
Ω (@ 500V dc)
Dielectric strength:
2.2kV ac min
AC Breakdown voltage:
6kV a.c. min.
Operating
Temperature Range:
–40°C to +85°C
Approvals:
* approvals pending
900 Series Buccaneer®
Mechanical:
Sealing:
IP68, EN60529IP68 tested @ 15lb/sq.in.
(10m depth) for 2 weeks
Cable Acceptance:
PX0911-PX0921 13 - 15mm O/D standard,
7-13mm with gland pack
PXA911-PXA921 20 - 22mm O/D standard,
14 - 20mm with gland pack
Contact Accommodation:
2.5 (13AWG) to 4mm2 (10AWG) conductor,
single or multi stranded
Termination:
Axial screw terminals
Cable Retention force:
15mm dia, 150N
7mm dia, 80N
Tightening Torques:
Panel mount nut
2.25 Nm
Cable gland nut
1.69 Nm
Flange & Bulkhead
fixing screws
0.9 Nm
Dimensions:
Overall dimensions of connectors when mated together
PX0911 + PX0921
230 mm max.
PXA911 + PXA921
270 mm max.
PX0911 + PX0931
135 mm max. (to panel)
PXA911 + PX0931
175 mm max. (to panel)
PX0911 + PX0941
145 mm max. (to panel, mid point on flange)
PXA911 + PX0941
174 mm max. (to panel, mid point on flange)
Material:
Body Mouldings:
Polyamide
Flammibilty Rating:
UL94V-0
UV Resistance:
To EN50021: 1999
Contacts:
Machined Solid Brass, Nickel plated
O Rings:
Nitrile
Panel Sealing Gasket:
Silicone Rubber
Specification


Similar Part No. - PXA91103P01

ManufacturerPart #DatasheetDescription
logo
Elektron Components Ltd...
PXA980 BULGIN-PXA980 Datasheet
451Kb / 6P
   900 Series Buccaneer짰
More results

Similar Description - PXA91103P01

ManufacturerPart #DatasheetDescription
logo
Elektron Components Ltd...
PX0415 BULGIN-PX0415 Datasheet
209Kb / 3P
   SMB Buccaneer짰
PX0417 BULGIN-PX0417 Datasheet
327Kb / 4P
   FireWire Buccaneer짰
PX0840 BULGIN-PX0840 Datasheet
552Kb / 6P
   USB Buccaneer짰
SA3159 BULGIN-SA3159 Datasheet
343Kb / 4P
   Mini Buccaneer짰
PX0836 BULGIN-PX0836 Datasheet
458Kb / 6P
   Ethernet Buccaneer짰
PX0482 BULGIN-PX0482 Datasheet
509Kb / 6P
   400 Series Buccaneer짰
PX0911 BULGIN-PX0911 Datasheet
451Kb / 6P
   900 Series Buccaneer짰
logo
Switchcraft, Inc.
AAA3FPBAUZ SWITCH-AAA3FPBAUZ Datasheet
195Kb / 2P
   CONNECTORS & RECEPTACLES AAA CONNECTORS
logo
Adels-Contact
112003B1 ADELS-112003B1 Datasheet
118Kb / 1P
   Screwless Connectors Block Connectors
06/01/2020
040015 ADELS-040015 Datasheet
119Kb / 2P
   Screwless Connectors Luminaire Connectors
06/01/2020
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com