Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

PX093107S02 Datasheet(PDF) 7 Page - List of Unclassifed Manufacturers

Part # PX093107S02
Description  Buccaneer짰 Connectors
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

PX093107S02 Datasheet(HTML) 7 Page - List of Unclassifed Manufacturers

Back Button PX093107S02 Datasheet HTML 3Page - List of Unclassifed Manufacturers PX093107S02 Datasheet HTML 4Page - List of Unclassifed Manufacturers PX093107S02 Datasheet HTML 5Page - List of Unclassifed Manufacturers PX093107S02 Datasheet HTML 6Page - List of Unclassifed Manufacturers PX093107S02 Datasheet HTML 7Page - List of Unclassifed Manufacturers PX093107S02 Datasheet HTML 8Page - List of Unclassifed Manufacturers PX093107S02 Datasheet HTML 9Page - List of Unclassifed Manufacturers PX093107S02 Datasheet HTML 10Page - List of Unclassifed Manufacturers PX093107S02 Datasheet HTML 11Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 20 page
background image
www.Bulgin.co.uk
Tel: +44 (0) 20 8594 5588
19
Buccaneer® Connectors
Gland Nut
Flex Body Moulding
Locking Ring
Snap-on Connection for
Flexible Straps & Covers
Gland Cage
Gland
Seals
Insert Retaining Rings
Castellated/Hex Nut
Contact Inserts
Standard Buccaneer®
Diameter over coupling ring 38mm
2, 3, 4, 6, 7, 9 and 25 pole
10A, 250V a.c. 2 & 3 pole screw terminal
6A, 250V a.c. 4 pole screw terminal
3A, 250V a.c. 6 and 7 pole screw terminal
5A, 150V a.c. 9 pole crimp contacts
1A, 50V a.c. 25 pole crimp or solder contacts
Plug or socket connection in each body style
Positive locating keyways - cannot be mis-connected
Compact design
UL, CSA and VDE approvals
Water and dustproof to IP68 when mated
IP68 rating tested at 15lb/sq in (10m depth) for 2
weeks and 140lb/sq in (100m depth) for 12 hours
Sealing caps available to maintain IP68 rating of
unmated connectors
5 body styles - flex & in-line flex, panel - single
hole & flange mounting
Leading earth contact for 3 pole socket version
Easy assembly - no special tools required on screw
terminal versions
Cable range from 3.5mm - 9mm


Similar Part No. - PX093107S02

ManufacturerPart #DatasheetDescription
logo
Elektron Components Ltd...
PX0931/02/P BULGIN-PX0931/02/P Datasheet
451Kb / 6P
   900 Series Buccaneer짰
PX0931/02/S BULGIN-PX0931/02/S Datasheet
451Kb / 6P
   900 Series Buccaneer짰
PX0931/03/P BULGIN-PX0931/03/P Datasheet
451Kb / 6P
   900 Series Buccaneer짰
PX0931/03/S BULGIN-PX0931/03/S Datasheet
451Kb / 6P
   900 Series Buccaneer짰
PX0931/04/P BULGIN-PX0931/04/P Datasheet
451Kb / 6P
   900 Series Buccaneer짰
More results

Similar Description - PX093107S02

ManufacturerPart #DatasheetDescription
logo
Elektron Components Ltd...
PX0415 BULGIN-PX0415 Datasheet
209Kb / 3P
   SMB Buccaneer짰
PX0417 BULGIN-PX0417 Datasheet
327Kb / 4P
   FireWire Buccaneer짰
PX0840 BULGIN-PX0840 Datasheet
552Kb / 6P
   USB Buccaneer짰
SA3159 BULGIN-SA3159 Datasheet
343Kb / 4P
   Mini Buccaneer짰
PX0836 BULGIN-PX0836 Datasheet
458Kb / 6P
   Ethernet Buccaneer짰
PX0482 BULGIN-PX0482 Datasheet
509Kb / 6P
   400 Series Buccaneer짰
PX0911 BULGIN-PX0911 Datasheet
451Kb / 6P
   900 Series Buccaneer짰
logo
Switchcraft, Inc.
AAA3FPBAUZ SWITCH-AAA3FPBAUZ Datasheet
195Kb / 2P
   CONNECTORS & RECEPTACLES AAA CONNECTORS
logo
Adels-Contact
112003B1 ADELS-112003B1 Datasheet
118Kb / 1P
   Screwless Connectors Block Connectors
06/01/2020
040015 ADELS-040015 Datasheet
119Kb / 2P
   Screwless Connectors Luminaire Connectors
06/01/2020
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com